Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTS7960P Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # BTS7960P
Description  High Current PN Half Bridge NovalithIC 43 A, 7 m?? 9 m?
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS7960P Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button BTS7960P Datasheet HTML 3Page - Infineon Technologies AG BTS7960P Datasheet HTML 4Page - Infineon Technologies AG BTS7960P Datasheet HTML 5Page - Infineon Technologies AG BTS7960P Datasheet HTML 6Page - Infineon Technologies AG BTS7960P Datasheet HTML 7Page - Infineon Technologies AG BTS7960P Datasheet HTML 8Page - Infineon Technologies AG BTS7960P Datasheet HTML 9Page - Infineon Technologies AG BTS7960P Datasheet HTML 10Page - Infineon Technologies AG BTS7960P Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
High Current PN Half Bridge
BTS 7960
Maximum Ratings
Data Sheet
6
Rev. 1.1, 2004-12-07
3
Maximum Ratings
Note: Maximum ratings are absolute ratings; exceeding any one of these values may
cause irreversible damage to the device. Exposure to maximum rating conditions
for extended periods of time may affect device reliability
-40
°C < T
j < 150 °C (unless otherwise specified)
Pos
Parameter
Symbol
Limits
Unit
Test Condition
min
max
Electrical Maximum Ratings
3.0.1
Supply voltage
VVS
-0.3
45
V
3.0.2
Logic Input Voltage
VIN
VINH
-0.3
5.3
V
3.0.3
HS/LS continuous drain
current
ID(HS)
ID(LS)
-40
401)
1) Maximum reachable current may be smaller depending on current limitation level
A
TC < 85°C
switch active
3.0.4
HS pulsed drain current
ID(HS)
-60
601)
A
TC < 85°C
tpulse = 10ms
3.0.5
LS pulsed drain current
ID(LS)
-60
601)
A
3.0.6
Voltage at SR pin
VSR
-0.3
1.0
V
3.0.7
Voltage between VS and
IS pin
VVS -VIS -0.3
45
V
3.0.8
Voltage at IS pin
VIS
-20
45
V
Thermal Maximum Ratings
3.0.9
Junction temperature
T
j
-40
150
°C
3.0.10 Storage temperature
T
stg
-55
150
°C
ESD Susceptibility
3.0.11 ESD susceptibility HBM
IN, INH, SR, IS
OUT, GND, VS
VESD
-2
-6
2
6
kV
according to EIA/
JESD 22-A 114B


Similar Part No. - BTS7960P

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS7904B INFINEON-BTS7904B Datasheet
212Kb / 13P
   OptiMOS -T PN Half Bridge
V1.0 2008-07-18
BTS7904S INFINEON-BTS7904S Datasheet
211Kb / 13P
   OptiMOS -T PN Half Bridge
V1.0 2008-07-08
BTS7930B INFINEON-BTS7930B Datasheet
815Kb / 28P
   High Current PN Half Bridge NovalithIC 30 A, 10 m?? 18 m??typ.
Rev. 2.0, June 2006
BTS7970B INFINEON-BTS7970B Datasheet
305Kb / 28P
   High Current PN Half Bridge NovalithIC 68 A, 7 m?? 9 m??typ.
Rev. 2.0, 2006-05-09
More results

Similar Description - BTS7960P

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS7970B INFINEON-BTS7970B Datasheet
305Kb / 28P
   High Current PN Half Bridge NovalithIC 68 A, 7 m?? 9 m??typ.
Rev. 2.0, 2006-05-09
BTN7933B INFINEON-BTN7933B Datasheet
737Kb / 26P
   High Current PN Half Bridge NovalithIC
Rev. 1.0, Sept. 2009
BTS7930B INFINEON-BTS7930B Datasheet
815Kb / 28P
   High Current PN Half Bridge NovalithIC 30 A, 10 m?? 18 m??typ.
Rev. 2.0, June 2006
BTN7975B INFINEON-BTN7975B Datasheet
709Kb / 26P
   High Current PN Half Bridge NovalithIC
Rev. 1.0, March 2009
BTN7963B INFINEON-BTN7963B Datasheet
735Kb / 26P
   High Current PN Half Bridge NovalithIC
Rev. 1.0, Sept. 2009
BTN7930 INFINEON-BTN7930 Datasheet
784Kb / 28P
   High Current PN Half Bridge NovalithIC
Rev. 1.1, Nov. 2007
BTN7970 INFINEON-BTN7970 Datasheet
780Kb / 28P
   High Current PN Half Bridge NovalithIC
Rev. 1.1, Nov. 2007
BTN8960TAAUMA1 INFINEON-BTN8960TAAUMA1 Datasheet
1Mb / 27P
   High Current PN Half Bridge NovalithIC?
Rev. 1.0, 2013-01-31
BTN7973B INFINEON-BTN7973B Datasheet
735Kb / 26P
   High Current PN Half Bridge NovalithIC
Rev. 1.0, Sept. 2009
BTN7960 INFINEON-BTN7960 Datasheet
784Kb / 28P
   High Current PN Half Bridge NovalithIC
Rev. 1.1, Nov. 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com