Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S82J-10005D Datasheet(PDF) 11 Page - Omron Electronics LLC

Part # S82J-10005D
Description  Compact and Economical Switch mode Power Supplies with Capacities Up to 600W
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

S82J-10005D Datasheet(HTML) 11 Page - Omron Electronics LLC

Back Button S82J-10005D Datasheet HTML 7Page - Omron Electronics LLC S82J-10005D Datasheet HTML 8Page - Omron Electronics LLC S82J-10005D Datasheet HTML 9Page - Omron Electronics LLC S82J-10005D Datasheet HTML 10Page - Omron Electronics LLC S82J-10005D Datasheet HTML 11Page - Omron Electronics LLC S82J-10005D Datasheet HTML 12Page - Omron Electronics LLC S82J-10005D Datasheet HTML 13Page - Omron Electronics LLC S82J-10005D Datasheet HTML 14Page - Omron Electronics LLC S82J-10005D Datasheet HTML 15Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Switching Power Supply
S82J
L-89
Engineering Data
I Derating Curve
10-/25-/50-/100-/150-W Model
300-W Model
600-W Model
Note: Provide a minimum clearance of 20 mm between the Power Supplies.
Natural air-cooling
Natural air-cooling
Open-frame type
Ambient temperature (
°C)
Covered-type
Ambient temperature (
°C)
Standard Installation
Forced air-cooling (1 m
3/min)
Forced air-cooling
(1 m
3/min)
Note: The derating curve shown is for
standard installation. The derating
curve depends on the mounting
direction of the Power Supply.
120
120
100
100
Single Operation
Parallel Operation
Standard mounting
20 mm min.
20 mm min.
20 mm min.
20 mm min.
Ambient temperature (
°C)
Ambient temperature (
°C)
Forced air-cooling
(1 m
3/min)
(Standard mounting)
Natural air-cooling
(Standard mounting)
Forced air-cooling
(1 m
3/min)
(Side mounting)
Natural cooling
(Side mounting)
Forced air-cooling
(1 m
3/min)
(Standard mounting)
Natural air-cooling
(Standard
mounting)
Forced air-cooling
(1 m
3/min)
(Side mounting)
Natural cooling
(Side mounting)
120
100
100
120
Single Operation
Parallel Operation
Standard Mounting
Ambient temperature (
°C)
Ambient temperature (
°C)
20 mm min.
20 mm min.
20 mm min.
20 mm min.


Similar Part No. - S82J-10005D

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
S8200 KODENSHI-S8200 Datasheet
186Kb / 10P
   Linear LED Driver IC
logo
Seiko Instruments Inc
S8200A SII-S8200A Datasheet
709Kb / 36P
   BATTERY PROTECTION IC FOR 1-CELL PACK
logo
Polyfet RF Devices
S8201 POLYFET-S8201 Datasheet
37Kb / 2P
   SILICON GATE ENHANCEMENT MODE RF POWER VDMOS TRANSISTOR
logo
Satco Products, Inc.
S8201 SATCO-S8201 Datasheet
124Kb / 1P
   9 watt; Mini Spiral Compact Fluorescent; 2700K; 82 CRI; GU24 base; 120 volts
logo
Harwin Plc
S8201-46R HARWIN-S8201-46R Datasheet
129Kb / 1P
   COIN CELL RETAINER (12mm) (TAPE REELED)
More results

Similar Description - S82J-10005D

ManufacturerPart #DatasheetDescription
logo
EPCOS
B57153S0479M000 EPCOS-B57153S0479M000 Datasheet
62Kb / 3P
   Switch-mode power supplies
B57364S0109M000 EPCOS-B57364S0109M000 Datasheet
55Kb / 3P
   Switch-mode power supplies
B57464S0109M000 EPCOS-B57464S0109M000 Datasheet
62Kb / 3P
   Switch-mode power supplies
B57235S0509M000 EPCOS-B57235S0509M000 Datasheet
62Kb / 3P
   Switch-mode power supplies
B57236S0259M000 EPCOS-B57236S0259M000 Datasheet
62Kb / 3P
   Switch-mode power supplies
B57236S0259L002 EPCOS-B57236S0259L002 Datasheet
64Kb / 3P
   Switch-mode power supplies
B57237S0109M000 EPCOS-B57237S0109M000 Datasheet
55Kb / 3P
   Switch-mode power supplies
B57238S0259M000 EPCOS-B57238S0259M000_1 Datasheet
62Kb / 3P
   Switch-mode power supplies
logo
Mean Well Enterprises C...
LAD-600 MEANWELL-LAD-600 Datasheet
1Mb / 12P
   600W Economical Security/Fire Alarm PSU with Battery Charger/UPS
2022-10-14
logo
Transko Electronics, In...
TF-8072-ND TRANSKO-TF-8072-ND Datasheet
314Kb / 3P
   Low-loss, compact, and economical SAW filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com