Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WMA-1005G4 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # WMA-1005G4
Description  10-15Watts Single Output Wallmount adapter WMA series
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

WMA-1005G4 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  WMA-1005G4 Datasheet HTML 1Page - List of Unclassifed Manufacturers WMA-1005G4 Datasheet HTML 2Page - List of Unclassifed Manufacturers WMA-1005G4 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
10-15Watts Single Output Wallmount adapter
WMA series
Date: Sep 19,2003
66
Model Selection Table:
Model No.
Output
Voltage
Output Current
Minimum
Output Current
Maximum
Max.
Power
WMA-1201 YZ
5V
0mA
2500mA
12.5W
WMA-1005 YZ
3.3V
0mA
3000mA
10W
- Others output voltage or output cord versions are available. Please consult factory for details.
Dimensions: mm ± 1.0mm
¬
Order information: WMA-XXXXY Z
Input Connector Type.
DC output plugs type.
Model No.


Similar Part No. - WMA-1005G4

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
WMA.01.301151 TAOGLAS-WMA.01.301151 Datasheet
765Kb / 16P
   Flexible Mounting
logo
List of Unclassifed Man...
WMA01301151 ETC2-WMA01301151 Datasheet
789Kb / 15P
   Trinity 3dBi 2.4-2.5GHz MIMO Antenna Wi-fi/ISM Bands/ZigBee/WLAN/Bluetooth
logo
Taoglas antenna solutio...
WMA01301151 TAOGLAS-WMA01301151 Datasheet
765Kb / 16P
   Trinity 3dBi 2.4/2.5GHz MIMO Antenna
logo
Wall Industries,Inc.
WMAPU10 WALL-WMAPU10 Datasheet
282Kb / 4P
   8~10 Watts AC/DC Wall Mount Power Supplies
WMAPU10-102 WALL-WMAPU10-102 Datasheet
282Kb / 4P
   8~10 Watts AC/DC Wall Mount Power Supplies
More results

Similar Description - WMA-1005G4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DDA-001 ETC2-DDA-001 Datasheet
47Kb / 2P
   15Watts 5.0V Output External Adapter
Sep 19, 2003.
logo
Qualtek Electronics Cor...
QPD-15 QUALTEK-QPD-15 Datasheet
2Mb / 2P
   15Watts Single Output
logo
Phihong USA Inc.
PSS45W-090 PHIHONG-PSS45W-090 Datasheet
182Kb / 2P
   Single Output Adapter Series
logo
HITRON ELECTRONICS CORP...
HES10 HITRON-HES10 Datasheet
364Kb / 4P
   AC/DC EXTERNAL WALLMOUNT & DESKTOP ADAPTER UNIVERSAL OR USA INPUT SINGLE & DUAL OUTPUT 10-12 WATTS SWITCHING POWER SUPPLIES
HES25 HITRON-HES25 Datasheet
317Kb / 2P
   AC/DC EXTERNAL WALLMOUNT ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 20-36 WATTS SWITCHING POWER SUPPLIES
HDM15-S HITRON-HDM15-S Datasheet
238Kb / 4P
   ON-BOARD DC-DC CONVERTER ENCAPSULATED MODULES 15WATTS SINGLE & DUAL OUTPUT
logo
List of Unclassifed Man...
SPD-060 ETC2-SPD-060 Datasheet
75Kb / 1P
   60W, Single Output Adapter
logo
HITRON ELECTRONICS CORP...
HEG24 HITRON-HEG24 Datasheet
339Kb / 2P
   AC/DC EXTERNAL WALLMOUNT ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 24 WATTS GREEN POWER SWITCHING POWER SUPPLIES
HES18 HITRON-HES18 Datasheet
330Kb / 2P
   AC/DC EXTERNAL WALLMOUNT & DESKTOP ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 16-18 WATTS SWITCHING POWER SUPPLIES
HES12 HITRON-HES12 Datasheet
300Kb / 2P
   AC/DC EXTERNAL WALLMOUNT & DESKTOP ADAPTER UNIVERSAL OR USA INPUT SINGLE OUTPUT 12 WATTS SWITCHING POWER SUPPLIES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com