Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP000092062 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # SP000092062
Description  Smart High-Side Power Switch PROFET One Channel, 10 m?
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SP000092062 Datasheet(HTML) 4 Page - Infineon Technologies AG

  SP000092062 Datasheet HTML 1Page - Infineon Technologies AG SP000092062 Datasheet HTML 2Page - Infineon Technologies AG SP000092062 Datasheet HTML 3Page - Infineon Technologies AG SP000092062 Datasheet HTML 4Page - Infineon Technologies AG SP000092062 Datasheet HTML 5Page - Infineon Technologies AG SP000092062 Datasheet HTML 6Page - Infineon Technologies AG SP000092062 Datasheet HTML 7Page - Infineon Technologies AG SP000092062 Datasheet HTML 8Page - Infineon Technologies AG SP000092062 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
Smart High-Side Power Switch
BTS 6123B
Data Sheet
4
V1.0, 2005-12-15
Protective Functions
•ReverSave
, channel switches on in case of reverse polarity
• Reverse battery protection without external components
• Short circuit protection with latch
• Over-load protection
• Multi-step current limitation
• Thermal shutdown with restart
• Over-voltage protection (including load dump)
• Loss of ground protection
• Loss of Vbb protection (with external diode for charged inductive loads)
• Electrostatic discharge protection (ESD)
Diagnostic Functions
• Proportional load current sense (with defined fault signal in case of overload
operation, over temperature shutdown and/or short circuit shutdown)
• Open load detection in ON-state by load current sense
Applications
• µC compatible high-side power switch with diagnostic feedback for 12 V grounded
loads
• All types of resistive, inductive and capacitive loads
• Most suitable for loads with high inrush currents, so as lamps
• Replaces electromechanical relays, fuses and discrete circuits


Similar Part No. - SP000092062

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SP000092063 INFINEON-SP000092063 Datasheet
906Kb / 30P
   Smart High-Side Power Switch PROFET One Channel, 10 m?
V1.0, December 2005
More results

Similar Description - SP000092062

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS6123P INFINEON-BTS6123P Datasheet
906Kb / 30P
   Smart High-Side Power Switch PROFET One Channel, 10 m?
V1.0, December 2005
BTS50090-1TMB INFINEON-BTS50090-1TMB Datasheet
528Kb / 27P
   Smart High-Side Power Switch PROFET One Channel
Rev. 1.0, Feb. 2008
BTS50080-1TEB INFINEON-BTS50080-1TEB Datasheet
576Kb / 27P
   Smart High-Side Power Switch PROFET??One Channel
Rev. 1.0, Aug. 2008
BTS6142D INFINEON-BTS6142D Datasheet
337Kb / 30P
   Smart High-Side Power Switch PROFET One Channel, 12 m?
V1.0, October 2005
BTS5016SDA INFINEON-BTS5016SDA Datasheet
564Kb / 27P
   Smart High-Side Power Switch PROFET??One Channel
Rev. 1.1, Nov. 2008
BTS50070-1TMB INFINEON-BTS50070-1TMB Datasheet
559Kb / 27P
   Smart High-Side Power Switch PROFET??One Channel
Rev. 1.0, Sept. 2008
BTS5014SDA INFINEON-BTS5014SDA Datasheet
564Kb / 27P
   Smart High-Side Power Switch PROFET??One Channel
Rev. 1.1, Nov. 2008
BTS50070-1TMA INFINEON-BTS50070-1TMA Datasheet
562Kb / 27P
   Smart High-Side Power Switch PROFET??One Channel
Rev. 1.0, Sept. 2008
BTS5012SDA INFINEON-BTS5012SDA Datasheet
566Kb / 27P
   Smart High-Side Power Switch PROFET??One Channel
Rev. 1.1, Nov. 2008
BTS50080-1TEA INFINEON-BTS50080-1TEA Datasheet
567Kb / 27P
   Smart High-Side Power Switch PROFET??One Channel
Rev. 1.0, Aug. 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com