Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

22224171XXX3 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 22224171XXX3
Description  Metallized polypropylene filter capacitors
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

22224171XXX3 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  22224171XXX3 Datasheet HTML 1Page - List of Unclassifed Manufacturers 22224171XXX3 Datasheet HTML 2Page - List of Unclassifed Manufacturers 22224171XXX3 Datasheet HTML 3Page - List of Unclassifed Manufacturers 22224171XXX3 Datasheet HTML 4Page - List of Unclassifed Manufacturers 22224171XXX3 Datasheet HTML 5Page - List of Unclassifed Manufacturers 22224171XXX3 Datasheet HTML 6Page - List of Unclassifed Manufacturers 22224171XXX3 Datasheet HTML 7Page - List of Unclassifed Manufacturers 22224171XXX3 Datasheet HTML 8Page - List of Unclassifed Manufacturers 22224171XXX3 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
2002 Oct 09
3
BCcomponents
Product specification
Metallized polypropylene filter capacitors
MKP 416 to 420
COMPOSITION OF CATALOGUE NUMBER
TYPE AND PITCHES
416
5.0/10.0/15.0 mm
417
5.0/10.0/15.0 mm
TYPE
PACKAGING
LEAD CONFIGURATION
PREFERRED TYPES
C-TOL
63 V
160 V
416
Taped
±2%
1
Loose in box
lead length 3.5 mm
±2%
7
417
Taped
±2%
1
Loose in box
lead length 3.5 mm
±2%
7
ON REQUEST
416
Taped
±5%
0
Loose in box
lead length 4.0 mm
±5%
3
±2%
4
lead length 3.5 mm
±5%
6
417
Taped
±5%
0
Loose in box
lead length 4.0 mm
±5%
3
±2%
4
lead length 3.5 mm
±5%
6
MULTIPLIER
(nF)
0.01
2
0.1
3
1
4
CAPACITANCE
(numerically)
Example:
1004
= 100 x 1 = 100 nF
2222
4..
X
XXX
X


Similar Part No. - 22224171XXX3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
2222405 VISHAY-2222405 Datasheet
134Kb / 3P
   Integrated Passive Device (Capacitor and Varistor)
Revision: 08-Aug-03
222246925104 VISHAY-222246925104 Datasheet
90Kb / 6P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 29-Aug-03
222246925105 VISHAY-222246925105 Datasheet
90Kb / 6P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 29-Aug-03
222246925124 VISHAY-222246925124 Datasheet
90Kb / 6P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 29-Aug-03
222246925154 VISHAY-222246925154 Datasheet
90Kb / 6P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 29-Aug-03
More results

Similar Description - 22224171XXX3

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32692 TDK-B32692_16 Datasheet
508Kb / 45P
   Metallized Polypropylene Capacitors
logo
Electronic Film Capacit...
1213DFR EFC-1213DFR Datasheet
14Kb / 1P
   Metallized Polypropylene Capacitors
1213TF EFC-1213TF Datasheet
12Kb / 1P
   Metallized Polypropylene Capacitors
1213TC EFC-1213TC Datasheet
12Kb / 1P
   Metallized Polypropylene Capacitors
1213EC EFC-1213EC Datasheet
12Kb / 1P
   Metallized Polypropylene Capacitors
1213EFRA EFC-1213EFRA Datasheet
13Kb / 1P
   Metallized Polypropylene Capacitors
1213EFRB EFC-1213EFRB Datasheet
14Kb / 1P
   Metallized Polypropylene Capacitors
1213EF EFC-1213EF Datasheet
12Kb / 1P
   Metallized Polypropylene Capacitors
logo
List of Unclassifed Man...
935 ETC-935 Datasheet
205Kb / 6P
   METALLIZED POLYPROPYLENE CAPACITORS
logo
RUBYCON CORPORATION
MPR RUBYCON-MPR Datasheet
60Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com