Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMF02 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # SMF02
Description  Stand-up miniature power resistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SMF02 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  SMF02 Datasheet HTML 1Page - List of Unclassifed Manufacturers SMF02 Datasheet HTML 2Page - List of Unclassifed Manufacturers SMF02 Datasheet HTML 3Page - List of Unclassifed Manufacturers SMF02 Datasheet HTML 4Page - List of Unclassifed Manufacturers SMF02 Datasheet HTML 5Page - List of Unclassifed Manufacturers SMF02 Datasheet HTML 6Page - List of Unclassifed Manufacturers SMF02 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
2001 Mar 15
6
BCcomponents
Product specification
Stand-up miniature power resistors
SMW02/03/05
SMF02/03/05
TESTS AND REQUIREMENTS
Essentially all tests are carried out in accordance with the
schedule of “IEC publications 60115-1 and 60115-4”,
category 40/200/56 (rated temperature range
−40 °Cto
+200
°C; damp heat, long term, 56 days). The testing also
covers the requirements specified by EIA and EIAJ.
The tests are carried out in accordance with IEC publication
60068, “Recommended basic climatic and mechanical
robustness testing procedure for electronic components”
and under standard atmospheric conditions according to
“IEC 60068-1”, subclause 5.3.
In Table 4 the tests and requirements are listed with
reference to the relevant clauses of
“IEC publications 60115-1, 60115-4 and 68”; a short
description of the test procedure is also given. In some
instances deviations from the IEC recommendations were
necessary for our method of specifying.
All soldering tests are performed with mildly activated flux.
Table 4
Test procedures and requirements
IEC
60115-1
CLAUSE
IEC
60068
TEST
METHOD
TEST
PROCEDURE
REQUIREMENTS
Tests in accordance with the schedule of IEC publication 60115-1
4.15
robustness of
resistor body
load 200
±10 N
no visible damage
∆R/R max.: ±0.5% + 0.05 Ω
4.16
U
robustness of
terminations:
Ua
tensile all samples
load 10 N; 10 s
no visible damage
∆R/R max.: ±0.5% + 0.05 Ω
4.17
Ta
solderability
2 s; 235
°C
good tinning; no damage
4.18
Tb
resistance to soldering
heat
thermal shock: 3 s; 350
°C;
2.5 mm from body
∆R/R max.: ±0.5% + 0.05 Ω
4.19
14 (Na)
rapid change of
temperature
30 minutes at
−40 °C and
30 minutes at +200
°C; 5 cycles
no visible damage
∆R/R max.: ±1% + 0.05 Ω
4.22
Fc
vibration
frequency 10 to 500 Hz; displacement
0.75 mm or acceleration 10 g;
3 directions; total 6 hours (3
× 2 hours)
no damage
∆R/R max.: ±0.5% + 0.05 Ω
4.20
Eb
bump
4000
±10 bumps; 390 m/s2
no damage
∆R/R max.: ±0.5% + 0.05 Ω
4.23
climatic sequence:
4.23.2
Ba
dry heat
16 hours; 200
°C
4.23.3
Db
damp heat
(accelerated)
1st cycle
24 hours; 55
°C; 95 to 100% RH
4.23.4
Aa
cold
2 hours;
−40 °C
4.23.5
M
low air pressure
1 hour; 8.5 kPa; 15 to 35
°C
4.23.6
Db
damp heat
(accelerated)
remaining cycles
5days; 55
°C; 95 to 100% RH
∆R/R max.: ±3% + 0.05 Ω


Similar Part No. - SMF02

ManufacturerPart #DatasheetDescription
logo
GS Yuasa Battery Sales ...
SMF020 GSYUASABATTERY-SMF020 Datasheet
299Kb / 1P
   GS SMF Battery
SMF027 GSYUASABATTERY-SMF027 Datasheet
360Kb / 1P
   Capacity (20-hour) 62Ah
More results

Similar Description - SMF02

ManufacturerPart #DatasheetDescription
logo
RCD COMPONENTS INC.
F1SQ-R100-JB RCD-F1SQ-R100-JB Datasheet
43Kb / 1P
   MINIATURE POWER FILM RESISTORS
logo
Riedon Powertron
UB5C-10RF1 RIEDON-UB5C-10RF1 Datasheet
158Kb / 2P
   Miniature Silicone Coated Power Resistors
UB15-1RF1 RIEDON-UB15-1RF1 Datasheet
158Kb / 2P
   Miniature Silicone Coated Power Resistors
UB3C-0R1F1 RIEDON-UB3C-0R1F1 Datasheet
142Kb / 2P
   Miniature Silicone Coated Power Resistors
UB15-15RF1 RIEDON-UB15-15RF1 Datasheet
142Kb / 2P
   Miniature Silicone Coated Power Resistors
UB-1 RIEDON-UB-1_16 Datasheet
158Kb / 2P
   Miniature Silicone Coated Power Resistors
UB15-10KF1 RIEDON-UB15-10KF1 Datasheet
142Kb / 2P
   Miniature Silicone Coated Power Resistors
UB3C-50RF1 RIEDON-UB3C-50RF1 Datasheet
158Kb / 2P
   Miniature Silicone Coated Power Resistors
UB3C-150RF1 RIEDON-UB3C-150RF1 Datasheet
142Kb / 2P
   Miniature Silicone Coated Power Resistors
UB5C-120RF1 RIEDON-UB5C-120RF1 Datasheet
142Kb / 2P
   Miniature Silicone Coated Power Resistors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com