Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PR02 Datasheet(PDF) 8 Page - Vishay Siliconix

Part # PR02
Description  Power Metal Film Resistors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PR02 Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button PR02 Datasheet HTML 4Page - Vishay Siliconix PR02 Datasheet HTML 5Page - Vishay Siliconix PR02 Datasheet HTML 6Page - Vishay Siliconix PR02 Datasheet HTML 7Page - Vishay Siliconix PR02 Datasheet HTML 8Page - Vishay Siliconix PR02 Datasheet HTML 9Page - Vishay Siliconix PR02 Datasheet HTML 10Page - Vishay Siliconix PR02 Datasheet HTML 11Page - Vishay Siliconix PR02 Datasheet HTML 12Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
www.vishay.com
For technical questions contact: ff3dresistors@vishay.com
Document Number: 28729
8
Revision: 24-Feb-04
PR01/02/03
Vishay BCcomponents
Power Metal Film Resistors
Interruption Characteristics
10 2
10
1
10 1
100
120
20
080
40
60
Poverload (W)
t
(s)
PR02 Time to interruption as a function of overload
power for range: 5 R ≤ Rn < 68 R.
This graph is based on measured data under constant voltage
conditions; the data may deviate according to the applications.
10 2
10
1
10 1
100
120
20
080
40
60
Poverload(W)
t
(s)
PR02 Time to interruption as a function of overload
power for range: 68 R ≤ Rn ≤ 560 R.
This graph is based on measured data under constant voltage
conditions; the data may deviate according to the applications.
Interruption Characteristics
10 2
10
1
10 1
250
50
0
200
100
150
P overload (W)
t
(s)
PR03 Time to interruption as a function of overload power
for range: 0.68 R ≤ Rn ≤ 560 R.
This graph is based on measured data under constant voltage
conditions; the data may deviate according to the applications.
200
0
0.4
1.2
0
0.8
40
80
120
160
∆ T
(K)
P (W)
PR01 Hot-spot temperature rise (∆T) as a
function of dissipated power.
Ø0.6 mm Cu-leads.
Application Information
100
0
0.4
1.2
0
0.8
20
40
60
80
∆ T
(K)
P (W)
15 mm
20 mm
25 mm
PR01 Temperature rise (∆T) at the lead end (soldering point) as a
function of dissipated power at various lead lengths after mounting.
Ø0.6 mm Cu-leads.
Minimum distance from resistor body to PCB = 1 mm.
200
0
0.4
1.2
0
0.8
40
80
120
160
∆T
(K)
P (W)
PR01 Hot-spot temperature rise (∆T) as a function
of dissipated power.
Ø0.6 mm FeCu-leads.


Similar Part No. - PR02

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PR02 VISHAY-PR02 Datasheet
193Kb / 20P
   Power Metal Film Leaded Resistors
Revision: 10-Sep-15
PR02 VISHAY-PR02 Datasheet
220Kb / 20P
   Power Metal Film Leaded Resistors
01-Jan-2022
PR02-FS VISHAY-PR02-FS Datasheet
164Kb / 8P
   High Pulse, Fusible, Non-Inductive, Flameproof, Metal Film Resistor
Revision: 15-Feb-17
PR02000201008JA100 VISHAY-PR02000201008JA100 Datasheet
209Kb / 16P
   Power Metal Film Leaded Resistors
Revision: 24-Jun-13
PR02000203000JR500 VISHAY-PR02000203000JR500 Datasheet
221Kb / 16P
   Power Metal Film Leaded Resistors
Revision: 14-Oct-09
More results

Similar Description - PR02

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
4800 TTELEC-4800_17 Datasheet
425Kb / 3P
   Metal Film Resistors Metal Film Resistors
logo
Riedon Powertron
PMF1 RIEDON-PMF1 Datasheet
291Kb / 1P
   Power Metal Film Resistors
logo
Welwyn Components Limit...
MF-S WELWYN-MF-S Datasheet
67Kb / 2P
   Power Metal Film Resistors
logo
IRC - a TT electronics ...
MFP16K8GR IRCTT-MFP16K8GR Datasheet
23Kb / 2P
   FLAMEPROOF POWER METAL FILM RESISTORS
logo
Vishay Siliconix
PR02000203000JR500 VISHAY-PR02000203000JR500 Datasheet
221Kb / 16P
   Power Metal Film Leaded Resistors
Revision: 14-Oct-09
28729 VISHAY-28729 Datasheet
221Kb / 16P
   Power Metal Film Leaded Resistors
Revision: 14-Oct-09
PR01000104708JR500 VISHAY-PR01000104708JR500 Datasheet
221Kb / 16P
   Power Metal Film Leaded Resistors
Revision: 14-Oct-09
logo
List of Unclassifed Man...
MFP2-33RJI ETC2-MFP2-33RJI Datasheet
361Kb / 2P
   Flameproof Power Metal Film Resistors
logo
Vishay Siliconix
PR01 VISHAY-PR01_15 Datasheet
193Kb / 20P
   Power Metal Film Leaded Resistors
Revision: 10-Sep-15
logo
Welwyn Components Limit...
MO1S WELWYN-MO1S Datasheet
236Kb / 2P
   Power Metal Oxide Film Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com