Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74ALS574A Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74ALS574A
Description  Latch flip-flop
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALS574A Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74ALS574A Datasheet HTML 3Page - NXP Semiconductors 74ALS574A Datasheet HTML 4Page - NXP Semiconductors 74ALS574A Datasheet HTML 5Page - NXP Semiconductors 74ALS574A Datasheet HTML 6Page - NXP Semiconductors 74ALS574A Datasheet HTML 7Page - NXP Semiconductors 74ALS574A Datasheet HTML 8Page - NXP Semiconductors 74ALS574A Datasheet HTML 9Page - NXP Semiconductors 74ALS574A Datasheet HTML 10Page - NXP Semiconductors 74ALS574A Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Philips Semiconductors
Product specification
74ALS573B/74ALS574A
Latch/flip-flop
1991 Feb 08
7
AC ELECTRICAL CHARACTERISTICS
LIMITS
SYMBOL
PARAMETER
TEST CONDITION
Tamb = 0°C to +70°C
VCC = +5.0V ± 10%
CL = 50pF, RL = 500Ω
UNIT
MIN
MAX
tPLH
tPHL
Propagation delay
Dn to Qn
Waveform 3
2.0
2.0
10.0
10.0
ns
tPLH
tPHL
Propagation delay
E to Qn
74ALS573B
Waveform 2
4.0
4.0
12.0
12.0
ns
tPZH
tPZL
Output enable time
to High or Low level
74ALS573B
Waveform 6
Waveform 7
2.0
4.0
9.0
11.0
ns
tPHZ
tPLZ
Output disable time
from High or Low level
Waveform 6
Waveform 7
1.0
2.0
9.0
11.0
ns
fMAX
Maximum clock frequency
Waveform 1
45
MHz
tPLH
tPHL
Propagation delay
CP to Qn
Waveform 1
3.0
4.0
12.0
12.0
ns
tPZH
tPZL
Output enable time
to High or Low level
74ALS574A
Waveform 6
Waveform 7
2.0
4.0
9.0
11.0
ns
tPHZ
tPLZ
Output disable time
from High or Low level
Waveform 6
Waveform 7
1.0
2.0
9.0
11.0
ns
AC SETUP CHARACTERISTICS
LIMITS
SYMBOL
PARAMETER
TEST CONDITION
Tamb = 0°C to +70°C
VCC = +5.0V ± 10%
CL = 50pF, RL = 500Ω
UNIT
MIN
MAX
tsu(H)
tsu(L)
Setup time, High or Low
Dn to E
Waveform 4
6.0
6.0
ns
th(H)
th(L)
Hold time, High or Low
Dn to E
74ALS573B
Waveform 4
6.0
6.0
ns
tw(H)
E Pulse width, High
Waveform 1
10.0
ns
tsu(H)
tsu(L)
Setup time, High or Low
Dn to CP
Waveform 5
6.0
6.0
ns
th(H)
th(L)
Hold time, High or Low
Dn to CP
74ALS574A
Waveform 5
1.0
1.0
ns
tw(H)
tw(L)
CP Pulse width,
High or Low
Waveform 5
8.0
12.0
ns


Similar Part No. - 74ALS574A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALS574A PHILIPS-74ALS574A Datasheet
143Kb / 13P
   Latch flip-flop
1991 Feb 08
74ALS574AD PHILIPS-74ALS574AD Datasheet
143Kb / 13P
   Latch flip-flop
1991 Feb 08
74ALS574ADB PHILIPS-74ALS574ADB Datasheet
143Kb / 13P
   Latch flip-flop
1991 Feb 08
74ALS574AN PHILIPS-74ALS574AN Datasheet
143Kb / 13P
   Latch flip-flop
1991 Feb 08
More results

Similar Description - 74ALS574A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F534 PHILIPS-74F534 Datasheet
97Kb / 12P
   Latch/flip-flop
1999 Jan 08
N74ALS573 PHILIPS-N74ALS573 Datasheet
143Kb / 13P
   Latch flip-flop
1991 Feb 08
74ALS373 PHILIPS-74ALS373 Datasheet
144Kb / 13P
   Latch/flip-flop
1991 Feb 08
74ALS563A PHILIPS-74ALS563A Datasheet
134Kb / 12P
   Latch flip/flop
1996 Jul 01
logo
Nexperia B.V. All right...
74F373 NEXPERIA-74F373 Datasheet
268Kb / 14P
   Latch/flip-flop
2002 Nov 20
logo
Microsemi Corporation
TSC370 MICROSEMI-TSC370 Datasheet
828Kb / 2P
   Flip-Flop
logo
National Semiconductor ...
MM54C373 NSC-MM54C373 Datasheet
170Kb / 8P
   Octal D-Type Latch Octal D-Type Flip-Flop
logo
Micrel Semiconductor
SY10EL35 MICREL-SY10EL35_06 Datasheet
50Kb / 4P
   JK FLIP-FLOP
SY55852U MICREL-SY55852U Datasheet
54Kb / 7P
   D FLIP-FLOP
logo
ON Semiconductor
MC10EP35 ONSEMI-MC10EP35 Datasheet
81Kb / 8P
   JK Flip Flop
Sep, 1999 ??Rev. 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com