Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MKP420 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # MKP420
Description  Metallized polypropylene filter capacitors
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MKP420 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button MKP420 Datasheet HTML 6Page - List of Unclassifed Manufacturers MKP420 Datasheet HTML 7Page - List of Unclassifed Manufacturers MKP420 Datasheet HTML 8Page - List of Unclassifed Manufacturers MKP420 Datasheet HTML 9Page - List of Unclassifed Manufacturers MKP420 Datasheet HTML 10Page - List of Unclassifed Manufacturers MKP420 Datasheet HTML 11Page - List of Unclassifed Manufacturers MKP420 Datasheet HTML 12Page - List of Unclassifed Manufacturers MKP420 Datasheet HTML 13Page - List of Unclassifed Manufacturers MKP420 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
2002 Oct 09
10
BCcomponents
Product specification
Metallized polypropylene filter capacitors
MKP 417
URdc =
=== 160 V; URac ==== 63 V; Up-p ==== 180 V
C
(E 24)
(
µµµµF)
DIMENSIONS
b
×××× h ×××× l
(mm)
MASS
(g)
CATALOGUE NUMBER 2222 417 ..... AND PACKAGING
REEL
LOOSE IN BOX
H
==== 18.5 mm; P0 ==== 12.7 mm
lt =
=== 4.0 ++++1.0/−−−−0.5 mm
C-tol
=±2%
last 5 digits of
catalogue number
SPQ
SPQ
Pitch
==== 5.0 ±±±±0.3 mm; dt ==== 0.50 ±±±±0.05 mm
0.024
4.5
× 9.0 × 7.2
0.45
12403
1000
2000
0.027
12703
0.03
13003
0.033
13303
0.036
6.0
× 11.0 × 7.2
0.60
13603
750
1500
0.039
13903
0.043
14303
0.047
14703
0.051
15103
0.056
15603
0.062
16203
0.068
16803
Pitch
==== 10.0 ±±±±0.4 mm; dt ==== 0.60 ±±±±0.06 mm
0.075
4.0
× 10.0 × 12.5
0.60
17503
750
1000
0.082
18203
0.091
19103
0.1
11004
0.11
5.0
× 11.0 × 12.5
0.85
11104
600
1000
0.12
11204
0.13
11304
0.15
11504
0.16
6.0
× 12.0 × 12.5
1.10
11604
500
750
0.18
11804
0.20
12004
0.22
12204
0.24
12404


Similar Part No. - MKP420

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP420 VISHAY-MKP420 Datasheet
346Kb / 12P
   Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 21-Nov-05
More results

Similar Description - MKP420

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32692 TDK-B32692_16 Datasheet
508Kb / 45P
   Metallized Polypropylene Capacitors
logo
Electronic Film Capacit...
1213DFR EFC-1213DFR Datasheet
14Kb / 1P
   Metallized Polypropylene Capacitors
1213TF EFC-1213TF Datasheet
12Kb / 1P
   Metallized Polypropylene Capacitors
1213TC EFC-1213TC Datasheet
12Kb / 1P
   Metallized Polypropylene Capacitors
1213EC EFC-1213EC Datasheet
12Kb / 1P
   Metallized Polypropylene Capacitors
1213EFRA EFC-1213EFRA Datasheet
13Kb / 1P
   Metallized Polypropylene Capacitors
1213EFRB EFC-1213EFRB Datasheet
14Kb / 1P
   Metallized Polypropylene Capacitors
1213EF EFC-1213EF Datasheet
12Kb / 1P
   Metallized Polypropylene Capacitors
logo
List of Unclassifed Man...
935 ETC-935 Datasheet
205Kb / 6P
   METALLIZED POLYPROPYLENE CAPACITORS
logo
RUBYCON CORPORATION
MPR RUBYCON-MPR Datasheet
60Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com