Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPC47M107S-MC Datasheet(PDF) 4 Page - SMSC Corporation

Part # LPC47M107S-MC
Description  100 Pin Enhanced Super I/O Controller with LPC Interface for Consumer Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M107S-MC Datasheet(HTML) 4 Page - SMSC Corporation

  LPC47M107S-MC Datasheet HTML 1Page - SMSC Corporation LPC47M107S-MC Datasheet HTML 2Page - SMSC Corporation LPC47M107S-MC Datasheet HTML 3Page - SMSC Corporation LPC47M107S-MC Datasheet HTML 4Page - SMSC Corporation LPC47M107S-MC Datasheet HTML 5Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
100 Pin Enhanced Super I/O Controller with LPC Interface for Consumer Applications
Revision 1.0 (05-13-05)
4
SMSC LPC47M10x
PRODUCT PREVIEW
Block Diagram
Figure 1 LPC47M10x Block Diagram
CLOCK
GEN
CLOCKI
14MHz
nINDEX
nTRK0
nDSKCHG
nWRPRT
nWGATE
DENSEL
nDIR
nSTEP
nHDSEL
nDS0
nMTR0
RDATA
RCLOCK
nWDATA
SMSC
PROPRIETARY
82077
COMPATIBLE
VERTICAL
FLOPPYDISK
CONTROLLER
CORE
DIGITAL
DATA
SEPARATOR
WITH WRITE
PRECOM-
PENSATION
DRVDEN0
DRVDEN1*
Vcc Vss
CLK32
32KHz
VTR
nRDATA
nDSR2, nDCD2, nRI2, nDTR2
*
8042
KCLK
KDATA
MCLK
MDATA
GATEA20, KRESET
*
Denotes Multifunction Pins
MPU-401
SERIAL
PORT
MIDI_IN
MIDI_OUT
nDSR1, nDCD1, nRI1, nDTR1
TXD1, nCTS1, nRTS1
nINIT, nALF
MULTI-MODE
PARALLEL
PORT
MUX
16C550
COMPATIBLE
SERIAL
PORT 1
16C550
COMPATIBLE
SERIAL
PORT 2 WITH
INFRARED
DATA BUS
WDATA
WCLOCK
TXD2(IRTX), nCTS2, nRTS2
*
RXD2(IRRX)
*
RXD1
PD0-7
BUSY, SLCT, PE,
nERROR, nACK
nSTB, nSLCTIN,
IRRX2, IRTX2
CONFIGURATION
REGISTERS
CONTROL BUS
Fan
Control
FAN1*
FAN2*
FAN_TACH1*
FAN_TACH2*
GENERAL
PURPOSE
I/O
GP1[0:7]*
GP2[0:2,4:7]*
Game Port
...
Game Port Signals*
(1-Dual)
GP3[0:7]*, GP4[0:3]*
GP5[0:7]*, GP6[0:1]*
LPC BUS
INTERFACE
ADDRESS BUS
SERIAL
IRQ
SER_IRQ
PCI_CLK
LPC Bus
Signals
ACPI
BLOCK
PME
nIO_PME
SMI
nIO_SMI


Similar Part No. - LPC47M107S-MC

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LPC47M107S-MC SMSC-LPC47M107S-MC Datasheet
1Mb / 188P
   100 Pin Enhanced Super I/O Controller with LPC Interface for Consumer Applications
More results

Similar Description - LPC47M107S-MC

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LPC47M10X SMSC-LPC47M10X_07 Datasheet
1Mb / 188P
   100 Pin Enhanced Super I/O Controller with LPC Interface for Consumer Applications
LPC47B34X SMSC-LPC47B34X Datasheet
645Kb / 250P
   128 Pin Enhanced Super I/O with LPC Interface for Consumer Applications
LPC47B27X SMSC-LPC47B27X Datasheet
1Mb / 196P
   100 PIN ENHANCED SUPER I/O CONTROLLER WITH LPC INTERFACE
LPC47B272 SMSC-LPC47B272 Datasheet
1Mb / 195P
   100 Pin Enhanced Super I/O Controller with LPC Interface
LPC47M112-MC SMSC-LPC47M112-MC Datasheet
1Mb / 193P
   ENHANCED SUPER I/O CONTROLLER WITH LPC INTERFACE
LPC47M112 SMSC-LPC47M112 Datasheet
1Mb / 208P
   ENHANCED SUPER I/O CONTROLLER WITH LPC INTERFACE
LPC47M112 SMSC-LPC47M112_07 Datasheet
1Mb / 204P
   Enhanced Super I/O Controller with LPC Interface
LPC47S422 SMSC-LPC47S422 Datasheet
79Kb / 4P
   Enhanced Super I/O with LPC Interface for Server Applications
LPC47N227 SMSC-LPC47N227_07 Datasheet
118Kb / 5P
   100 Pin Super I/O with LPC Interface for Notebook Applications
47N227 SMSC-47N227 Datasheet
856Kb / 202P
   100 Pin Super I/O with LPC Interface for Notebook Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com