Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


LPC47M10X Datasheet(PDF) 5 Page - SMSC Corporation

Part No. LPC47M10X
Description  100 Pin Enhanced Super I/O Controller with LPC Interface for Consumer Applications
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SMSC [SMSC Corporation]
Homepage  http://www.smsc.com
Logo 

   
 5 page
background image
100 Pin Enhanced Super I/O Controller with LPC Interface for Consumer Applications
SMSC LPC47M10x
5
Revision 1.0 (05-13-05)
PRODUCT PREVIEW
Package Outline
Figure 2 LPC47M10x 100 Pin QFP and 100 Pin QFP (Lead-Free) Package Outline
Notes:
1. Controlling Unit: millimeter
2. Tolerance on the position of the leads is ± 0.065 mm maximum
3. Package body dimensions D1 and E1 do not include the mold protrusion.
Maximum mold protrusion is 0.25 mm.
4. Dimension for foot length L measured at the gauge plane 0.25 mm above the seating plane.
5. Details of pin 1 identifier are optional but must be located within the zone indicated
Table 1 LPC47M10x 100 Pin QFP and 100 Pin QFP (Lead-Free) Package Parameters
MIN
NOMINAL
MAX
REMARKS
A
~
~
3.4
Overall Package Height
A1
0.05
~
0.5
Standoff
A2
2.57
~
2.87
Body Thickness
D
23.65
~
24.15
X Span
D/2
11.825
11.95
12.075
1/2 X Span Measured from Centerline
D1
19.90
~
20.10
X body Size
E
17.65
~
18.15
Y Span
E/2
8.825
8.95
9.075
1/2 Y Span Measured from Centerline
E1
13.90
~
14.10
Y body Size
H
0.11
~
0.23
Lead Frame Thickness
L
0.73
0.88
1.03
Lead Foot Length
L1
~
1.95
~
Lead Length
e
0.65 Basic
Lead Pitch
q0o
~7o
Lead Foot Angle
W
0.20
~
0.40
Lead Width
R1
0.10
~
0.25
Lead Shoulder Radius
R2
0.15
~
0.40
Lead Foot Radius
ccc
~
~
0.09
Coplanarity (Assemblers)
ccc
~
~
0.10
Coplanarity (Test House)




Html Pages

1  2  3  4  5 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LPC47B37X100 Pin Enhanced Super I/O for LPC Bus with SMBus Controller for Commercial Applications 1 2 3 4 5 MoreSMSC Corporation
LPC47B34X128 Pin Enhanced Super I/O with LPC Interface for Consumer Applications 1 2 3 4 5 MoreSMSC Corporation
47N227100 Pin Super I/O with LPC Interface for Notebook Applications 1 2 3 4 5 MoreSMSC Corporation
LPC47B27X100 PIN ENHANCED SUPER I/O CONTROLLER WITH LPC INTERFACE 1 2 3 4 5 MoreSMSC Corporation
LPC47S42XENHANCED SUPER I/O WITH LPC INTERFACE FOR SERVER APPLICATIONS 1 2 3 4 5 MoreSMSC Corporation
LPC47M14X128 PIN ENGANCED SUPER I/O CONTROLLER WITH AN LPC INTERFACE AND USB HUB 1 2 3 4 5 MoreSMSC Corporation
LPC47M112-MCENHANCED SUPER I/O CONTROLLER WITH LPC INTERFACE 1 2 3 4 5 MoreSMSC Corporation
LPC47M112ENHANCED SUPER I/O CONTROLLER WITH LPC INTERFACE 1 2 3 4 5 MoreSMSC Corporation
SIO1036Super I/O with LPC Interface with FIR and Consumer IR Support 1 2 3 4 SMSC Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl