Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTS5230GS Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # BTS5230GS
Description  Smart High-Side Power Switch PROFET
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS5230GS Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button BTS5230GS Datasheet HTML 5Page - Infineon Technologies AG BTS5230GS Datasheet HTML 6Page - Infineon Technologies AG BTS5230GS Datasheet HTML 7Page - Infineon Technologies AG BTS5230GS Datasheet HTML 8Page - Infineon Technologies AG BTS5230GS Datasheet HTML 9Page - Infineon Technologies AG BTS5230GS Datasheet HTML 10Page - Infineon Technologies AG BTS5230GS Datasheet HTML 11Page - Infineon Technologies AG BTS5230GS Datasheet HTML 12Page - Infineon Technologies AG BTS5230GS Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
Smart High-Side Power Switch
BTS 5230GS
Electrical Characteristics
Data Sheet
9
V2.0, 2005-06-13
Temperatures
3.1.13
Junction Temperature
Tj
-40
150
°C
3.1.14
Dynamical temperature
increase while switching
∆T
j
-60
°C
3.1.15
Storage Temperature
Tstg
-55
150
°C
ESD Susceptibility
3.1.16
ESD susceptibility HBM
IN, SEN
IS
OUT
VESD
-1
-2
-4
1
2
4
kV
according to
EIA/JESD
22-A 114B
1)
R and L describe the complete circuit impedance including line, contact and generator impedances
2)
RI is the internal resistance of the Load Dump pulse generator
3)
Current limitation is a protection feature. Operation in current limitation is considered as “outside” normal
operating range. Protection features are not designed for continuous repetitive operation.
4)
Pulse shape represents inductive switch off:
IL(t) = IL(0) * (1 - t / tpulse); 0 < t < tpulse
5)
Device mounted on PCB (50 mm x 50 mm x 1.5mm epoxy, FR4) with 6 cm2 copper heatsinking area (one
layer, 70 µm thick) for Vbb connection. PCB is vertical without blown air.
Tj = 25 °C (unless otherwise specified)
Pos.
Parameter
Symbol
Limit Values
Unit Test
Conditions
min.
max.


Similar Part No. - BTS5230GS

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS5231-2GS INFINEON-BTS5231-2GS Datasheet
840Kb / 27P
   Smart High-Side Power Switch PROFET Two Channels, 140 m 廓
V1.2, Sep 2008
BTS5231GS INFINEON-BTS5231GS Datasheet
669Kb / 28P
   Smart High-Side Power Switch PROFET Two Channels, 140 m?
V1.0, Dec. 2005
BTS5234G INFINEON-BTS5234G Datasheet
411Kb / 28P
   Smart High-Side Power Switch PROFET TWO CHANNELS, 60MOHM
V1.0, January 2004
BTS5234L INFINEON-BTS5234L Datasheet
414Kb / 28P
   Smart High-Side Power Switch PROFET TWO CHANNELS, 60MOHM
V1.0, January 2004
BTS5235-2G INFINEON-BTS5235-2G Datasheet
487Kb / 25P
   Smart High-Side Power Switch
Rev.1.1, Sep 2008
More results

Similar Description - BTS5230GS

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS50080-1EGA INFINEON-BTS50080-1EGA Datasheet
1Mb / 33P
   Smart High-Side Power Switch PROFET?
V1.0, April 2009
BTS50070-1EGA INFINEON-BTS50070-1EGA Datasheet
1Mb / 33P
   Smart High-Side Power Switch PROFET?
V1.0, April 2009
BTS50060-1EGA INFINEON-BTS50060-1EGA Datasheet
1Mb / 33P
   Smart High-Side Power Switch PROFET?
V1.0, April 2009
BTS50050-1EGA INFINEON-BTS50050-1EGA Datasheet
1Mb / 33P
   Smart High-Side Power Switch PROFET?
V1.0, April 2009
BTS50090-1TMB INFINEON-BTS50090-1TMB Datasheet
528Kb / 27P
   Smart High-Side Power Switch PROFET One Channel
Rev. 1.0, Feb. 2008
BTS50080-1TEB INFINEON-BTS50080-1TEB Datasheet
576Kb / 27P
   Smart High-Side Power Switch PROFET??One Channel
Rev. 1.0, Aug. 2008
BTS7004-1EPP INFINEON-BTS7004-1EPP Datasheet
1Mb / 57P
   PROFET??2 12V Smart High-Side Power Switch
Rev. 1.01.01 2019-04-29
BTS5016SDA INFINEON-BTS5016SDA Datasheet
564Kb / 27P
   Smart High-Side Power Switch PROFET??One Channel
Rev. 1.1, Nov. 2008
BTS50070-1TMB INFINEON-BTS50070-1TMB Datasheet
559Kb / 27P
   Smart High-Side Power Switch PROFET??One Channel
Rev. 1.0, Sept. 2008
BTS5014SDA INFINEON-BTS5014SDA Datasheet
564Kb / 27P
   Smart High-Side Power Switch PROFET??One Channel
Rev. 1.1, Nov. 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com