Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Q67045-A5014 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # Q67045-A5014
Description  SIPMOS짰 Small-Signal-Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

Q67045-A5014 Datasheet(HTML) 2 Page - Infineon Technologies AG

  Q67045-A5014 Datasheet HTML 1Page - Infineon Technologies AG Q67045-A5014 Datasheet HTML 2Page - Infineon Technologies AG Q67045-A5014 Datasheet HTML 3Page - Infineon Technologies AG Q67045-A5014 Datasheet HTML 4Page - Infineon Technologies AG Q67045-A5014 Datasheet HTML 5Page - Infineon Technologies AG Q67045-A5014 Datasheet HTML 6Page - Infineon Technologies AG Q67045-A5014 Datasheet HTML 7Page - Infineon Technologies AG Q67045-A5014 Datasheet HTML 8Page - Infineon Technologies AG Q67045-A5014 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
BSS127
Parameter
Symbol Conditions
Unit
min.
typ.
max.
Thermal characteristics
Thermal resistance,
junction - minimal footprint
R thJA
-
-
250
K/W
Electrical characteristics, at T j=25 °C, unless otherwise specified
Static characteristics
Drain-source breakdown voltage
V (BR)DSS V GS=0 V, I D=250 µA
600
-
-
V
Gate threshold voltage
V GS(th)
V DS=0 V, I D=8 µA
1.4
2.0
2.6
Drain-source leakage current
I D (off)
V DS=600 V, V GS=0 V,
T j=25 °C
-
-
0.1
µA
V DS=600 V, V GS=0 V,
T j=150 °C
--
10
Gate-source leakage current
I GSS
V GS=20 V, V DS=0 V
-
10
100
nA
Drain-source on-state resistance
R DS(on)
V GS=4.5 V,
I D=0.016 A
-
330
600
V GS=10 V, I D=0.016 A
-
310
500
Transconductance
g fs
|V DS|>2|I D|R DS(on)max,
I D=0.01 A
0.007
0.015
-
S
Values
Rev. 1.1
page 2
2006-03-24


Similar Part No. - Q67045-A5014

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
Q67045A5051 INFINEON-Q67045A5051 Datasheet
382Kb / 12P
   CoolMOS Power Transistor
Rev. 1.2 1 2005-06-28
Q67045A5051 INFINEON-Q67045A5051 Datasheet
622Kb / 13P
   CoolMOS Power Transistor
2008-04-17 revision:1.3
Q67045A5053 INFINEON-Q67045A5053 Datasheet
383Kb / 12P
   CoolMOS Power Transistor
Rev. 1.2 2005-06-28
More results

Similar Description - Q67045-A5014

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSS138NH6327 INFINEON-BSS138NH6327 Datasheet
463Kb / 9P
   SIPMOS짰 Small-Signal-Transistor
Rev. 2.86 2012-04-17
SPP18P06PH INFINEON-SPP18P06PH Datasheet
577Kb / 9P
   SIPMOS짰 Small-Signal-Transistor
Rev1.92 2014-11-21
BSP170PE6327T INFINEON-BSP170PE6327T Datasheet
576Kb / 9P
   SIPMOS짰 Small-Signal-Transistor
Rev 2.53 2012-11-26
BSS126 INFINEON-BSS126 Datasheet
236Kb / 9P
   SIPMOS짰 Small-Signal-Transistor
Rev. 1.3 2006-06-14
SPD15P10PG INFINEON-SPD15P10PG_12 Datasheet
737Kb / 10P
   SIPMOS짰 Small-Signal-Transistor
Rev 1.8 2012-09-11
BSS131L6327 INFINEON-BSS131L6327 Datasheet
210Kb / 9P
   SIPMOS짰 Small-Signal-Transistor
Rev. 2.4 2011-06-07
BSP129L6327HTSA1 INFINEON-BSP129L6327HTSA1 Datasheet
451Kb / 10P
   SIPMOS짰 Small-Signal-Transistor
Rev. 1.42 2012-11-29
BSS225 INFINEON-BSS225 Datasheet
205Kb / 9P
   SIPMOS짰 Small-Signal-Transistor
Rev. 1.21 2005-02-25
BSP179 INFINEON-BSP179 Datasheet
415Kb / 8P
   SIPMOS짰 Small-Signal-Transistor
Rev. 2.0 2015-06-23
BSP170P-L6327 INFINEON-BSP170P-L6327 Datasheet
576Kb / 9P
   SIPMOS짰 Small-Signal-Transistor
Rev 2.53 2012-11-26
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com