Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EC3592RE Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # EC3592RE
Description  PS/2 Mouse Controller with Auto-Ref
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

EC3592RE Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button EC3592RE Datasheet HTML 3Page - List of Unclassifed Manufacturers EC3592RE Datasheet HTML 4Page - List of Unclassifed Manufacturers EC3592RE Datasheet HTML 5Page - List of Unclassifed Manufacturers EC3592RE Datasheet HTML 6Page - List of Unclassifed Manufacturers EC3592RE Datasheet HTML 7Page - List of Unclassifed Manufacturers EC3592RE Datasheet HTML 8Page - List of Unclassifed Manufacturers EC3592RE Datasheet HTML 9Page - List of Unclassifed Manufacturers EC3592RE Datasheet HTML 10Page - List of Unclassifed Manufacturers EC3592RE Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
PS/2 Mouse Controller with Auto-Ref
EC3592R
.
.
飛虹積體電路股份有限公司
Page 11 of 11
TEL:(03)5785888
FAX:(03)5783630
VERSION 1.1
BR
BL BM
GND
7
98
6
10
11
12
13
EC3592RE
VDD
1
9
11
Y1
18.432MHZ(*)
OSC1
OSC2
X2
X1
Y1
Y2
5
4
DATA
CLK
270K
RIN
14
VDD
DATA
CLK
GND
MODE/XA
RB/XB
MB/YB
LB/YA
5
4
3
2
GND
GND
12
10
7
13
14
VDD5 VDD5 VDD3
3.3V
REGULATOR
LP2950ACZ-3.3
8
REFB
1
µ
OUT
IN
0.22
µ
NRESET
PS2_D
PS2_C
XY_LED
15
16
1
6
10
µ
0.1µ
70
2N3904
HLMP-ED80
SURFACE
S1
S2
S3
0.1µ
(*)Y1 IS A CERAMIC RESONATOR SUCH AS CSA18.43MXZ040
(FROM MURATA) OR KBR-18.43-MSA(FROM AVX).
HDNS-2000
Typical Application Circuit For HDNS-2000 Optical Input (For Reference Only)


Similar Part No. - EC3592RE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EC3597 ETC2-EC3597 Datasheet
138Kb / 11P
   3D PS/2 MOUSE CONTROLLER WITH AUTO-REF
EC3597AR ETC2-EC3597AR Datasheet
138Kb / 11P
   3D PS/2 MOUSE CONTROLLER WITH AUTO-REF
EC3597BR ETC2-EC3597BR Datasheet
138Kb / 11P
   3D PS/2 MOUSE CONTROLLER WITH AUTO-REF
EC3597CR ETC2-EC3597CR Datasheet
138Kb / 11P
   3D PS/2 MOUSE CONTROLLER WITH AUTO-REF
EC3597DR ETC2-EC3597DR Datasheet
138Kb / 11P
   3D PS/2 MOUSE CONTROLLER WITH AUTO-REF
More results

Similar Description - EC3592RE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EC3597 ETC2-EC3597 Datasheet
138Kb / 11P
   3D PS/2 MOUSE CONTROLLER WITH AUTO-REF
logo
Rohm
BU9206 ROHM-BU9206 Datasheet
62Kb / 6P
   PS / 2 Mouse Controller
logo
Zilog, Inc.
Z86319 ZILOG-Z86319 Datasheet
278Kb / 23P
   PS/2 MOUSE CONTROLLER
logo
Silan Microelectronics ...
SC84502AP SILAN-SC84502AP Datasheet
143Kb / 14P
   PS/2 MOUSE CONTROLLER
logo
Holtek Semiconductor In...
HT6523 HOLTEK-HT6523 Datasheet
125Kb / 9P
   PS/2 Mouse Controller
logo
List of Unclassifed Man...
EC3581-D ETC2-EC3581-D Datasheet
339Kb / 14P
   2-IN-1 PnP SERIAL MOUSE CONTROLLER WITH AUTO-REF
EC3586 ETC2-EC3586 Datasheet
158Kb / 8P
   EC3586 3D Serial Mouse Controller With Auto-Ref
logo
ELAN Microelectronics C...
EKM8025 EMC-EKM8025 Datasheet
609Kb / 17P
   USB & PS/2 Mouse Controller
logo
Unisonic Technologies
UT84520 UTC-UT84520 Datasheet
135Kb / 13P
   PS/2 SCROLLING MOUSE CONTROLLER
logo
ELAN Microelectronics C...
EM84510 EMC-EM84510 Datasheet
108Kb / 19P
   PS/2 SCROLLING MOUSE CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com