Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1812-154J Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 1812-154J
Description  Unshielded Surface Mount Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

1812-154J Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  1812-154J Datasheet HTML 1Page - List of Unclassifed Manufacturers 1812-154J Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2/ 2002
PAGE
23
www.delevan.com E-mail: apisales@delevan.com
270 Quaker Rd., East Aurora NY 14052 • Phone 716-652-3600 • Fax 716-652-4814
Series 1812
Performance Graphs
1
100
FREQUENCY (MHz)
1K
10K
100K
10
100
1000
1812-564J
IMPEDANCE vs. FREQUENCY
1812-104J
1812-103J
1812-102J
–40
–20
0
20
40
60
80
100
120
–10
–5
0
5
10
TEMPERATURE
°C [°F]
[–40]
[–4]
[32]
[68]
[104] [140] [176] [212] [248]
INDUCTANCE CHANGE vs. TEMPERATURE
1812-471K
(0.47
µH)
1812-564J
(560
µH)
1812-102J
(1.0
µH)
1812-104J
(100
µH)
1812-103J
(10
µH)
1.0
µH
0.47
µH
100
µH
39
µH
3.9
µH
0.1
µH
10
µH
0.1
40
FREQUENCY (MHz)
60
80
100
20
1.0
10
100
Q vs. FREQUENCY
470
µH
1
0.10
FREQUENCY (MHz)
1.0
10
100
1000
10
100
1000
INDUCTANCE vs. FREQUENCY
1812-104J
1812-103J
1812-102J
1812-101K
1
10
FREQUENCY (MHz)
100
1K
10K
10
100
1000
IMPEDANCE vs. FREQUENCY
1812-101K
1812-471K
For more detailed graphs, contact factory


Similar Part No. - 1812-154J

ManufacturerPart #DatasheetDescription
logo
API Delevan
1812-154J API-1812-154J Datasheet
1Mb / 1P
   Unshielded Surface Mount Inductors
More results

Similar Description - 1812-154J

ManufacturerPart #DatasheetDescription
logo
API Delevan
2510-22F API-2510-22F Datasheet
1Mb / 1P
   Unshielded Surface Mount Inductors
HF1008R API-HF1008R Datasheet
1Mb / 1P
   Unshielded Surface Mount Inductors
1812R-151J API-1812R-151J Datasheet
1Mb / 1P
   Unshielded Surface Mount Inductors
1008R API-1008R Datasheet
1Mb / 1P
   Unshielded Surface Mount Inductors
1330R API-1330R Datasheet
1Mb / 1P
   Unshielded Surface Mount Inductors
2510R API-2510R Datasheet
1Mb / 1P
   Unshielded Surface Mount Inductors
logo
List of Unclassifed Man...
1008-018M ETC1-1008-018M Datasheet
28Kb / 1P
   Unshielded Surface Mount Inductors
logo
API Delevan
MIL1330-94K API-MIL1330-94K Datasheet
44Kb / 1P
   Unshielded Surface Mount Inductors
MIL1330 API-MIL1330_10 Datasheet
1Mb / 1P
   Unshielded Surface Mount Inductors
logo
List of Unclassifed Man...
1330-94K ETC1-1330-94K Datasheet
38Kb / 1P
   Unshielded Surface Mount Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com