Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74ALS257N Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74ALS257N
Description  Data selector/multiplexer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALS257N Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74ALS257N Datasheet HTML 2Page - NXP Semiconductors 74ALS257N Datasheet HTML 3Page - NXP Semiconductors 74ALS257N Datasheet HTML 4Page - NXP Semiconductors 74ALS257N Datasheet HTML 5Page - NXP Semiconductors 74ALS257N Datasheet HTML 6Page - NXP Semiconductors 74ALS257N Datasheet HTML 7Page - NXP Semiconductors 74ALS257N Datasheet HTML 8Page - NXP Semiconductors 74ALS257N Datasheet HTML 9Page - NXP Semiconductors 74ALS257N Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Philips Semiconductors
Product specification
74ALS257/74ALS258
Data selector/multiplexer
1991 Feb 08
6
AC ELECTRICAL CHARACTERISTICS
LIMITS
SYMBOL
PARAMETER
TEST CONDITION
Tamb = 0°C to +70°C
VCC = +5.0V ± 10%
CL = 50pF, RL = 500Ω
UNIT
MIN
MAX
tPLH
tPHL
Propagation delay
I0n or I1n to Yn
Waveform 1
2.0
2.0
9.0
9.0
ns
tPLH
tPHL
Propagation delay
S to Yn
74ALS257
Waveform 1, 2
4.0
4.0
12.0
12.0
ns
tPZH
tPZL
Output enable time
OE to Yn
74ALS257
Waveform 3
Waveform 4
3.0
4.0
11.0
12.0
ns
tPHZ
tPLZ
Output disable time
OE to Yn
Waveform 3
Waveform 4
2.0
5.0
9.0
12.0
ns
tPLH
tPHL
Propagation delay
I0n or I1n to Yn
Waveform 1
2.0
2.0
8.0
8.0
ns
tPLH
tPHL
Propagation delay
S to Yn
74ALS258
Waveform 1, 2
4.0
4.0
12.0
12.0
ns
tPZH
tPZL
Output enable time
OE to Yn
74ALS258
Waveform 3
Waveform 4
3.0
4.0
11.0
12.0
ns
tPHZ
tPLZ
Output disable time
OE to Yn
Waveform 3
Waveform 4
2.0
5.0
9.0
12.0
ns
AC WAVEFORMS
For all waveforms, VM = 1.3V.
VM
VM
VM
VM
tPHL
tPLH
I0n, I1n, S
Yn, Yn
SC00059
Waveform 1.
Propagation Delay for Data and
Select to Outputs
VM
VM
VM
VM
tPLH
tPHL
I0n, I1n, S
Yn, Yn
SC00060
Waveform 2.
Propagation Delay for Data and
Select to Outputs
VM
VM
VM
tPHZ
tPZH
OE
Yn, Yn
VOH -0.3V
0V
SC00084
Waveform 3.
3-State Output Enable Time to High Level
and Output Disable Time from High Level
VM
VM
VM
tPLZ
tPZL
OEn
Yn, Yn
VOL +0.3V
SC00085
3.5V
Waveform 4.
3-State Output Enable Time to Low Level
and Output Disable Time from Low Level


Similar Part No. - 74ALS257N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALS251 PHILIPS-74ALS251 Datasheet
103Kb / 8P
   8-input multiplexer 3-State
1991 Feb 08
74ALS251D PHILIPS-74ALS251D Datasheet
103Kb / 8P
   8-input multiplexer 3-State
1991 Feb 08
74ALS251N PHILIPS-74ALS251N Datasheet
103Kb / 8P
   8-input multiplexer 3-State
1991 Feb 08
74ALS253 PHILIPS-74ALS253 Datasheet
115Kb / 9P
   Dual 4-input multiplexer 3-State
1991 Feb 08
74ALS253D PHILIPS-74ALS253D Datasheet
115Kb / 9P
   Dual 4-input multiplexer 3-State
1991 Feb 08
More results

Similar Description - 74ALS257N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALS157 PHILIPS-74ALS157 Datasheet
109Kb / 9P
   Data selector/multiplexer
1991 Feb 08
logo
National Semiconductor ...
54LS151 NSC-54LS151 Datasheet
140Kb / 6P
   Data Selector/Multiplexer
logo
System Logic Semiconduc...
SL74HC151 SLS-SL74HC151 Datasheet
57Kb / 5P
   8-Input Data Selector/Multiplexer
logo
Integral Corp.
IN74HC151 INTEGRAL-IN74HC151 Datasheet
160Kb / 5P
   8-INPUT DATA SELECTOR/MULTIPLEXER
logo
Fairchild Semiconductor
DM74LS253 FAIRCHILD-DM74LS253 Datasheet
56Kb / 6P
   3-STATE Data Selector/Multiplexer
logo
ON Semiconductor
MC74HC151A ONSEMI-MC74HC151A Datasheet
97Kb / 7P
   8-Input Data Selector/Multiplexer
June, 2015 ??Rev. 3
logo
Integral Corp.
IN74ACT151 INTEGRAL-IN74ACT151 Datasheet
194Kb / 5P
   8-INPUT DATA SELECTOR/MULTIPLEXER
logo
Motorola, Inc
MC74HC151 MOTOROLA-MC74HC151 Datasheet
91Kb / 6P
   8-INPUT DATA SELECTOR / MULTIPLEXER
MC74HC153 MOTOROLA-MC74HC153 Datasheet
180Kb / 5P
   Dual 4-Input Data Selector/Multiplexer
logo
ON Semiconductor
MC74HC251ADG ONSEMI-MC74HC251ADG Datasheet
146Kb / 9P
   8-Input Data Selector Multiplexer with
January, 2010 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com