Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N6267 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 1N6267
Description  1500W Unidirectional and Bidirectional Transient Voltage Suppressor Diodes
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

1N6267 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  1N6267 Datasheet HTML 1Page - List of Unclassifed Manufacturers 1N6267 Datasheet HTML 2Page - List of Unclassifed Manufacturers 1N6267 Datasheet HTML 3Page - List of Unclassifed Manufacturers 1N6267 Datasheet HTML 4Page - List of Unclassifed Manufacturers 1N6267 Datasheet HTML 5Page - List of Unclassifed Manufacturers 1N6267 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
1.5KE6V8....1.5KE440A
1N6267...........1N6303A
Type
Maximum Reverse
Leakage Current
at
Unidirectional
(µA)
(V)
Min.
Nom.
Max.
(mA)
(1)
I
RM
I
R
at
(V)
Breakdown Voltage
Max. Clamping Voltage
V
BR
V
CL
at
I
pp
V
RM
max. 1ms. Expo.
(V)
(A)
(1) Tested with pulses.
Pulse test: tp
≤ 50 ms; δ < 2%
1N6289
1.5KE56
5
45.4
50.4
56
61.6
1
80.5
18.6
1N6289A 1.5KE56A
5
47.8
53.2
56
58.8
1
77.0
19.5
1N6290
1.5KE62
5
50.2
55.8
62
68.2
1
89.0
16.9
1N6290A 1.5KE62A
5
53.0
58.9
62
65.1
1
85.0
17.7
1N6291
1.5KE68
5
55.1
61.2
68
74.8
1
98.0
15.3
1N6291A 1.5KE68A
5
58.1
64.6
68
71.4
1
92.0
16.3
1N6292
1.5KE75
5
60.7
67.5
75
82.5
1
108
13.9
1N6292A 1.5KE75A
5
64.1
71.3
75
78.8
1
103
14.6
1N6293
1.5KE82
5
66.4
73.8
82
90.2
1
118
12.7
1N6293A 1.5KE82A
5
70.1
77.9
82
86.1
1
113
13.3
1N6294
1.5KE91
5
73.7
81.9
91
100
1
131
11.4
1N6294A 1.5KE91A
5
77.8
86.5
91
95.5
1
125
12
1N6295
1.5KE100
5
81.0
90.0
100
110
1
144
10.4
1N6295A 1.5KE100A
5
85.5
95.0
100
105
1
137
11
1N6296
1.5KE110
5
89.2
99.0
110
121
1
158
9.5
1N6296A 1.5KE110A
5
94.0
105
110
116
1
152
9.9
1N6297
1.5KE120
5
97.2
108
120
132
1
173
8.7
1N6297A 1.5KE120A
5
102
114
120
126
1
165
9.1
1N6298
1.5KE130
5
105
117
130
143
1
187
8
1N6298A 1.5KE130A
5
111
124
130
137
1
179
8.4
1N6299
1.5KE150
5
121
135
150
165
1
215
7
1N6299A 1.5KE150A
5
128
143
150
158
1
207
7.2
1N6300
1.5KE160
5
130
144
160
176
1
230
6.5
1N6300A 1.5KE160A
5
136
152
160
168
1
219
6.8
1N6301
1.5KE170
5
138
153
170
187
1
244
6.2
1N6301A 1.5KE170A
5
145
162
170
179
1
234
6.4
1N6302
1.5KE180
5
146
162
180
198
1
258
5.8
1N6302A 1.5KE180A
5
154
171
180
189
1
246
6.1
1N6303
1.5KE200
5
162
180
200
220
1
287
5.2
1N6303A 1.5KE200A
5
171
190
200
210
1
274
5.5
1.5KE220
5
175
198
220
242
1
344
4.3
1.5KE220A
5
185
209
220
231
1
328
4.6
1.5KE250
5
202
225
250
275
1
360
5
1.5KE250A
5
214
237
250
263
1
344
5
1.5KE300
5
243
270
300
330
1
430
5
1.5KE300A
5
256
285
300
315
1
414
5
1.5KE320
5
259
288
320
352
1
457
4.50
1.5KE320A
5
273
304
320
336
1
438
4.50
1.5KE350
5
284
315
350
385
1
504
4
1.5KE350A
5
300
332
350
368
1
482
4
1.5KE400
5
324
360
400
440
1
574
4
1.5KE400A
5
342
380
400
420
1
548
4
1.5KE440
5
356
396
440
484
1
631
2.38
1.5KE440A
5
376
418
440
462
1
602
2.5
Jun - 00


Similar Part No. - 1N6267

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
1N6267 TRSYS-1N6267 Datasheet
251Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
1N6267 MDE-1N6267 Datasheet
481Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Vishay Siliconix
1N6267 VISHAY-1N6267 Datasheet
108Kb / 7P
   TRANSZORB® Transient Voltage Suppressors
Revision: 22-Oct-08
logo
Dc Components
1N6267 DCCOM-1N6267 Datasheet
740Kb / 4P
   TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
logo
Chongqing Pingwei Enter...
1N6267 CHONGQING-1N6267 Datasheet
62Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - 1N6267

ManufacturerPart #DatasheetDescription
logo
Semikron International
TGL41-6.8 SEMIKRON-TGL41-6.8 Datasheet
249Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P6SMB400CA SEMIKRON-P6SMB400CA Datasheet
239Kb / 3P
   Unidirectional and Bidirectional Transient Voltage Suppressor diodes
logo
Diotec Semiconductor
P4KE6.8 DIOTEC-P4KE6.8_06 Datasheet
129Kb / 4P
   Unidirectional and bidirectional Transient Voltage Suppressor Diodes
logo
Semikron International
BZW04-5V8 SEMIKRON-BZW04-5V8 Datasheet
149Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P4SMAJ6.5 SEMIKRON-P4SMAJ6.5 Datasheet
162Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
BZW06-5V8 SEMIKRON-BZW06-5V8_07 Datasheet
155Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P4KE6 SEMIKRON-P4KE6 Datasheet
160Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P6SMBJ150 SEMIKRON-P6SMBJ150_07 Datasheet
157Kb / 2P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P4SMAJ150 SEMIKRON-P4SMAJ150 Datasheet
151Kb / 2P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
3KP130 SEMIKRON-3KP130_09 Datasheet
413Kb / 2P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com