Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT49BV3218 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT49BV3218
Description  32-megabit (2M x 16/4M x 8) 3-volt Only Flash Memory
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49BV3218 Datasheet(HTML) 1 Page - ATMEL Corporation

  AT49BV3218 Datasheet HTML 1Page - ATMEL Corporation AT49BV3218 Datasheet HTML 2Page - ATMEL Corporation AT49BV3218 Datasheet HTML 3Page - ATMEL Corporation AT49BV3218 Datasheet HTML 4Page - ATMEL Corporation AT49BV3218 Datasheet HTML 5Page - ATMEL Corporation AT49BV3218 Datasheet HTML 6Page - ATMEL Corporation AT49BV3218 Datasheet HTML 7Page - ATMEL Corporation AT49BV3218 Datasheet HTML 8Page - ATMEL Corporation AT49BV3218 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
1
Features
Single Voltage Read/Write Operation: 2.65V to 3.3V (BV), 3.0V to 3.6V (LV)
Access Time–85ns
Sector Erase Architecture
– Sixty-three 32K Word (64K Byte) Sectors with Individual Write Lockout
– Eight 4K Word (8K Byte) Sectors with Individual Write Lockout
Fast Word Program Time – 15 µs
Fast Sector Erase Time – 200 ms
Dual-plane Organization, Permitting Concurrent Read while Program/Erase
Memory Plane A: Eight 4K Word and Fifteen 32K Word Sectors
Memory Plane B: Forty-eight 32K Word Sectors
Erase Suspend Capability
– Supports Reading/Programming Data from Any Sector by Suspending Erase of
Any Different Sector
Low-power Operation
–25 mA Active
– 10 µA Standby
Data Polling, Toggle Bit, Ready/Busy for End of Program Detection
RESET Input for Device Initialization
Sector Lockdown Support
TSOP and CBGA Package Options
Top or Bottom Boot Block Configuration Available
128-bit Protection Register
Description
The AT49BV/LV3218(T) is a 2.65- to 3.3-volt (BV)/3.0V to 3.6V (LV) 32-megabit Flash
memory organized as 2,097,152 words of 16 bits each or 4,194,304 bytes of 8 bits
each. The x16 data appears on I/O0 - I/O15; the x8 data appears on I/O0 - I/O7. The
memory is divided into 71 sectors for erase operations. The device is offered in 48-
lead TSOP and 48-ball CBGA packages. The device has CE and OE control signals to
avoid any bus contention. This device can be read or reprogrammed using a single
2.65V power supply, making it ideally suited for in-system programming.
Pin Configurations
Pin Name
Function
A0 - A20
Addresses
CE
Chip Enable
OE
Output Enable
WE
Write Enable
RESET
Reset
RDY/BUSY
READY/BUSY Output
VPP
Optional Power Supply
I/O0 - I/O14
Data Inputs/Outputs
I/O15 (A-1)
I/O15 (Data Input/Output, Word Mode) A-1 (LSB Address Input, Byte Mode)
BYTE
Selects Byte or Word Mode
NC
No Connect
32-megabit
(2Mx 16/4Mx8)
3-volt Only
Flash Memory
AT49BV3218
AT49BV3218T
AT49LV3218
AT49LV3218T
Not Recommended for
New Designs. New
Designs Should Use
AT49BV/LV320(T)/321(T)
Rev. 2452F–FLASH–10/02


Similar Part No. - AT49BV3218

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49BV321 ATMEL-AT49BV321 Datasheet
822Kb / 30P
   32-megabit (2M x 16/4M x 8) 3-volt Only Flash Memory
AT49BV321-11CI ATMEL-AT49BV321-11CI Datasheet
822Kb / 30P
   32-megabit (2M x 16/4M x 8) 3-volt Only Flash Memory
AT49BV321-11TI ATMEL-AT49BV321-11TI Datasheet
822Kb / 30P
   32-megabit (2M x 16/4M x 8) 3-volt Only Flash Memory
AT49BV321-85CI ATMEL-AT49BV321-85CI Datasheet
822Kb / 30P
   32-megabit (2M x 16/4M x 8) 3-volt Only Flash Memory
AT49BV321-85TI ATMEL-AT49BV321-85TI Datasheet
822Kb / 30P
   32-megabit (2M x 16/4M x 8) 3-volt Only Flash Memory
More results

Similar Description - AT49BV3218

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49BV320 ATMEL-AT49BV320 Datasheet
822Kb / 30P
   32-megabit (2M x 16/4M x 8) 3-volt Only Flash Memory
AT49BV322A ATMEL-AT49BV322A Datasheet
217Kb / 31P
   32-megabit (2M x 16/4M x 8) 3-volt Only Flash Memory
AT49BV322D ATMEL-AT49BV322D Datasheet
492Kb / 33P
   32-megabit (2M x 16/4M x 8) 3-volt Only Flash Memory
AT49BV322A-70TU ATMEL-AT49BV322A-70TU Datasheet
518Kb / 32P
   32-megabit (2M x 16/4M x 8) 3-volt Only Flash Memory
AT49BV320A ATMEL-AT49BV320A Datasheet
267Kb / 31P
   32-megabit (2M x 16/4M x 8) 3-volt Only Flash Memory
AT49SV322A ATMEL-AT49SV322A Datasheet
224Kb / 31P
   32-megabit (2M x 16/4M x 8) 1.8-volt Only Flash Memory
AT49BV320C ATMEL-AT49BV320C Datasheet
241Kb / 32P
   32-megabit (2M x 16) 3-volt Only Flash Memory
AT49BV320D ATMEL-AT49BV320D Datasheet
518Kb / 33P
   32-megabit (2M x 16) 3-volt Only Flash Memory
AT49BV1604A ATMEL-AT49BV1604A Datasheet
410Kb / 26P
   16-megabit 1M x 16/2M x 8 3-volt Only Flash Memory
AT49BV16X4 ATMEL-AT49BV16X4 Datasheet
304Kb / 18P
   16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com