Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT17LV020-10JC Datasheet(PDF) 6 Page - ATMEL Corporation

Part # AT17LV020-10JC
Description  2-megabit FPGA Configuration EEPROM Memory
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT17LV020-10JC Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button AT17LV020-10JC Datasheet HTML 2Page - ATMEL Corporation AT17LV020-10JC Datasheet HTML 3Page - ATMEL Corporation AT17LV020-10JC Datasheet HTML 4Page - ATMEL Corporation AT17LV020-10JC Datasheet HTML 5Page - ATMEL Corporation AT17LV020-10JC Datasheet HTML 6Page - ATMEL Corporation AT17LV020-10JC Datasheet HTML 7Page - ATMEL Corporation AT17LV020-10JC Datasheet HTML 8Page - ATMEL Corporation AT17LV020-10JC Datasheet HTML 9Page - ATMEL Corporation AT17LV020-10JC Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
AT17C/LV020
DC Characteristics
V
CC = 5V ± 5% Commercial, 5V ± 10% Industrial/Military
Symbol
Description
Min
Max
Units
VIH
High-level input voltage
2.0
VCC
V
V
IL
Low-level input voltage
0.0
0.8
V
V
OH
High-level output voltage (I
OH = -4 mA)
Commercial
3.86
V
VOL
Low-level output voltage (IOL = +4 mA)
0.32
V
V
OH
High-level output voltage (I
OH = -4 mA)
Industrial
3.76
V
V
OL
Low-level output voltage (I
OL = +4 mA)
0.37
V
VOH
High-level output voltage (IOH = -4 mA)
Military
3.7
V
V
OL
Low-level output voltage (I
OL = +4 mA)
0.4
V
I
CCA
Supply current, active mode
10.0
mA
IL
Input or output leakage current (VIN = VCC or GND)
-20.0
20.0
µA
I
CCS1
Supply current, standby mode, CMOS
Commercial
0.5
mA
Industrial/Military
0.75
mA
ICCS2
Supply current, standby mode, TTL
Comm./Industrial
1.0
mA
DC Characteristics
VCC = 3.3V ± 10%
Symbol
Description
Min
Max
Units
VIH
High-level input voltage
2.0
VCC
V
V
IL
Low-level input voltage
0.0
0.8
V
V
OH
High-level output voltage (I
OH = -2.5 mA)
Commercial
2.4
V
VOL
Low-level output voltage (IOL = +3 mA)
0.4
V
V
OH
High-level output voltage (I
OH = -2 mA)
Industrial
2.4
V
V
OL
Low-level output voltage (I
OL = +3 mA)
0.4
V
VOH
High-level output voltage (IOH = -2 mA)
Military
2.4
V
V
OL
Low-level output voltage (I
OL = +2.5 mA)
0.4
V
I
CCA
Supply current, active mode
5.0
mA
IL
Input or output leakage current (VIN = VCC or GND)
-2.00
20.0
µA
I
CCS
Supply current, standby mode
Commercial
0.2
mA
Industrial/Military
0.2
mA


Similar Part No. - AT17LV020-10JC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT17LV020A ATMEL-AT17LV020A Datasheet
242Kb / 14P
   FPGA Configuration EEPROM Memory
More results

Similar Description - AT17LV020-10JC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT17LV65A ATMEL-AT17LV65A_14 Datasheet
469Kb / 16P
   FPGA Configuration EEPROM Memory
AT17LV512A-10PU ATMEL-AT17LV512A-10PU Datasheet
338Kb / 18P
   FPGA Configuration EEPROM Memory
AT17LV65A ATMEL-AT17LV65A_06 Datasheet
337Kb / 18P
   FPGA Configuration EEPROM Memory
AT17C002 ATMEL-AT17C002 Datasheet
255Kb / 19P
   FPGA Configuration EEPROM Memory
AT17LV65 ATMEL-AT17LV65_14 Datasheet
676Kb / 23P
   FPGA Configuration EEPROM Memory
AT17LV65 ATMEL-AT17LV65_08 Datasheet
637Kb / 26P
   FPGA Configuration EEPROM Memory
AT17C002A ATMEL-AT17C002A Datasheet
242Kb / 14P
   FPGA Configuration EEPROM Memory
AT17LV256 ATMEL-AT17LV256 Datasheet
221Kb / 24P
   FPGA Configuration EEPROM Memory
AT17C65A-10JC ATMEL-AT17C65A-10JC Datasheet
162Kb / 11P
   FPGA Configuration EEPROM
AT17N256 ATMEL-AT17N256_07 Datasheet
308Kb / 18P
   FPGA Configuration Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com