Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT17LV020-10JC Datasheet(PDF) 5 Page - ATMEL Corporation

Part # AT17LV020-10JC
Description  2-megabit FPGA Configuration EEPROM Memory
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT17LV020-10JC Datasheet(HTML) 5 Page - ATMEL Corporation

  AT17LV020-10JC Datasheet HTML 1Page - ATMEL Corporation AT17LV020-10JC Datasheet HTML 2Page - ATMEL Corporation AT17LV020-10JC Datasheet HTML 3Page - ATMEL Corporation AT17LV020-10JC Datasheet HTML 4Page - ATMEL Corporation AT17LV020-10JC Datasheet HTML 5Page - ATMEL Corporation AT17LV020-10JC Datasheet HTML 6Page - ATMEL Corporation AT17LV020-10JC Datasheet HTML 7Page - ATMEL Corporation AT17LV020-10JC Datasheet HTML 8Page - ATMEL Corporation AT17LV020-10JC Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
AT17C/LV020
Absolute Maximum Ratings*
Operating Temperature.................................. -55°C to +125°C
*NOTICE:
Stresses beyond those listed under Absolute
Maximum Ratings may cause permanent dam-
age to the device. These are stress ratings only,
and functional operation of the device at these or
any other conditions beyond those listed under
Operating Conditions is not implied. Exposure to
Absolute Maximum Ratings conditions for
extended periods of time may affect device reli-
ability.
Storage Temperature ..................................... -65°C to +150°C
Voltage on Any Pin
with Respect to Ground .............................-0.1V to V
CC + 0.5V
Supply Voltage (V
CC) .........................................-0.5V to +7.0V
Maximum Soldering Temp. (10 sec. @ 1/16 in.).............260°C
Operating Conditions
Symbol
Description
AT17C020
AT17LV020
Units
Min
Max
Min/
Max
V
CC
Commercial
Supply voltage relative to GND,
-0°C to +70°C
4.75
5.25
3.0
3.6
V
Industrial
Supply voltage relative to GND,
-40°C to +85°C
4.55.5
3.03.6
V
Military
Supply voltage relative to GND,
-55°C to +125°C
4.55.5
3.03.6
V


Similar Part No. - AT17LV020-10JC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT17LV020A ATMEL-AT17LV020A Datasheet
242Kb / 14P
   FPGA Configuration EEPROM Memory
More results

Similar Description - AT17LV020-10JC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT17LV65A ATMEL-AT17LV65A_14 Datasheet
469Kb / 16P
   FPGA Configuration EEPROM Memory
AT17LV512A-10PU ATMEL-AT17LV512A-10PU Datasheet
338Kb / 18P
   FPGA Configuration EEPROM Memory
AT17LV65A ATMEL-AT17LV65A_06 Datasheet
337Kb / 18P
   FPGA Configuration EEPROM Memory
AT17C002 ATMEL-AT17C002 Datasheet
255Kb / 19P
   FPGA Configuration EEPROM Memory
AT17LV65 ATMEL-AT17LV65_14 Datasheet
676Kb / 23P
   FPGA Configuration EEPROM Memory
AT17LV65 ATMEL-AT17LV65_08 Datasheet
637Kb / 26P
   FPGA Configuration EEPROM Memory
AT17C002A ATMEL-AT17C002A Datasheet
242Kb / 14P
   FPGA Configuration EEPROM Memory
AT17LV256 ATMEL-AT17LV256 Datasheet
221Kb / 24P
   FPGA Configuration EEPROM Memory
AT17C65A-10JC ATMEL-AT17C65A-10JC Datasheet
162Kb / 11P
   FPGA Configuration EEPROM
AT17N256 ATMEL-AT17N256_07 Datasheet
308Kb / 18P
   FPGA Configuration Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com