Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADSP-TS101SAB2-100 Datasheet(PDF) 8 Page - Analog Devices

Part # ADSP-TS101SAB2-100
Description  Embedded Processor
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-TS101SAB2-100 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADSP-TS101SAB2-100 Datasheet HTML 4Page - Analog Devices ADSP-TS101SAB2-100 Datasheet HTML 5Page - Analog Devices ADSP-TS101SAB2-100 Datasheet HTML 6Page - Analog Devices ADSP-TS101SAB2-100 Datasheet HTML 7Page - Analog Devices ADSP-TS101SAB2-100 Datasheet HTML 8Page - Analog Devices ADSP-TS101SAB2-100 Datasheet HTML 9Page - Analog Devices ADSP-TS101SAB2-100 Datasheet HTML 10Page - Analog Devices ADSP-TS101SAB2-100 Datasheet HTML 11Page - Analog Devices ADSP-TS101SAB2-100 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
ADSP-TS101S
–8–
REV. A
The DMA controller also supports two-dimensional transfers.
The DMA controller can access and transfer two-dimensional
memory arrays on any DMA transmit or receive channel. These
transfers are implemented with index, count, and modify
registers for both the X and Y dimensions.
The DMA controller performs the following DMA operations:
• External port block transfers. Four dedicated bidirec-
tional DMA channels transfer blocks of data between the
DSP’s internal memory and any external memory or
memory-mapped peripheral on the external bus. These
transfers support master mode and handshake mode
protocols.
• Link port transfers. Eight dedicated DMA channels (four
transmit and four receive) transfer quad word data only
between link ports and between a link port and internal
or external memory. These transfers only use handshake
mode protocol. DMA priority rotates between the four
receive channels.
• AutoDMA transfers. Two dedicated unidirectional DMA
channels transfer data received from an external bus
master to internal memory or to link port I/O. These
transfers only use slave mode protocol, and an external
bus master must initiate the transfer.
Link Ports
The DSP’s four link ports provide additional 8-bit bidirectional
I/O capability. With the ability to operate at a double data rate—
latching data on both the rising and falling edges of the clock—
running at 125 MHz, each link port can support up to
250M bytes per second, for a combined maximum throughput
of 1G bytes per second.
The link ports provide an optional communications channel that
is useful in multiprocessor systems for implementing point to
point interprocessor communications. Applications can also use
the link ports for booting.
Each link port has its own double-buffered input and output
registers. The DSP’s core can write directly to a link port’s
transmit register and read from a receive register, or the DMA
controller can perform DMA transfers through eight (four
transmit and four receive) dedicated link port DMA channels.
Each link port has three signals that control its operation.
LxCLKOUT and LxCLKIN implement clock/acknowledge
handshaking. LxDIR indicates the direction of transfer and is
used only when buffering the LxDAT signals. An example appli-
cation would be using differential low-swing buffers for long
twisted-pair wires. LxDAT provides the 8-bit data bus
input/output.
Applications can program separate error detection mechanisms
for transmit and receive operations (applications can use the
checksum mechanism to implement consecutive link port trans-
fers), the size of data packets, and the speed at which bytes are
transmitted.
Under certain conditions, the link port receiver can initiate a
token switch to reverse the direction of transfer; the transmitter
becomes the receiver and vice versa.
Timer and General-Purpose I/O
The ADSP-TS101S has a timer pin (TMR0E) that generates
output when a programmed timer counter has expired. Also, the
DSP has four programmable general-purpose I/O pins
(FLAG3–0) that can function as either single bit input or output.
As outputs, these pins can signal peripheral devices; as inputs,
they can provide the test for conditional branching.
Reset and Booting
The ADSP-TS101S has two levels of reset (see reset specifica-
tions on Page 22):
• Power-up reset—After power-up of the system, and strap
options are stable, the
RESET pin must be asserted (low).
• Normal reset—For any resets following the power-up
reset sequence, the
RESET pin must be asserted.
The DSP can be reset internally (core reset) by setting the
SWRST bit in SQCTL. The core is reset, but not the external
port or I/O.
After reset, the ADSP-TS101S has four boot options for
beginning operation:
• Boot from EPROM. The DSP defaults to EPROM
booting when the
BMS pin strap option is set low. See
STRAP PIN FUNCTION DESCRIPTIONS on
Page 18.
• Boot by an external master (host or another ADSP-
TS101S). Any master on the cluster bus can boot the
ADSP-TS101S through writes to its internal memory or
through auto DMA.
• Boot by link port. All four receive link DMA channels are
initialized after reset to transfer a 256-word block to
internal memory address 0 to 255, and to issue an
interrupt at the end of the block (similar to EP DMA).
The corresponding DMA interrupts are set to address
zero (0).
• No boot—Start running from an external memory. Using
the ‘no boot’ option, the ADSP-TS101S must start
running from an external memory, caused by asserting
one of the
IRQ3–0 interrupt signals.
The ADSP-TS101S core always exits from reset in the idle state
and waits for an interrupt. Some of the interrupts in the interrupt
vector table are initialized and enabled after reset.
Low Power Operation
The ADSP-TS101S can enter a low power sleep mode in which
its core does not execute instructions, reducing power consump-
tion to a minimum. The ADSP-TS101S exits sleep mode when
it senses a falling edge on any of its
IRQ3–0 interrupt inputs. The
interrupt, if enabled, causes the ADSP-TS101S to execute the
corresponding interrupt service routine. This feature is useful for
systems that require a low power standby mode.


Similar Part No. - ADSP-TS101SAB2-100

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-TS101SAB2-100 AD-ADSP-TS101SAB2-100 Datasheet
685Kb / 48P
   TigerSHARC Embedded Processor
REV. C
More results

Similar Description - ADSP-TS101SAB2-100

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-BF542 AD-ADSP-BF542 Datasheet
1Mb / 64P
   Embedded Processor
Rev. PrG
logo
Applied Micro Circuits ...
405EXR AMCC-405EXR Datasheet
176Kb / 2P
   Embedded Processor
logo
Analog Devices
ADSP-BF542 AD-ADSP-BF542_07 Datasheet
3Mb / 68P
   Embedded Processor
Rev. PrE
ADSP-BF542 AD-ADSP-BF542_1 Datasheet
3Mb / 100P
   Embedded Processor
Rev. C
ADSP-21266 AD-ADSP-21266_07 Datasheet
894Kb / 44P
   Embedded Processor
REV. C
ADSP-BF522C AD-ADSP-BF522C Datasheet
829Kb / 12P
   Embedded Processor
Rev. PrB
ADSP-21262 AD-ADSP-21262_05 Datasheet
1Mb / 48P
   Embedded Processor
REV. B
ADSP-BF522 AD-ADSP-BF522 Datasheet
2Mb / 88P
   Blackfin Embedded Processor
REV. D
ADSP-2101BS-100 AD-ADSP-2101BS-100 Datasheet
667Kb / 48P
   TigerSHARC Embedded Processor
REV. B
logo
List of Unclassifed Man...
PICASO ETC2-PICASO Datasheet
8Mb / 24P
   Embedded Graphics Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com