Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1331-471K Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 1331-471K
Description  Shielded Surface Mount Inductors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

1331-471K Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  1331-471K Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2/ 2002
PAGE
28
www.delevan.com E-mail: apisales@delevan.com
270 Quaker Rd., East Aurora NY 14052 • Phone 716-652-3600 • Fax 716-652-4814
Series 1331
Shielded Surface Mount Inductors
670
635
610
585
545
530
495
485
460
440
430
405
385
247
228
217
202
193
185
173
136
124
118
111
106
122
115
108
96
88
83
75
69
64
61
59
51
27
24
22
20
18
16
14
13
12
670
635
610
585
545
530
495
485
460
440
430
405
385
247
228
217
202
193
185
173
136
124
118
111
106
122
115
108
96
88
83
75
69
64
61
59
51
88
75
69
64
61
53
46
43
40
0.10
0.11
0.12
0.13
0.15
0.16
0.18
0.19
0.21
0.23
0.24
0.27
0.30
0.73
0.86
0.95
1.10
1.20
1.30
1.50
2.40
2.90
3.20
3.60
4.00
3.00
3.40
3.80
4.90
5.80
6.50
7.90
9.30
11.0
12.0
13.0
16.8
5.80
7.90
9.40
11.0
12.0
16.0
21.0
24.0
28.0
490.0*
430.0*
415.0*
375.0*
330.0*
300.0*
260.0*
230.0
220.0
210.0
180.0
165.0
150.0
130.0
115.0
105.0
95.0
90.0
80.0
75.0
70.0
60.0
55.0
53.0
50.0
35.0
30.0
26.0
24.0
21.0
20.0
19.0
16.0
15.0
13.0
11.0
10.5
13.0
12.0
11.0
10.0
9.0
8.0
7.8
7.5
7.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
45
45
45
45
45
45
44
42
41
41
39
38
37
40
41
43
45
48
49
50
50
50
50
50
50
36
38
40
40
40
41
42
44
44
45
45
40
31
33
33
35
35
35
35
35
35
01F
02F
03F
04F
05F
06F
07F
08F
09F
10F
11F
12F
13F
14F
15F
16F
17F
18F
19F
20F
21F
22F
23F
24F
25F
26F
27F
28F
29F
30F
31F
32F
33F
34F
35F
36F
37F
01F
02F
03F
04F
05F
06F
07F
08F
09F
0.10
0.12
0.15
0.18
0.22
0.27
0.33
0.39
0.47
0.56
0.68
0.82
1.00
1.20
1.50
1.80
2.20
2.70
3.30
3.90
4.70
5.60
6.80
8.20
10.0
12.0
15.0
18.0
22.0
27.0
33.0
39.0
47.0
56.0
68.0
82.0
100.0
120.0
150.0
180.0
220.0
270.0
330.0
390.0
470.0
560.0
Military QPL Approvals
M83446/34 Iron Core/Iron Sleeve
M83446/34 Iron Core/Ferrite Sleeve
M83446/35 Ferrite Core/Ferrite Sleeve
* Ordering Note Military parts must be ordered to
the M83446/ part number
Physical Parameters
Inches
Millimeters
A
0.300 to 0.325
7.62 to 8.26
B
0.105 to 0.125
2.67 to 3.18
C
0.125 to 0.145
3.18 to 3.68
D
0.020 Min.
0.508 Min.
E
0.040 to 0.060
1.02 to 1.52
F
0.190 (Ref. only) 4.83 (Ref. only)
G
0.070 (Ref. only) 1.78 (Ref. only)
Dimensions “A” and “C” are over terminations
Weight Max (Grams) 0.30
Operating Temperature Range –55°C to +105°C
Current Rating at 90°C Ambient 15°C Rise
Maximum Power Dissipation at 90°C 0.585 W
Incremental Current Current level which causes a
maximum of 5% decrease in inductance.
Coupling 3% Max.
* Note Self Resonant Frequency (SRF) values for
-101 to 331 are calculated and for reference only.
Packaging Tape & reel (16mm): 7" reel, 500 pieces
max.; 13" reel, 2200 pieces max.
Made In the U.S.A. Patent Protected
M
I L I TA RY
A
P P R O V E D
SERIES 1331 IRON CORE - IRON SLEEVE
1331-101K
1331-121K
1331-151K
1331-181K
1331-221K
1331-271K
1331-331K
1331-391K
1331-471K
1331-561K
1331-681K
1331-821K
1331-102K
1331-122K
1331-152K
1331-182K
1331-222K
1331-272K
1331-332K
1331-392K
1331-472K
1331-562K
1331-682K
1331-822K
1331-103K
SERIES 1331 IRON CORE - FERRITE SLEEVE
1331-123K
1331-153K
1331-183K
1331-223K
1331-273K
1331-333K
1331-393K
1331-473K
1331-563K
1331-683K
1331-823K
1331-104K
SERIES 1331 FERRITE CORE - FERRITE SLEEVE
1331-124K
1331-154K
1331-184K
1331-224K
1331-274K
1331-334K
1331-394K
1331-474K
1331-564K
Optional Tolerances: J = 5%
H = 3%


Similar Part No. - 1331-471K

ManufacturerPart #DatasheetDescription
logo
API Delevan
1331-471K API-1331-471K Datasheet
1Mb / 1P
   Shielded Surface Mount Inductors
More results

Similar Description - 1331-471K

ManufacturerPart #DatasheetDescription
logo
Bi technologies
HM78 BITECH-HM78 Datasheet
845Kb / 3P
   Shielded Surface Mount Inductors
logo
List of Unclassifed Man...
SPD127 ETC1-SPD127 Datasheet
24Kb / 1P
   Shielded Surface Mount Inductors
SPD62 ETC1-SPD62 Datasheet
23Kb / 1P
   Shielded Surface Mount Inductors
logo
API Delevan
SPD125R API-SPD125R Datasheet
1Mb / 1P
   Shielded Surface Mount Inductors
1331R-681J API-1331R-681J Datasheet
1Mb / 1P
   Shielded Surface Mount Inductors
S1008 API-S1008 Datasheet
28Kb / 1P
   Shielded Surface Mount Inductors
S1210 API-S1210 Datasheet
33Kb / 1P
   Shielded Surface Mount Inductors
logo
Murata Manufacturing Co...
KMP_2900 MURATA-KMP_2900 Datasheet
154Kb / 3P
   Shielded Surface Mount Inductors
logo
TT Electronics.
HM78D TTELEC-HM78D Datasheet
704Kb / 2P
   Shielded Surface Mount Inductors
logo
Bi technologies
HM78D BITECH-HM78D Datasheet
614Kb / 4P
   Shielded Surface Mount Inductors
logo
List of Unclassifed Man...
SPD73 ETC1-SPD73 Datasheet
41Kb / 1P
   Shielded Surface Mount Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com