Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1210-027M Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 1210-027M
Description  Surface Mount Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

1210-027M Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  1210-027M Datasheet HTML 1Page - List of Unclassifed Manufacturers 1210-027M Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2/ 2002
PAGE
19
www.delevan.com E-mail: apisales@delevan.com
270 Quaker Rd., East Aurora NY 14052 • Phone 716-652-3600 • Fax 716-652-4814
Series 1210
Performance Graphs
1
20
FREQUENCY (MHz)
40
60
80
0
10
100
1000
0.56
µH
4.7
µH
1.0
µH
0.10
µH
10
µH
100
µH
68
µH
33
µH
2.2
µH
Q vs. FREQUENCY
1
10
FREQUENCY (MHz)
100
1K
10K
100K
10
100
1000
1210-103J
1210-102J
1210-104J
1210-101K
IMPEDANCE vs. FREQUENCY
–40
–20
0
20
40
60
80
100
120
–10
–5
0
5
10
TEMPERATURE
°C [°F]
[–40]
[–4]
[32]
[68]
[104] [140] [176] [212] [248]
INDUCTANCE CHANGE vs. TEMPERATURE
1210-101K
(0.10
µH)
1210-103J
(10
µH)
1210-104J
(100
µH)
1210-102J
(1.0
µH)
1
0.10
FREQUENCY (MHz)
1.0
10
100
1000
10
100
1000
INDUCTANCE vs. FREQUENCY
1210-104J
1210-103J
1210-102J
1210-101K
For more detailed graphs, contact factory


Similar Part No. - 1210-027M

ManufacturerPart #DatasheetDescription
logo
HellermannTyton.
1210-1-G HELLERMANNTYTON-1210-1-G Datasheet
2Mb / 70P
   NorthAmericanProductGuide
logo
TE Connectivity Ltd
1210-1PSI TEC-1210-1PSI Datasheet
207Kb / 7P
   PC Board Mountable Pressure Sensor
logo
Bourns Electronic Solut...
1210-1S-120 BOURNS-1210-1S-120 Datasheet
439Kb / 3P
   1210 Series Heavy Duty AC Surge Protective Device
1210-1S-230 BOURNS-1210-1S-230 Datasheet
439Kb / 3P
   1210 Series Heavy Duty AC Surge Protective Device
1210-1S-400 BOURNS-1210-1S-400 Datasheet
439Kb / 3P
   1210 Series Heavy Duty AC Surge Protective Device
More results

Similar Description - 1210-027M

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
L-15100 RHOMBUS-IND-L-15100 Datasheet
36Kb / 1P
   Surface Mount Inductors
logo
API Delevan
M0820-00K API-M0820-00K Datasheet
42Kb / 1P
   Surface Mount Inductors
logo
TOKO, Inc
888FU-101M TOKO-888FU-101M Datasheet
29Kb / 1P
   Surface mount inductors
logo
XFMRS Inc.
XF0256S7 XFMRS-XF0256S7 Datasheet
55Kb / 1P
   SURFACE MOUNT INDUCTORS
XF0036S5 XFMRS-XF0036S5 Datasheet
54Kb / 1P
   SURFACE MOUNT INDUCTORS
XF677240 XFMRS-XF677240 Datasheet
76Kb / 2P
   SURFACE MOUNT INDUCTORS
XF0026S8 XFMRS-XF0026S8_15 Datasheet
39Kb / 1P
   SURFACE MOUNT INDUCTORS
XF0076S3 XFMRS-XF0076S3 Datasheet
34Kb / 2P
   SURFACE MOUNT INDUCTORS
logo
API Delevan
M1330-94K API-M1330-94K Datasheet
46Kb / 1P
   Surface Mount Inductors
logo
XFMRS Inc.
3008 XFMRS-3008 Datasheet
34Kb / 2P
   SURFACE MOUNT INDUCTORS
XF0176S11 XFMRS-XF0176S11 Datasheet
60Kb / 1P
   SURFACE MOUNT INDUCTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com