Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65LVCP23PW Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVCP23PW
Description  2x2 LVPECL Crosspoint switch
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LVCP23PW Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN65LVCP23PW Datasheet HTML 4Page - Texas Instruments SN65LVCP23PW Datasheet HTML 5Page - Texas Instruments SN65LVCP23PW Datasheet HTML 6Page - Texas Instruments SN65LVCP23PW Datasheet HTML 7Page - Texas Instruments SN65LVCP23PW Datasheet HTML 8Page - Texas Instruments SN65LVCP23PW Datasheet HTML 9Page - Texas Instruments SN65LVCP23PW Datasheet HTML 10Page - Texas Instruments SN65LVCP23PW Datasheet HTML 11Page - Texas Instruments SN65LVCP23PW Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
SN65LVCP23
SLLS554C − NOVEMBER 2002 − REVISED SEPTEMBER 2004
www.ti.com
8
EN
3 V
1.5 V
0 V
0 V
tPHKL
tPKLH
OUT+
OUT−
1 pF
VOUT+
VOUT−
1 V or 1.4 V
1.2 V
EN
50
VTT
50
VTT
+VOD
−VOD
Vdiff = (OUT+) − (OUT−)
NOTE: All input pulses are supplied by a generator having the following characteristics: tr or tf ≤ 1 ns, pulse-repetition rate (PRR) = 0.5 Mpps, pulse
width = 500
± 10 ns . CL includes instrumentation and fixture capacitance within 0,06 mm of the D.U.T.
Figure 4. Enable and Disable Time Circuit and Definitions
Table 1. Receiver Input Voltage Threshold Test
APPLIED VOLTAGES
RESULTING DIFFERENTIAL
INPUT VOLTAGE
RESULTING COMMON-
MODE INPUT VOLTAGE
OUTPUT
VIA
VIB
VID
VIC
1.25 V
1.15 V
100 mV
1.2 V
H
1.15 V
1.25 V
−100 mV
1.2 V
L
4.0 V
3.9 V
100 mV
3.95 V
H
3.9 V
4. 0 V
−100 mV
3.95 V
L
0.1 V
0.0 V
100 mV
0.05 V
H
0.0 V
0.1 V
−100 mV
0.05 V
L
1.7 V
0.7 V
1000 mV
1.2 V
H
0.7 V
1.7 V
−1000 mV
1.2 V
L
4.0 V
3.0 V
1000 mV
3.5 V
H
3.0 V
4.0 V
−1000 mV
3.5 V
L
1.0 V
0.0 V
1000 mV
0.5 V
H
0.0 V
1.0 V
−1000 mV
0.5 V
L
H = high level, L = low level


Similar Part No. - SN65LVCP23PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVCP23PW TI-SN65LVCP23PW Datasheet
538Kb / 19P
[Old version datasheet]   2x2 LVPECL CROSSPOINT SWITCH
SN65LVCP23PWG4 TI-SN65LVCP23PWG4 Datasheet
538Kb / 19P
[Old version datasheet]   2x2 LVPECL CROSSPOINT SWITCH
SN65LVCP23PWR TI-SN65LVCP23PWR Datasheet
538Kb / 19P
[Old version datasheet]   2x2 LVPECL CROSSPOINT SWITCH
SN65LVCP23PWRG4 TI-SN65LVCP23PWRG4 Datasheet
538Kb / 19P
[Old version datasheet]   2x2 LVPECL CROSSPOINT SWITCH
More results

Similar Description - SN65LVCP23PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVCP23 TI-SN65LVCP23_08 Datasheet
538Kb / 19P
[Old version datasheet]   2x2 LVPECL CROSSPOINT SWITCH
SN65LVCP23 TI1-SN65LVCP23_14 Datasheet
783Kb / 22P
[Old version datasheet]   2x2 LVPECL CROSSPOINT SWITCH
SN65LVCP22 TI-SN65LVCP22_07 Datasheet
567Kb / 19P
[Old version datasheet]   2x2 LVDS CROSSPOINT SWITCH
SN65LVCP402 TI1-SN65LVCP402 Datasheet
1Mb / 20P
[Old version datasheet]   Gigabit 2x2 CROSSPOINT SWITCH
DS10CP152 TI1-DS10CP152_14 Datasheet
767Kb / 16P
[Old version datasheet]   Gbps 2X2 LVDS Crosspoint Switch
SN55LVCP22-SP TI1-SN55LVCP22-SP Datasheet
298Kb / 17P
[Old version datasheet]   CLASS V 2x2 LVDS CROSSPOINT SWITCH
SN55LVCP22 TI1-SN55LVCP22 Datasheet
257Kb / 20P
[Old version datasheet]   CLASS V 2x2 LVDS CROSSPOINT SWITCH
logo
Pericom Semiconductor C...
PI90LV024 PERICOM-PI90LV024 Datasheet
151Kb / 12P
   LVDS Dual 2x2 Crosspoint/Repeater Switch
logo
National Semiconductor ...
DS25CP152 NSC-DS25CP152 Datasheet
272Kb / 12P
   3.125 Gbps LVDS 2x2 Crosspoint Switch
logo
Texas Instruments
DS90CP02 TI1-DS90CP02_15 Datasheet
796Kb / 16P
[Old version datasheet]   1.5 Gbps 2x2 LVDS Crosspoint Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com