Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74AUC2G34 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AUC2G34
Description  Optimized for 1.8-V Operation and Is 3.6-V I/O Tolerant to Support Mixed-Mode Signal Operation
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AUC2G34 Datasheet(HTML) 4 Page - Texas Instruments

  SN74AUC2G34 Datasheet HTML 1Page - Texas Instruments SN74AUC2G34 Datasheet HTML 2Page - Texas Instruments SN74AUC2G34 Datasheet HTML 3Page - Texas Instruments SN74AUC2G34 Datasheet HTML 4Page - Texas Instruments SN74AUC2G34 Datasheet HTML 5Page - Texas Instruments SN74AUC2G34 Datasheet HTML 6Page - Texas Instruments SN74AUC2G34 Datasheet HTML 7Page - Texas Instruments SN74AUC2G34 Datasheet HTML 8Page - Texas Instruments SN74AUC2G34 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
www.ti.com
Electrical Characteristics
Switching Characteristics
Switching Characteristics
Operating Characteristics
SN74AUC2G34
DUAL BUFFER GATE
SCES514A – NOVEMBER 2003 – REVISED MARCH 2006
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP(1)
MAX
UNIT
IOH = –100 µA
0.8 V to 2.7 V
VCC – 0.1
IOH = –0.7 mA
0.8 V
0.55
IOH = –3 mA
1.1 V
0.8
VOH
V
IOH = –5 mA
1.4 V
1
IOH = –8 mA
1.65 V
1.2
IOH = –9 mA
2.3 V
1.8
IOL = 100 µA
0.8 V to 2.7 V
0.2
IOL = 0.7 mA
0.8 V
0.25
IOL = 3 mA
1.1 V
0.3
VOL
V
IOL = 5 mA
1.4 V
0.4
IOL = 8 mA
1.65 V
0.45
IOL = 9 mA
2.3 V
0.6
II
A inputs
VI = VCC or GND
0 to 2.7 V
±5
µA
Ioff
VI or VO = 2.7 V
0
±10
µA
ICC
VI = VCC or GND,
IO = 0
0.8 V to 2.7 V
10
µA
Ci
VI = VCC or GND
2.5 V
2
pF
(1)
All typical values are at TA = 25°C.
over recommended operating free-air temperature range, C
L = 15 pF (unless otherwise noted) (see Figure 1)
VCC = 1.2 V
VCC = 1.5 V
VCC = 1.8 V
VCC = 2.5 V
VCC = 0.8 V
FROM
TO
± 0.1 V
± 0.1 V
± 0.15 V
± 0.2 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
TYP
MIN
MAX
MIN
MAX
MIN
TYP
MAX
MIN
MAX
tpd
A
Y
6.4
0.7
3.4
0.6
2.3
0.6
1
1.6
0.5
1.2
ns
over recommended operating free-air temperature range, C
L = 30 pF (unless otherwise noted) (see Figure 1)
VCC = 1.8 V
VCC = 2.5 V
FROM
TO
± 0.15 V
± 0.2 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
tpd
A
Y
0.7
1.3
2.4
0.6
1.8
ns
T
A = 25°C
VCC = 0.8 V
VCC = 1.2 V
VCC = 1.5 V
VCC = 1.8 V
VCC = 2.5 V
TEST
PARAMETER
UNIT
CONDITIONS
TYP
TYP
TYP
TYP
TYP
Power dissipation
Cpd
f = 10 MHz
12
12
12
13
14
pF
capacitance
4
Submit Documentation Feedback


Similar Part No. - SN74AUC2G34

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUC2G34 TI-SN74AUC2G34 Datasheet
738Kb / 15P
[Old version datasheet]   DUAL BUFFER GATE
SN74AUC2G34DBVR TI-SN74AUC2G34DBVR Datasheet
738Kb / 15P
[Old version datasheet]   DUAL BUFFER GATE
SN74AUC2G34DBVRE4 TI-SN74AUC2G34DBVRE4 Datasheet
738Kb / 15P
[Old version datasheet]   DUAL BUFFER GATE
SN74AUC2G34DBVRG4 TI-SN74AUC2G34DBVRG4 Datasheet
738Kb / 15P
[Old version datasheet]   DUAL BUFFER GATE
SN74AUC2G34DCKR TI-SN74AUC2G34DCKR Datasheet
738Kb / 15P
[Old version datasheet]   DUAL BUFFER GATE
More results

Similar Description - SN74AUC2G34

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY66108 SKYWORKS-SKY66108_11 Datasheet
1Mb / 13P
   2.0 V to 3.6 V supply operation
logo
Vishay Siliconix
TFDU6301 VISHAY-TFDU6301 Datasheet
217Kb / 15P
   Fast Infrared Transceiver Module (FIR, 4 Mbit/s) for 2.4 V to 3.6 V Operation and Low-Voltage Logic (1.8 V)
Rev. 1.8, 03-Jul-08
TFDU6300 VISHAY-TFDU6300 Datasheet
214Kb / 15P
   Fast Infrared Transceiver Module (FIR, 4 Mbit/s) for 2.4 V to 3.6 V Operation
Rev. 1.8, 03-Jul-08
logo
Texas Instruments
TCAN1046AV-Q1 TI-TCAN1046AV-Q1_V02 Datasheet
2Mb / 43P
[Old version datasheet]   TCAN104xAV-Q1 Automotive Dual CAN FD Transceiver with 1.8-V I/O Support and Standby Mode
DECEMBER 2021
TCAN1044EV-Q1 TI1-TCAN1044EV-Q1 Datasheet
705Kb / 31P
[Old version datasheet]   TCAN1044EV-Q1 Grade 0 CAN FD Transceiver with Standby Mode and 1.8-V I/O Support
TCAN1046AV-Q1 TI-TCAN1046AV-Q1_V01 Datasheet
2Mb / 41P
[Old version datasheet]   TCAN104xAV-Q1 Automotive Dual CAN FD Transceiver with 1.8-V I/O Support and Standby Mode
DECEMBER 2021
TCAN1046AV-Q1 TI-TCAN1046AV-Q1 Datasheet
907Kb / 15P
[Old version datasheet]   TCAN104xAV-Q1 Automotive Dual CAN FD Transceiver with 1.8-V I/O Support and Standby Mode
SLLSFJ5 ??JULY 2021
TCAN1046AV-Q1 TI-TCAN1046AV-Q1_V03 Datasheet
2Mb / 43P
[Old version datasheet]   TCAN104xAV-Q1 Automotive Dual CAN FD Transceiver with 1.8-V I/O Support and Standby Mode
DECEMBER 2021
logo
Dialog Semiconductor
AT25FF161A DIALOG-AT25FF161A Datasheet
1Mb / 120P
   16-Mbit, 1.65 V - 3.6 V SPI Serial Flash Memory with Multi-I/O Support
logo
Renesas Technology Corp
AT25FF321A RENESAS-AT25FF321A Datasheet
2Mb / 111P
   32-Mbit, 1.65 V - 3.6 V SPI Serial Flash Memory with Multi-I/O Support
2022-12-21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com