Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CRA69 Datasheet(PDF) 1 Page - Tyco Electronics

Part # CRA69
Description  Cascadable Amplifier 10 to 1000 MHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

CRA69 Datasheet(HTML) 1 Page - Tyco Electronics

  CRA69 Datasheet HTML 1Page - Tyco Electronics CRA69 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
!
"
!
"
!
"
! #
$
!
!
!
"
#$
%
&
' (
(
(
) *(
+ ( ,
%$ ! &
'()
*
*
*
+
+ ,!
- ! . !/
0
- !
!
.
/
0
1
1
1
2 3
4
!
0
5
,$
.
/
0
6
7$ #$
8
0
# . !/
0
46
0
9
46
0
9
+
! 7
(
!
4
6
0
9
+: 2 4!#$
7$ #$ .
/
;< <$
! 8
.
/
=
-
= =4
>=0>? 4
5 +@2 =<? '7@5
(4
-( -=4
5* : 7 + =-?+
0 . A6 /
(4
-( 7@ 6@ 67: ?2 9
0
. A6 /
(4
-( (4
2; 72;?2 46 9
0
. A6 /
!
" 2=
2
#
"&B
,!C " " $
" !
!$
$ !,#
!
! #
!
! " ,"
B &
"
, B#
!
B D
#
,!
# &
#
3 #
!
3
B
B !
%$ ! &
!,
=!
3
;< B
!, !
D ! $
#
$ *
B #
!
0 " 7* 0 ! +$
' $! #
D ,
"
&
C ! '4>*+ ;*
!3 !
!
! !,
3
B
&
.
/
0 &
/ .
1
2 /
2=
7* 0
+'2=
+$
' $!
<2=
+'= < !!
)
1
3 4
5
/
1
3 4
+
,
#
$
*
E<
9
E<
<
#
$
E<
;<
,
9
< ! !$ $ 4!#$ 6
9
0
+"
4!#$ #
.
!$
/
:
6
D6
. F
/
:
G+H+
0$ !*4!
#
$
.
/
E<
#
!
!
5
/
"
2
!
IJ
E< :
!
6
;
#
! 6
:
K$!
!
#
$
2
=B 3 <
J
E<
L73
#
$
#
!
#
!$ B
<2=
C,$
!
<
9
< ! &


Similar Part No. - CRA69

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
CRA601D KOA-CRA601D Datasheet
477Kb / 2P
   cr networks
logo
Tyco Electronics
CRA62 MACOM-CRA62 Datasheet
356Kb / 2P
   Cascadable Amplifier 2000 to 6000 MHz
CRA63-1 MACOM-CRA63-1 Datasheet
492Kb / 2P
   Cascadable Amplifier 2000 to 6000 MHz
CRA66 MACOM-CRA66 Datasheet
414Kb / 2P
   Cascadable Amplifier 10 to 1000 MHz
More results

Similar Description - CRA69

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A1031 MACOM-A1031 Datasheet
115Kb / 1P
   10 TO 1000 MHz CASCADABLE AMPLIFIER
A12 MACOM-A12_1 Datasheet
371Kb / 2P
   Cascadable Amplifier 10 to 1000 MHz
A19-1 MACOM-A19-1_1 Datasheet
364Kb / 2P
   Cascadable Amplifier 10 to 1000 MHz
A66-1 MACOM-A66-1_1 Datasheet
383Kb / 2P
   Cascadable Amplifier 10 to 1000 MHz
logo
M/A-COM Technology Solu...
A66-1 MA-COM-A66-1_15 Datasheet
737Kb / 5P
   Cascadable Amplifier 10 to 1000 MHz
logo
Tyco Electronics
A19-1 MACOM-A19-1 Datasheet
110Kb / 1P
   10 TO 1000 MHz CASCADABLE AMPLIFIER
A66-1 MACOM-A66-1 Datasheet
108Kb / 1P
   10 TO 1000 MHz CASCADABLE AMPLIFIER
A17 MACOM-A17_1 Datasheet
360Kb / 2P
   Cascadable Amplifier 10 to 1000 MHz
A1031 MACOM-A1031_1 Datasheet
375Kb / 2P
   Cascadable Amplifier 10 to 1000 MHz
logo
M/A-COM Technology Solu...
RA66 MA-COM-RA66 Datasheet
1Mb / 2P
   Cascadable Amplifier 10 to 1000 MHz
RA69 MA-COM-RA69 Datasheet
1Mb / 2P
   Cascadable Amplifier 10 to 1000 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com