Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CRA62 Datasheet(PDF) 1 Page - Tyco Electronics

Part # CRA62
Description  Cascadable Amplifier 2000 to 6000 MHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

CRA62 Datasheet(HTML) 1 Page - Tyco Electronics

  CRA62 Datasheet HTML 1Page - Tyco Electronics CRA62 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Cascadable Amplifier
2000 to 6000 MHz
RA62/SMRA62
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V2
1
Electrical Specifications: Z0 = 50Ω
Ω, VCC = +5 VDC
Parameter
Units
Typical
Guaranteed
25ºC
0º to 50ºC
-54º to +85ºC*
Frequency
GHz
1.5-6.2
2.0-6.0
2.0-6.0
Small Signal Gain (min)
dB
16.0
14.0
13.5
Gain Flatness (max)
dB
±0.4
±0.7
±1.0
Reverse Isolation
dB
30
Noise Figure (max)
dB
4.0
5.0
5.5
Power Output
@ 1 dB comp. (min)
dBm
13.0
12.0
11.5
IP3
dBm
+28
IP2
dBm
+40
Second Order Harmonic IP
dBm
+45
VSWR Input / Output (max)
1.5:1 / 1.5:1
1.9:1 / 1.9:1
2.1:1 / 2.1:1
DC Current @ 5 Volts (max)
mA
65
72
74
Features
• ULTRAWIDE BANDWIDTH 1.5-6.2 GHz (TYP.)
• MEDIUM GAIN 16 dB (TYP.)
• MEDIUM OUTPUT POWER +13 dBm (TYP.)
• LOW NOISE FIGURE 4 dB (TYP.)
Description
The RA62 RF amplifier is a discrete hybrid design, which uses
thin film manufacturing processes for accurate performance
and high reliability.
This two stage GaAs FET feedback amplifier design displays
impressive performance characteristics over a broadband
frequency range. Both TO-8 and Surface Mount packages
are hermetically sealed, and MIL-STD-883 environmental screen-
ing is available
.
Product Image
Ordering Information
Part Number
Package
RA62
TO-8
SMRA62
Surface Mount
CRA62
SMA Connectorized
Absolute Maximum Ratings
Parameter
Absolute
Maximum
Storage Temperature
-62ºC to +125ºC
Case Temperature
125ºC
DC Voltage
+6 V
Continuous Input Power
+7 dBm
Short Term Input power
(1 minute max.)
100 mW
Peak Power (3 sec max.)
0.25 W
“S” Series Burn-In
Temperature (case)
125ºC
Thermal Data: VCC = +5 VDC
Parameter
Rating
Thermal Resistance θjc
92.2ºC/W
Transistor Power Dissipation Pd
0.171 W
Junction Temperature Rise
Above Case Tjc
16ºC
* Over temperature performance limits for part number CRA62, guaranteed from 0
oC to +50oC only.


Similar Part No. - CRA62

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
CRA601D KOA-CRA601D Datasheet
477Kb / 2P
   cr networks
logo
Tyco Electronics
CRA63-1 MACOM-CRA63-1 Datasheet
492Kb / 2P
   Cascadable Amplifier 2000 to 6000 MHz
CRA66 MACOM-CRA66 Datasheet
414Kb / 2P
   Cascadable Amplifier 10 to 1000 MHz
CRA69 MACOM-CRA69 Datasheet
467Kb / 2P
   Cascadable Amplifier 10 to 1000 MHz
More results

Similar Description - CRA62

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A6011 MACOM-A6011_1 Datasheet
374Kb / 2P
   Cascadable Amplifier 2000 to 6000 MHz
logo
M/A-COM Technology Solu...
RA62 MA-COM-RA62 Datasheet
1Mb / 2P
   Cascadable Amplifier 2000 to 6000 MHz
A6011 MA-COM-A6011 Datasheet
1Mb / 2P
   Cascadable Amplifier 2000 to 6000 MHz
logo
Tyco Electronics
A6011 MACOM-A6011 Datasheet
105Kb / 1P
   2000 TO 6000 MHz CASCADABLE AMPLIFIER
RA63-1 MACOM-RA63-1 Datasheet
492Kb / 2P
   Cascadable Amplifier 2000 to 6000 MHz
logo
M/A-COM Technology Solu...
RA63-1 MA-COM-RA63-1 Datasheet
1Mb / 3P
   Cascadable Amplifier 2000 to 6000 MHz
A6011 MA-COM-A6011_15 Datasheet
637Kb / 3P
   Cascadable Amplifier 2000 to 6000 MHz
logo
List of Unclassifed Man...
A6011 ETC1-A6011 Datasheet
104Kb / 1P
   2000 TO 6000 MHz CASCADABLE AMPLIFIER
logo
Teledyne Technologies I...
A2CP6005 TELEDYNE-A2CP6005 Datasheet
125Kb / 2P
   2000-6000 MHz 2000-6000 MHz
A2CP6008 TELEDYNE-A2CP6008 Datasheet
109Kb / 1P
   2000-6000 MHz COUGARPAK ??AMPLIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com