Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VX82 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # VX82
Description  SURFACE MOUNT VOLTAGE CONTROLLED CRYSTAL OSCILLATOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

VX82 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  VX82 Datasheet HTML 1Page - List of Unclassifed Manufacturers VX82 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MECHANICAL SHOCK
MIL-STD-202, METHID 213, CONDITION E
THERMAL SHOCK
MIL-STD-883, METHOD 1011, CONDITION A
RANDOM VIBRATION
MIL-STD-883, METHOD 2007, CONDITION A
GROSS LEAK
100% LEAK TESTED IN DEIONIZED WATER
HERMETIC SEAL
LEAK RATE LESS THAN 0.05 PPM ATM x cc/s OF HELIUM
SOLDERING CONDITIONS
240° C ±5 s MAXIMUM FOR 10 s
MECHANICAL
SURFACE MOUNT, 6 PIN PER OUTLINE DRAWING
MECHANICAL CHARACTERISTICS
SERIES VX81, VX82 AND VX83
TTL / HCMOS / ACMOS
SURFACE MOUNT VOLTAGE CONTROLLED
CRYSTAL OSCILLATOR
FEATURES
SPECIFICATIONS
MINIATURE PACKAGE
CUSTOM SPECIFICATIONS
ENABLE DISABLE OPTION
FREQUENCY RANGE
1.00 MHz TO 30.00 MHz
FREQUENCY STABILITY OVER
TEMPERATURE RANGE (REF. TO25°C)
±10 PPM TO ±50 PPM MAX AT VC = 2.5 VDC AND VCC = +5.0 VDC (SEE TABLE 1)
OPERATING TEMPERATURE RANGE
0°C TO +50°C
0°C TO +70°C
-40°C TO +85°C
AT VC = +2.5 VDC AND VCC = +5.0VDC AND STANDARD LOAD (SEE TABLE 1)
STORAGE TEMPERATURE RANGE
-40°C TO +85°C
OUTPUT WAVEFORM OPTIONS
TTL, HCMOS, AND ACMOS
SUPPLY VOLTAGE
+5 VDC ±5% (3.3 VDC AVAILABLE)
SUPPLY CURRENT
35 mA MAX AT VC = +2.5 VDC, VCC = +5.0 VDC AND STANDARD LOAD AT 25°C
ABSOLUTE PULL RANGE (APR)
±50 PPM TO ±100 PPM MIN OVER CONTROL VOLTAGE RANGE
AT VCC = +5.0 V AND STANDARD LOAD AT 25°C
NOMINAL CONTROL VOLTAGE (VC)
+2.5 VDC
SETTABILITY AT Vfo †
+2.5 VDC ±0.5 VDC
CONTROL VOLTAGE RANGE
+0.5 TO +4.5 VDC
LINEARITY
±10% MAX FOR BEST STRAIGHT LINE FIT
SYMMETRY
NORMAL: 40/60 % TIGHT: 45/55 % TIGHT (OPTION)
SLOPE
POSITIVE
MODULATION FREQUENCY BANDWIDTH 10 KHz (-3dB) MIN
INPUT IMPEDANCE
10 KOHM MIN
ABSOLUTE VOLTAGE RANGE
-0.5 TO +7.0 VDC FOR VCC AND VC (NON DESTRUCTIVE)
ENABLE/DISABLE FUNCTION
CONTROL PIN 2: HIGH OR OPEN (+2.O VDC MIN) OUTPUT PIN 4: ENABLED
CONTROL PIN 2: LOW OR GND (+0.8 VDC MAX) OUTPUT PIN 4: DISABLED (HIGH Z)
PHASE NOISE (TYPICAL)
SEE GRAPH FOR PHASE NOISE CHARACTERISTICS
† Vfo IS THE CONTROL VOLTAGE AT WHICH THE OUTPUT FREQUENCY IS EQUAL TO THE NOMINAL FREQUENCY Fo
AT 25 C
ABSOLUTE PULL RANGE (APR) IS THE MINIMUM GUARANTEED FREQUENCY SHIFT FROM Fo OVER VARIATIONS IN
TEMPERATURE, AGING, POWER SUPPLY, AND LOAD.
TABLE 1
CODE
TEMPERATURE
RANGE
TEMPERATURE
STABILITY
APR
A
0°C TO +50°C
± 10 PPM
± 50 PPM
B
0°C TO +50°C
± 15 PPM
± 50 PPM
C
0°C TO +50°C
± 15 PPM
± 50 PPM
D
0°C TO +50°C
± 20 PPM
± 75 PPM
E
0°C TO +50°C
± 25 PPM
± 75 PPM
F
0°C TO +50°C
± 35 PPM
± 100PPM
G
0°C TO +70°C
± 10 PPM
± 50 PPM
H
0°C TO +70°C
± 20 PPM
± 50 PPM
I
0°C TO +70°C
± 20 PPM
± 50 PPM
J
0°C TO +70°C
± 25 PPM
± 50 PPM
K
0°C TO +70°C
± 35 PPM
± 75 PPM
L
0°C TO +70°C
± 50 PPM
± 100 PPM
M
-40°C TO +85°C
± 20 PPM
± 50 PPM
N
-40°C TO +85°C
± 30 PPM
± 50 PPM
O
-40°C TO +85°C
± 25 PPM
± 75 PPM
P
-40°C TO +85°C
± 35 PPM
± 75 PPM
Q
-40°C TO +85°C
± 50 PPM
± 100 PPM
TEMPERATURE RANGE DESIGNATIONS
TABLE 2
TTL - 3 GATES (VC/VE81)
TTL/HCMOS COMPATIBLE
SYMMETRY: 40/60% TO 60/40% AT +1.4 VDC
VOH: +2.4 VDC MIN
VOL: +0.4 VDC MAX
RISE/FALL TIME: 10 ns WITH STANDARD LOAD (20% TO 80%)
HCMOS - 15 pF (VC/VE82)
TTL/HCMOS COMPATIBLE
SYMMETRY: 40/60% TO 60/40% AT 50% LEVEL
VOH: +4.5 VDC MIN
VOL: +0.5 VDC MAX
RISE/FALL TIME: 5 ns WITH STANDARD LOAD (20% TO 80%)
ACMOS - 30 pF (VC/VE83)
ACMOS TO DRIVE 3 GATES AT TTL LEVELS
SYMMETRY: 40/60% TO 60/40% AT 50% LEVEL
VOH: +4.5 VDC MIN
VOL: +0.5 VDC MAX
RISE/FALL TIME: 5 ns WITH 30 pF LOAD (20% TO 80%)
OUTPUT AND LOAD CHARACTERISTICS
Raltron Electronics Corporation 10651 NW 19th St. Miami, Florida 33172 U.S.A.
Tel: 305-593-6033 Fax: 305-594-3973 e-mail: sales@raltron.com Internet: http://www.raltron.com


Similar Part No. - VX82

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VX80 ETC2-VX80 Datasheet
348Kb / 8P
   SWITCH - SOLID STATE
logo
Honeywell Solid State E...
VX80-C1 HONEYWELL-VX80-C1 Datasheet
308Kb / 3P
   Solid State Basic Switch
logo
Vishay Siliconix
VX80100PW VISHAY-VX80100PW Datasheet
133Kb / 5P
   Dual High Voltage TMBS짰 (Trench MOS Barrier Schottky) Rectifier
VX80100PW-M3/P VISHAY-VX80100PW-M3/P Datasheet
133Kb / 5P
   Dual High Voltage TMBS짰 (Trench MOS Barrier Schottky) Rectifier
VX80100PWHM3/P VISHAY-VX80100PWHM3/P Datasheet
133Kb / 5P
   Dual High Voltage TMBS짰 (Trench MOS Barrier Schottky) Rectifier
More results

Similar Description - VX82

ManufacturerPart #DatasheetDescription
logo
STATEK CORPORATION
VCXO STATEK-VCXO Datasheet
257Kb / 2P
   Miniature Surface Mount Voltage-Controlled Crystal Oscillator
logo
MTRONPTI
K1536CLC MTRONPTI-K1536CLC Datasheet
303Kb / 2P
   3.3V 9x11mm Surface Mount Voltage Controlled Crystal Oscillator
K1526BLC MTRONPTI-K1526BLC Datasheet
289Kb / 2P
   5V 9x11mm Surface Mount Voltage Controlled Crystal Oscillator
K1526A MTRONPTI-K1526A Datasheet
294Kb / 2P
   5V 9x14mm Surface Mount Voltage Controlled Crystal Oscillator
K1536BLC MTRONPTI-K1536BLC Datasheet
291Kb / 2P
   3.3V 9x11mm Surface Mount Voltage Controlled Crystal Oscillator
K1526CLC MTRONPTI-K1526CLC Datasheet
292Kb / 2P
   5V 9x11mm Surface Mount Voltage Controlled Crystal Oscillator
logo
Mini-Circuits
ROS-2432-119++ MINI-ROS-2432-119+ Datasheet
243Kb / 2P
   Surface Mount Voltage Controlled Oscillator
JTOS-300P MINI-JTOS-300P Datasheet
207Kb / 2P
   Surface Mount Voltage Controlled Oscillator
ROS-1000PV MINI-ROS-1000PV Datasheet
237Kb / 2P
   Surface Mount Voltage Controlled Oscillator
logo
List of Unclassifed Man...
SMD914V ETC-SMD914V Datasheet
187Kb / 1P
   Surface Mount Voltage Controlled Oscillator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com