Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAPRST1214-150UF Datasheet(PDF) 1 Page - Tyco Electronics

Part # MAPRST1214-150UF
Description  RADAR PULSED POWER TRANSISTOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAPRST1214-150UF Datasheet(HTML) 1 Page - Tyco Electronics

  MAPRST1214-150UF Datasheet HTML 1Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
Preliminary Datasheet
Revision 01/14/2003
MAPRST1214-150UF
RADAR PULSED POWER TRANSISTOR
150W, 1.2-1.4 GHz, 6ms Pulse Width, 25% Duty Cycle
FEATURES
OUTLINE DRAWING
∗ NPN Silicon Microwave Power Transistor
∗ Common Base Configuration
∗ Broadband Class C Operation
∗ High Efficiency Interdigitated Geometry
∗ Diffused Emitter Ballasting Resistors
∗ Gold Metalization System
∗ Internal Input and Output Impedance Matching
∗ Hermetic Metal/Ceramic Package
∗ Typcial Second Harmonic Level < -30dBc
ABSOLUTE MAXIMUM RATINGS AT 25°C
Parameter
Symbol
Rating
Units
Collector-Emitter Voltage
VCES
70
V
Emitter-Base Voltage
VEBO
4.0
V
Collector Current (Peak)
IC
19.5
A
Total Power Dissipation @
+25°C
PTOT
580
W
Junction Temperature
TJ
200
°C
Storage Temperature
TSTG
-65 to +200
°C
ELECTRICAL CHARACTERISTICS AT 25°C
Parameter
Symbol
Min
Max
Units
Test Conditions
Collector-Emitter Breakdown
Voltage
BVCES
70
-
V
IC = 10 mA
Collector-Emitter Leakage Current
ICES
-
4.0
mA
VCE = 40V
Thermal Resistance
RTH
-
0.3
°C/W
VCC = 36V, Pin = 27W, F= 1.2, 1.3, 1.4 GHz
Output Power
POUT
150
-
W
VCC = 36V, Pin = 27W, F= 1.2, 1.3, 1.4 GHz
Power Gain
GP
7.4
-
dB
VCC = 36V, Pin = 27W, F= 1.2, 1.3, 1.4 GHz
Gain Flatness
ΔG
-
1.25
dB
VCC = 36V, PIN = 27W, F= 1.2, 1.3, 1.4 GHz
Collector Efficiency
η
c
45
-
%
VCC = 36V, PIN = 27W, F= 1.2, 1.3, 1.4 GHz
Input Return Loss
RL
9
-
dB
VCC = 36V, PIN = 27W, F= 1.2, 1.3, 1.4 GHz
Amplitude Pulse Droop
Droop
-
0.5
dB
VCC = 36V, PIN = 27W, F= 1.2, 1.3, 1.4 GHz
Load Mismatch Stability
VSWR-S
-
1.5:1
-
VCC = 36V, PIN = 27W, F= 1.2, 1.3, 1.4 GHz
Load Mismatch Tolerance
VSWR-T
-
3:1
-
VCC = 36V, PIN = 27W, F= 1.2, 1.3, 1.4 GHz
BROADBAND TEST FIXTURE IMPEDANCE
F (MHz)
Z IF (Ω)
Z OF (Ω)
1200
1.7 - j1.8
2.0 - j2.3
1300
1.6 - j1.3
1.95 - j2.0
1400
1.4 - j1.0
1.8 - j1.85
TEST FIXTURE
INPUT
CIRCUIT
ZIF
TEST FIXTURE
OUTPUT
CIRCUIT
ZOF
50
Ω
50
Ω


Similar Part No. - MAPRST1214-150UF

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAPRST1214-150UF MACOM-MAPRST1214-150UF Datasheet
193Kb / 4P
   Radar Pulsed Power Transistor 150W, 1.2-1.4 GHz, 6ms Pulse, 25% Duty
logo
M/A-COM Technology Solu...
MAPRST1214-150UF MA-COM-MAPRST1214-150UF Datasheet
153Kb / 4P
   Radar Pulsed Power Transistor 150W, 1.2-1.4 GHz, 6ms Pulse, 25% Duty
logo
Tyco Electronics
MAPRST1214-150UF MACOM-MAPRST1214-150UF_07 Datasheet
193Kb / 4P
   Radar Pulsed Power Transistor 150W, 1.2-1.4 GHz, 6ms Pulse, 25% Duty
More results

Similar Description - MAPRST1214-150UF

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
PH1214-0.85L MA-COM-PH1214-0.85L Datasheet
161Kb / 2P
   Radar Pulsed Power Transistor
MAPR-002729-170M00 MA-COM-MAPR-002729-170M00_15 Datasheet
111Kb / 3P
   Radar Pulsed Power Transistor
MAPRST0002 MA-COM-MAPRST0002_15 Datasheet
108Kb / 3P
   Radar Pulsed Power Transistor
PH3135-5M MA-COM-PH3135-5M_15 Datasheet
107Kb / 3P
   Radar Pulsed Power Transistor
PH3135-90S MA-COM-PH3135-90S_15 Datasheet
100Kb / 2P
   Radar Pulsed Power Transistor
PH1214-100EL MA-COM-PH1214-100EL_17 Datasheet
655Kb / 4P
   Radar Pulsed Power Transistor
PH1214-110M MA-COM-PH1214-110M_17 Datasheet
656Kb / 4P
   Radar Pulsed Power Transistor
PH1214-300M MA-COM-PH1214-300M_17 Datasheet
681Kb / 5P
   Radar Pulsed Power Transistor
PH1214-2M MA-COM-PH1214-2M_17 Datasheet
143Kb / 3P
   Radar Pulsed Power Transistor
PH1214-25M MA-COM-PH1214-25M_17 Datasheet
648Kb / 4P
   Radar Pulsed Power Transistor
MAPR-001214-380M MA-COM-MAPR-001214-380M_17 Datasheet
560Kb / 4P
   Radar Pulsed Power Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com