Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

YF001C2CF07QE Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # YF001C2CF07QE
Description  4 Tumbler Miniature Switchlocks
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

YF001C2CF07QE Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  YF001C2CF07QE Datasheet HTML 1Page - List of Unclassifed Manufacturers YF001C2CF07QE Datasheet HTML 2Page - List of Unclassifed Manufacturers YF001C2CF07QE Datasheet HTML 3Page - List of Unclassifed Manufacturers YF001C2CF07QE Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
YF00132C203NQ
TERM. NOS. MOLDED
ON HOUSING
Specifications
CONTACT RATING: Q contact material: 4 AMPS @ 125 V AC or
28 V DC; 2 AMPS @ 250 V AC (UL / CSA). See page H-14 for
additional ratings.
ELECTRICAL LIFE: 10,000 make-and-break cycles at full load.
CONTACT RESISTANCE: Below 10 milliohms typ. initial @
2-4 V DC, 100 mA, for both silver and gold plated contacts.
INSULATION RESISTANCE: 109 ohms min.
DIELECTRIC STRENGTH: 1,000 V RMS min. @ sea level.
INDEXING: 45
_ -3 pos. max. Models with common terminal,
45
_ -3 pos. max. 90_ -2 pos. max.
NOTE: Specifications and materials listed above are for switchlocks with standard options.
For information on specific and custom switchlocks, consult Customer Service Center.
Materials
LOCK: Zinc alloy with stainless steel facing. 4 tumbler,
single bitted lock with integral detent mechanism.
KEYS: Two nickel plated brass keys with code number.
SWITCH HOUSING: 6/6 Nylon (UL 94V-2).
CONTACTS & TERMINALS: Q contact material: Copper, silver plated.
See page H-14 for additional contact materials.
MOUNTING NUT: Brass, bright zinc plated.
TERMINAL SEAL: Epoxy.
SWITCHLOCK WITH STANDARD OPTIONS
SWITCH AND LOCK FUNCTION
Terminal numbers molded
on bottom of housing.
TERMINAL NUMBERS
All models
with all options when ordered with ‘G’ or ‘Q’ contact material.
SP
NOTE: For panel mounting information, see page H-14.
YF Series
4 Tumbler Miniature Switchlocks
H
H-12
C&K Components, Inc. Web Site: www.ckcorp.com Americas Sales Tel: 800-635-5936 Fax: 617-926-6846
Europe Sales Tel: +44-1536-521147 Fax: +44-1536-411602
S Asia Sales Tel: +852-2798-6393 Fax: +852-2751-9926
PART NUMBER
NO. POLES
INDEXING
YF00132C203NQ
SP
45
_
SINGLE & DOUBLE POLE SWITCHES
O
O
CONNECTED TERMINALS
OC
NO.
POLES
MODEL
NO.
POS. 1
POS. 2
POS. 3
KEY PULL
POSITIONS
LOCK
CONFIGURATION
INDEXING
SP
DP
YF0013
YF2013
8-1
8-1, 4-5
1-2
1-2, 5-6
2-3
2-3, 6-7
Position 1
2
3
POS. 1
SP
DP
YF001C
YF201C
8-1
8-1, 4-5
1-2
1-2, 5-6
2-3
2-3, 6-7
Position 3
POS. 1
2
3
45
°
SP
DP
YF001U
YF201U
8-1
8-1, 4-5
1-2
1-2, 5-6
2-3
2-3, 6-7
Positions 1 & 3
POS. 1
2
3
SP
DP
YF0113
YF2113
8-1
8-1, 4-5
1-3
1-3, 5-7
Position 1
2
POS. 1
SP
DP
YF011C
YF211C
8-1
8-1, 4-5
1-3
1-3, 5-7
Position 2
POS. 1
2
90
°
SP
DP
YF011U
YF211U
8-1
8-1, 4-5
1-3
1-3, 5-7
Positions 1 & 2
POS. 1
2
Rev. A 8/99


Similar Part No. - YF001C2CF07QE

ManufacturerPart #DatasheetDescription
logo
Hubbell Incorporated.
YF0112ID HUBBELL-YF0112ID Datasheet
277Kb / 2P
   Elect Cu Single Insul Wire Ferrules, Smooth Funnel Entry, 1 AWG, 1.10" L, Tin Plated, Blue, For use on Cu Cond.
YF0112IT HUBBELL-YF0112IT Datasheet
277Kb / 2P
   Elect Cu Single Insul Wire Ferrules, Smooth Funnel Entry, 1 AWG, 1.10" L, Tin Plated, Olive Green, For use on Cu Cond.
YF0112IW HUBBELL-YF0112IW Datasheet
260Kb / 2P
   Elect Cu Single Insul Wire Ferrules, Smooth Funnel Entry, 1 AWG, 1.10" L, Tin Plated, Olive Green.
logo
C&K Components
YF01132C03NQ CK-COMPONENTS-YF01132C03NQ Datasheet
211Kb / 4P
   4 Tumbler Miniature Switchlocks
YF01132C203NQ CK-COMPONENTS-YF01132C203NQ Datasheet
211Kb / 4P
   4 Tumbler Miniature Switchlocks
More results

Similar Description - YF001C2CF07QE

ManufacturerPart #DatasheetDescription
logo
ITT Industries
YF01132C2803NQ ITT-YF01132C2803NQ Datasheet
356Kb / 4P
   4 Tumbler Miniature Switchlocks
logo
C&K Components
YF01132C203NQ CK-COMPONENTS-YF01132C203NQ Datasheet
211Kb / 4P
   4 Tumbler Miniature Switchlocks
YM06132C205NQ CK-COMPONENTS-YM06132C205NQ Datasheet
182Kb / 3P
   4 Tumbler Miniature Switchlocks
logo
ITT Industries
YM06132C205NQ ITT-YM06132C205NQ Datasheet
319Kb / 3P
   4 Tumbler Miniature Switchlocks
logo
C&K Components
YM CK-COMPONENTS-YM Datasheet
470Kb / 3P
   4 Tumbler Miniature Switchlocks
2018
YF CK-COMPONENTS-YF Datasheet
534Kb / 4P
   4 Tumbler Miniature Switchlocks
PM CK-COMPONENTS-PM Datasheet
385Kb / 3P
   5 Tumbler Miniature Snap-in Switchlocks
27 Jun 22
logo
ITT Industries
W201132C205AQ ITT-W201132C205AQ Datasheet
464Kb / 5P
   4 & 6 Tumbler Switchlocks
Y100132A203NQ ITT-Y100132A203NQ Datasheet
582Kb / 8P
   4, 5 & 6 Tumbler Switchlocks
P101132CM03Q22 ITT-P101132CM03Q22 Datasheet
370Kb / 4P
   4 Tumbler Snap-in Switchlocks
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com