Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAPLST2122-060CF Datasheet(PDF) 2 Page - Tyco Electronics

Part # MAPLST2122-060CF
Description  RF Power Field Effect Transistor LDMOS, 2110 - 2170 MHz, 60W, 28V
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAPLST2122-060CF Datasheet(HTML) 2 Page - Tyco Electronics

  MAPLST2122-060CF Datasheet HTML 1Page - Tyco Electronics MAPLST2122-060CF Datasheet HTML 2Page - Tyco Electronics MAPLST2122-060CF Datasheet HTML 3Page - Tyco Electronics MAPLST2122-060CF Datasheet HTML 4Page - Tyco Electronics MAPLST2122-060CF Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
RF Power LDMOS Transistor, 2110 — 2170 MHz, 60W, 28V
MAPLST2122-060CF
4/6/2005
Preliminary
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Zero Gate Voltage Drain Leakage Current
(VDS = 65 Vdc, VGS = 0)
IDSS
10
µAdc
Zero Gate Voltage Drain Leakage Current
(VDS = 26 Vdc, VGS = 0)
IDSS
1
µAdc
Gate—Source Leakage Current
(VGS = 5 Vdc, VDS = 0)
IGSS
1
µAdc
ON CHARACTERISTICS
DYNAMIC CHARACTERISTICS (1)
FUNCTIONAL TESTS (In M/A-COM Test Fixture) (2)
Characteristic
Symbol
Min
Typ
Max
Unit
DC CHARACTERISTICS @ 25ºC
Drain-Source Breakdown Voltage
(VGS = 0 Vdc, ID = 20 µAdc)
V(BR)DSS
65
Vdc
Zero Gate Voltage Drain Leakage Current
(VDS = 28 Vdc, VGS = 0)
IDSS
1
µAdc
Gate—Source Leakage Current
(VGS = 5 Vdc, VDS = 0)
IGSS
1
µAdc
Gate Threshold Voltage
(VDS = 10 Vdc, ID = 1 mA)
VGS(th)
2
4
Vdc
Gate Quiescent Voltage
(VDS = 28 Vdc, ID = 500 mA)
VDS(Q)
2
4.5
Vdc
Drain-Source On-Voltage
(VGS = 10 Vdc, ID = 1 A)
VDS(on)
0.4
Vdc
Forward Transconductance
(VGS = 10 Vdc, ID = 1 A)
Gm
2.4
S
DYNAMIC CHARACTERISTICS @ 25ºC
Input Capacitance (Including Input Matching Capacitor in Package)
(VDS = 28 Vdc, VGS = 0, f = 1 MHz)
Ciss
180
pF
Output Capacitance
(VDS = 28 Vdc, VGS = 0, f = 1 MHz)
Coss
65
pF
Reverse Transfer Capacitance
(VDS = 28 Vdc, VGS = 0, f = 1 MHz)
Crss
3.0
pF
RF FUNCTIONAL TESTS @ 25ºC (In M/A-COM Test Fixture)
Two-Tone Common-Source Amplifier Power Gain
(VDS = 28 Vdc, POUT = 60 W PEP, IDQ = 500 mA,
f1 = 2140.0 MHz, f2 = 2140.1 MHz)
Gps
12.0
dB
Two-Tone Drain Efficiency
(VDS = 28 Vdc, POUT = 60 W PEP, IDQ = 500 mA,
f1 = 2140.0 MHz, f2 = 2140.1 MHz)
EFF (ŋ)
35
%
Two-Tone Common-Source Amplifier Power Gain
(VDS = 28 Vdc, POUT = 60 W PEP, IDQ = 500 mA,
f1 = 2140.0 MHz, f2 = 2140.1 MHz)
IMD
-30
-28
dBc
Input Return Loss
(VDS = 28 Vdc, POUT = 60 W PEP, IDQ = 500 mA,
f1 = 2140.0 MHz, f2 = 2140.1 MHz)
IRL
-12
dB
Two-Tone Common-Source Amplifier Power Gain
(VDS = 28 Vdc, POUT = 60 W PEP, IDQ = 500 mA, f1 = 2110.0 MHz,
f2 = 2110.1 MHz and f1 = 2170.0 MHz, f2 = 2170.1 MHz)
Gps
12.0
dB
Two-Tone Drain Efficiency
(VDS = 28 Vdc, POUT = 60 W PEP, IDQ = 500 mA, f1 = 2110.0 MHz,
f2 = 2110.1 MHz and f1 = 2170.0 MHz, f2 = 2170.1 MHz)
EFF (ŋ)
35
%
Two-Tone Common-Source Amplifier Power Gain
(VDS = 28 Vdc, POUT = 60 W PEP, IDQ = 500 mA, f1 = 2110.0 MHz,
f2 = 2110.1 MHz and f1 = 2170.0 MHz, f2 = 2170.1 MHz)
IMD
-30
-28
dBc
Input Return Loss
(VDS = 28 Vdc, POUT = 60 W PEP, IDQ = 500 mA, f1 = 2110.0 MHz,
f2 = 2110.1 MHz and f1 = 2170.0 MHz, f2 = 2170.1 MHz)
IRL
-12
-9
dB
Output VSWR Tolerance
(VDD = 28 Vdc, POUT = 60 W, IDQ = 500 mA, f = 2110 MHz,
VSWR = 10:1, All Phase Angles at Frequency of Tests)
Ψ
No Degradation In Output Power
Before and After Test
2


Similar Part No. - MAPLST2122-060CF

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAPLST2122-015CF MACOM-MAPLST2122-015CF Datasheet
238Kb / 5P
   RF Power Field Effect Transistor LDMOS, 2110 - 2170 MHz, 15W, 28V
MAPLST2122-030CF MACOM-MAPLST2122-030CF Datasheet
162Kb / 5P
   RF Power Field Effect Transistor LDMOS, 2110 - 2170 MHz, 30W, 28V
logo
M/A-COM Technology Solu...
MAPLST2122-030CF MA-COM-MAPLST2122-030CF Datasheet
188Kb / 7P
   LDMOS RF Line Power FET Transistor 30 W , 2110-2170 MHz, 28V
logo
Tyco Electronics
MAPLST2122-090CF MACOM-MAPLST2122-090CF Datasheet
164Kb / 5P
   RF Power Field Effect Transistor LDMOS, 2110 - 2170 MHz, 90W, 28V
More results

Similar Description - MAPLST2122-060CF

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAPLST2122-030CF MACOM-MAPLST2122-030CF Datasheet
162Kb / 5P
   RF Power Field Effect Transistor LDMOS, 2110 - 2170 MHz, 30W, 28V
MAPLST2122-015CF MACOM-MAPLST2122-015CF Datasheet
238Kb / 5P
   RF Power Field Effect Transistor LDMOS, 2110 - 2170 MHz, 15W, 28V
MAPLST2122-090CF MACOM-MAPLST2122-090CF Datasheet
164Kb / 5P
   RF Power Field Effect Transistor LDMOS, 2110 - 2170 MHz, 90W, 28V
logo
Infineon Technologies A...
PTF210901 INFINEON-PTF210901 Datasheet
266Kb / 8P
   LDMOS RF Power Field Effect Transistor 90 W, 2110-2170 MHz
2004-01-16
PTF211301 INFINEON-PTF211301 Datasheet
449Kb / 9P
   LDMOS RF Power Field Effect Transistor 130 W, 2110-2170 MHz
2004-01-02
PTF210301 INFINEON-PTF210301 Datasheet
337Kb / 8P
   LDMOS RF Power Field Effect Transistor 30 W, 2110-2170 MHz
2003-12-22
PTF211802 INFINEON-PTF211802 Datasheet
169Kb / 8P
   LDMOS RF Power Field Effect Transistor 180 W, 2110-2170 MHz
2004-02-13
PTF210451 INFINEON-PTF210451 Datasheet
406Kb / 8P
   LDMOS RF Power Field Effect Transistor 45 W, 2110-2170 MHz
2003-12-22
PTFB213004F INFINEON-PTFB213004F_16 Datasheet
740Kb / 16P
   High Power RF LDMOS Field Effect Transistor 300 W, 2110 ??2170 MHz
Rev. 05.3, 2016-06-15
PTF210101M INFINEON-PTF210101M Datasheet
276Kb / 8P
   High Power RF LDMOS Field Effect Transistor 10 W, 2110 ??2170 MHz
Rev. 02.1, 2009-02-18
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com