Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAPLST1820-090CF Datasheet(PDF) 2 Page - Tyco Electronics

Part # MAPLST1820-090CF
Description  RF Power Field Effect Transistor LDMOS, 1800 - 2000 MHz, 90W, 26V
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAPLST1820-090CF Datasheet(HTML) 2 Page - Tyco Electronics

  MAPLST1820-090CF Datasheet HTML 1Page - Tyco Electronics MAPLST1820-090CF Datasheet HTML 2Page - Tyco Electronics MAPLST1820-090CF Datasheet HTML 3Page - Tyco Electronics MAPLST1820-090CF Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RF Power LDMOS Transistor, 1800 — 2000 MHz, 90W, 26V
MAPLST1819-090CF
5/14/04
Preliminary
Characteristic
Symbol
Min
Typ
Max
Unit
DC CHARACTERISTICS @ 25ºC
Drain-Source Breakdown Voltage
(VGS = 0 Vdc, ID = 100 µAdc)
V(BR)DSS
65
Vdc
Zero Gate Voltage Drain Leakage Current
(VDS = 26 Vdc, VGS = 0)
IDSS
10
µAdc
Gate—Source Leakage Current
(VGS = 5 Vdc, VDS = 0)
IGSS
1
µAdc
Gate Threshold Voltage
(VDS = 26 Vdc, Id = 60 mA)
VGS(th)
2
5
Vdc
Gate Quiescent Voltage
(VDS = 26 Vdc, Id = 900 mA)
VDS(on)
3
0.4
Vdc
Drain-Source On-Voltage
(VGS = 10 Vdc, Id = 1 A)
VDS(on)
0.10
Vdc
Forward Transconductance
(VGS = 10 Vdc, Id = 1 A)
Gm
7.0
S
DYNAMIC CHARACTERISTICS @ 25ºC
Reverse Transfer Capacitance
(VDS = 26 Vdc, VGS = 0, f = 1 MHz)
Crss
4.5
pF
RF FUNCTIONAL TESTS @ 25ºC (In M/A-COM Test Fixture)
Common-Source Amplifier Gain
(VDS = 26 Vdc, IDQ = 900 mA, f = 1880 MHz, POUT = 90 W)
Gp
13
dB
Drain Efficiency
(VDS = 26 Vdc, IDQ = 900 mA, f = 1880 MHz, POUT = 90 W)
EFF (ŋ)
35
%
Input Return Loss
(VDS = 26 Vdc, IDQ = 900 mA, f = 1880 MHz, POUT = 90 W)
IRL
-10
dB
Output VSWR Tolerance
(VDS = 26 Vdc, IDQ = 900 mA, f = 1880 MHz, POUT = 90 W,
VSWR = 5:1, All Phase Angles at Frequency of Tests)
Ψ
No Degradation In Output Power
Before and After Test
2


Similar Part No. - MAPLST1820-090CF

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAPLST1820-030CF MACOM-MAPLST1820-030CF Datasheet
181Kb / 5P
   RF Power Field Effect Transistor LDMOS, 1800 - 2000 MHz, 30W, 26V
MAPLST1820-060CF MACOM-MAPLST1820-060CF Datasheet
171Kb / 4P
   RF Power Field Effect Transistor LDMOS, 1800 - 2000 MHz, 60W, 26V
More results

Similar Description - MAPLST1820-090CF

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAPLST1820-060CF MACOM-MAPLST1820-060CF Datasheet
171Kb / 4P
   RF Power Field Effect Transistor LDMOS, 1800 - 2000 MHz, 60W, 26V
MAPLST1820-030CF MACOM-MAPLST1820-030CF Datasheet
181Kb / 5P
   RF Power Field Effect Transistor LDMOS, 1800 - 2000 MHz, 30W, 26V
MAPLST0810-090CF MACOM-MAPLST0810-090CF Datasheet
138Kb / 4P
   RF Power Field Effect Transistor LDMOS, 865 - 960 MHz, 90W, 26V
MAPLST0810-090CF-05-2004 MACOM-MAPLST0810-090CF-05-2004 Datasheet
138Kb / 4P
   RF Power Field Effect Transistor LDMOS, 865 - 960 MHz, 90W, 26V
MAPL-000817-015CPC-072706 MACOM-MAPL-000817-015CPC-072706 Datasheet
199Kb / 5P
   RF Power Field Effect Transistor LDMOS, 800-1700 MHz, 15W, 26V
MAPLST1900-060CF MACOM-MAPLST1900-060CF Datasheet
234Kb / 5P
   RF Power Field Effect Transistor LDMOS, 1890 - 1925 MHz, 60W, 26V
MAPLST0810-030CF-05-2004 MACOM-MAPLST0810-030CF-05-2004 Datasheet
137Kb / 4P
   RF Power Field Effect Transistor LDMOS, 865 - 960 MHz, 30W, 26V
MAPLST0810-030CF MACOM-MAPLST0810-030CF Datasheet
137Kb / 4P
   RF Power Field Effect Transistor LDMOS, 865 - 960 MHz, 30W, 26V
MAPLST1900-030CF MACOM-MAPLST1900-030CF Datasheet
236Kb / 5P
   RF Power Field Effect Transistor LDMOS, 1890 - 1925 MHz, 30W, 26V
MAPLST0810-045CF MACOM-MAPLST0810-045CF Datasheet
136Kb / 4P
   RF Power Field Effect Transistor LDMOS, 865 - 960 MHz, 45W, 26V
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com