Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAMUSS0007SMB Datasheet(PDF) 2 Page - Tyco Electronics

Part # MAMUSS0007SMB
Description  CATV Amplifier Splitter Module 50 - 860 MHz
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAMUSS0007SMB Datasheet(HTML) 2 Page - Tyco Electronics

  MAMUSS0007SMB Datasheet HTML 1Page - Tyco Electronics MAMUSS0007SMB Datasheet HTML 2Page - Tyco Electronics MAMUSS0007SMB Datasheet HTML 3Page - Tyco Electronics MAMUSS0007SMB Datasheet HTML 4Page - Tyco Electronics MAMUSS0007SMB Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
CATV Amplifier Splitter Module, 50 - 860 MHz
MAMUSS0007
V1P
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s)
or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
North America: Tel. (800) 366-2266
Asia/Pacific: Tel. +81-44-844-8296, Fax +81-44-844-8298
Europe: Tel. +44 (1908) 574 200, Fax +44 (1908) 574 300
2
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Gain
IN-OUT1, IN-OUT2
dB
5
Gain
IN-OUT3
dB
8.5
Gain Unbalance
IN-OUT1 vs IN-OUT2
dB
0.6
Gain Flatness
IN-OUT1/2
dB
1.6
Gain Flatness
IN-OUT 3
dB
1.0
Noise Figure
IN-OUT1, IN-OUT2
50 – 150 MHz
150 – 860 MHz
dB
dB
3.7
3.4
Noise Figure
IN-OUT 3
50 – 150 MHz
150 – 860 MHz
dB
dB
3.4
3.0
Return Loss
IN
dB
15
Return Loss
OUT
dB
17
Isolation
OUT-OUT
dB
24
Composite Triple Beat, CTB
135 channels, +13 dBmV/
channel at the input.
dBc
-70
Composite Second Order, CSO
135 channels, +13 dBmV/
channel at the input
dBc
-73
Cross modulation
135 channels, +13 dBmV/
channel at the input.
dBc
-66
IDD
VDD = + 5 Volts
mA
200
Electrical Specifications: TA = 25°C, Freq: 50 - 860 MHz, VDD = +5 Volts, Z0 = 75 ohms
Static Sensitivity
Gallium Arsenide Integrated Circuits are
sensitive to electrostatic discharge (ESD) and
can be damaged by static electricity. Proper
ESD control techniques should be used when
handling these devices.


Similar Part No. - MAMUSS0007SMB

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAMUSS0007SMB MA-COM-MAMUSS0007SMB Datasheet
91Kb / 4P
   CATV Amplifier Splitter Module 50 - 860 MHz
More results

Similar Description - MAMUSS0007SMB

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAMUCT0021 MACOM-MAMUCT0021 Datasheet
148Kb / 4P
   CATV Amplifier Splitter Module 50 - 860 MHz
logo
M/A-COM Technology Solu...
MAMUCT0021 MA-COM-MAMUCT0021 Datasheet
119Kb / 4P
   CATV Amplifier Splitter Module 50 - 860 MHz
MAMUSS0007 MA-COM-MAMUSS0007 Datasheet
91Kb / 4P
   CATV Amplifier Splitter Module 50 - 860 MHz
logo
Motorola, Inc
MHW8182A MOTOROLA-MHW8182A Datasheet
53Kb / 2P
   128-Channel 860 MHz CATV Amplifier
logo
ANADIGICS, Inc
ACA0861 ANADIGICS-ACA0861_08 Datasheet
952Kb / 16P
   750/860 MHz CATV Line Amplifier MMIC
ACA0861 ANADIGICS-ACA0861 Datasheet
452Kb / 11P
   750/860 MHz CATV LINE AMPLIFIER MMIC
logo
Skyworks Solutions Inc.
ACA0861-A SKYWORKS-ACA0861-A Datasheet
1Mb / 18P
   750/860 MHz CATV Line Amplifier MMIC
September 16, 2016
logo
Motorola, Inc
MHW8242A MOTOROLA-MHW8242A Datasheet
54Kb / 2P
   24 dB GAIN 860 MHz 128-CHANNEL CATV AMPLIFIER
logo
Tyco Electronics
PAW887B MACOM-PAW887B Datasheet
36Kb / 1P
   40-860 MHz. 28 dB. CATV Ultra-linear Amplifier
logo
Motorola, Inc
MHW8185 MOTOROLA-MHW8185 Datasheet
55Kb / 2P
   19.4 dB GAIN 860 MHz 128-CHANNEL CATV AMPLIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com