Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

YF20132C202QE Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # YF20132C202QE
Description  4 Tumbler Miniature Switchlocks
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

YF20132C202QE Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  YF20132C202QE Datasheet HTML 1Page - List of Unclassifed Manufacturers YF20132C202QE Datasheet HTML 2Page - List of Unclassifed Manufacturers YF20132C202QE Datasheet HTML 3Page - List of Unclassifed Manufacturers YF20132C202QE Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Seal
NONE (STD.) No seal
E Epoxy seal
Switch and Lock Function
YF0013
(STD.) SP, 45
_ Index, keypull pos. 1
YF2013
DP, 45
_ Index, keypull pos. 1
YF001C SP, 45
_ Index, keypull pos. 3
YF201C DP, 45
_ Index, keypull pos. 3
YF001U SP, 45
_ Index, keypull pos. 1 & 3
YF201U DP, 45
_ Index, keypull pos. 1 & 3
YF0113
SP, 90
_ Index, keypull pos. 1
YF2113
DP, 90
_ Index, keypull pos. 1
YF011C SP, 90
_ Index, keypull pos. 2
YF211C DP, 90
_ Index, keypull pos. 2
YF011U SP, 90
_ Index, keypull pos. 1 & 2
YF211U DP, 90
_ Index, keypull pos. 1 & 2
YF4513
SP W/Common, 45
_ Index, keypull pos. 1
YF451C SP W/Common, 45
_ Index, keypull pos. 3
YF451U SP W/Common, 45
_ Index, keypull pos. 1 & 3
Keying
2 (STD.) Two nickel plated brass keys
Mounting Style
N (STD.) With nut
Contact Material
Q (STD.) Silver
B Gold
G Gold over silver
Our easy Build-A-Switch concept allows you to mix and match options to create the switch you need. Below is a complete
listing of options shown in catalog. To order, simply select desired option from each category and place in the appropriate box.
A switchlock with standard options is shown on page H-12. Available options are shown and described on pages H-12 thru H-14.
For additional options not shown in catalog, consult Customer Service Center.
Build-A-Switch
Features /Benefits
Typical Applications
S PCB mounting
S Multi-pole and multi-position
S Positive detent
S Low level and power capability
S Computer servers
S Point-of-sale terminals
S Cash registers
Typical Example:
YF
0
0
1
3
2
C
2
0
3
N
Q
Lock Type
C (STD.) 4 Tumbler, single bitted
lock with detent
Lock Finish
2 (STD.) Stainless steel facing
8 Gloss black facing
F Polished nickel facing
Terminations
03 (STD.) Solder lug with hole
01 Solder lug with notch
02 PC Thru-hole
07 Solder lug with hole
(YF45 models)
WC Wire lead
Models Available
YF Series
4 Tumbler Miniature Switchlocks
H
H-11
C&K Components, Inc. Web Site: www.ckcorp.com Americas Sales Tel: 800-635-5936 Fax: 617-926-6846
Europe Sales Tel: +44-1536-521147 Fax: +44-1536-411602
S Asia Sales Tel: +852-2798-6393 Fax: +852-2751-9926
Rev. A 8/99


Similar Part No. - YF20132C202QE

ManufacturerPart #DatasheetDescription
logo
Hubbell Incorporated.
YF2010ID HUBBELL-YF2010ID Datasheet
271Kb / 2P
   Elect Cu Single Insul Wire Ferrules, Smooth Funnel Entry, 20 AWG, 0.63" L, Tin Plated, Gray, For use on Cu Cond.
YF2010IT HUBBELL-YF2010IT Datasheet
271Kb / 2P
   Elect Cu Single Insul Wire Ferrules, Smooth Funnel Entry, 20 AWG, 0.63" L, Tin Plated, Blue, For use on Cu Cond.
YF2010IW HUBBELL-YF2010IW Datasheet
254Kb / 2P
   Elect Cu Single Insul Wire Ferrules, Smooth Funnel Entry, 20 AWG, 0.63" L, Tin Plated, White, For use on Cu Cond.
YF2010UI HUBBELL-YF2010UI Datasheet
259Kb / 2P
   Cu Alloy Bare Ferrule, Smooth Funnel Entry, 20 AWG, 0.39" L, Seamless bbl, Tin Plated, For Use On Cu Cond.
YF2012ID HUBBELL-YF2012ID Datasheet
271Kb / 2P
   Elect Cu Single Insul Wire Ferrules, Smooth Funnel Entry, 20 AWG, 0.71" L, Tin Plated, Gray, For use on Cu Cond.
More results

Similar Description - YF20132C202QE

ManufacturerPart #DatasheetDescription
logo
ITT Industries
YF01132C2803NQ ITT-YF01132C2803NQ Datasheet
356Kb / 4P
   4 Tumbler Miniature Switchlocks
logo
C&K Components
YF01132C203NQ CK-COMPONENTS-YF01132C203NQ Datasheet
211Kb / 4P
   4 Tumbler Miniature Switchlocks
YM06132C205NQ CK-COMPONENTS-YM06132C205NQ Datasheet
182Kb / 3P
   4 Tumbler Miniature Switchlocks
logo
ITT Industries
YM06132C205NQ ITT-YM06132C205NQ Datasheet
319Kb / 3P
   4 Tumbler Miniature Switchlocks
logo
C&K Components
YM CK-COMPONENTS-YM Datasheet
470Kb / 3P
   4 Tumbler Miniature Switchlocks
2018
YF CK-COMPONENTS-YF Datasheet
534Kb / 4P
   4 Tumbler Miniature Switchlocks
PM CK-COMPONENTS-PM Datasheet
385Kb / 3P
   5 Tumbler Miniature Snap-in Switchlocks
27 Jun 22
logo
ITT Industries
W201132C205AQ ITT-W201132C205AQ Datasheet
464Kb / 5P
   4 & 6 Tumbler Switchlocks
Y100132A203NQ ITT-Y100132A203NQ Datasheet
582Kb / 8P
   4, 5 & 6 Tumbler Switchlocks
P101132CM03Q22 ITT-P101132CM03Q22 Datasheet
370Kb / 4P
   4 Tumbler Snap-in Switchlocks
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com