Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAAPSS0107TR-3000 Datasheet(PDF) 2 Page - Tyco Electronics

Part # MAAPSS0107TR-3000
Description  3.6 V, 0.5 W, RF Power Amplifier IC for DECT 1800 - 2000 MHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAAPSS0107TR-3000 Datasheet(HTML) 2 Page - Tyco Electronics

  MAAPSS0107TR-3000 Datasheet HTML 1Page - Tyco Electronics MAAPSS0107TR-3000 Datasheet HTML 2Page - Tyco Electronics MAAPSS0107TR-3000 Datasheet HTML 3Page - Tyco Electronics MAAPSS0107TR-3000 Datasheet HTML 4Page - Tyco Electronics MAAPSS0107TR-3000 Datasheet HTML 5Page - Tyco Electronics MAAPSS0107TR-3000 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
3.6 V, 0.5 W, RF Power Amplifier IC for DECT
1800 - 2000 MHz
MAAPSS0107
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V1
2
RoHS
Compliant
Electrical Specifications: VDD = +3.6 V, PIN = -2 dBm, Duty Cycle = 100%, TS = 37°C
4,
measured on evaluation board.
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Frequency
MHz
1880
1900
1930
Output Power
1900 MHz
dBm
25.0
26.9
28.0
Power Added Efficiency
1900 MHz
%
57
Drain Current
1900 MHz
mA
228
330
2nd Harmonics
dBc
-37
-30
3rd Harmonics
dBc
-38
-34
Input VSWR
Ratio
1.3:1
2.0:1
Off Isolation
VDD = 0V
dB
44
Thermal Resistance
Junction to soldering point (TS)
4
°C/W
25
Load Mismatch
VDD = 4.5 V, VSWR = 5:1, PIN = -2 dBm
No Degradation in Power Output
Stability
PIN = -2 to +2 dBm, VDD = 0 - 5.0 V, Load VSWR = 5:1,
all phases
All non-harmonically related outputs more
than 60 dB below desired signal
4. TS is the temperature measured at the soldering point of the downset paddle on the bottom of the IC.
5. Output power and efficiency have been optimized for input drive levels between -2 and +2 dBm. Stability is only specified within this
range. For operation outside of this range, contact the factory.
Lead-Free MSOP-8-EP
Reference Application Note M538 for lead-free solder reflow recommendations.


Similar Part No. - MAAPSS0107TR-3000

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAPSS0103 MACOM-MAAPSS0103 Datasheet
199Kb / 6P
   High Power Linear Amplifier 2.3 - 2.8 GHz
MAAPSS0103SMB MACOM-MAAPSS0103SMB Datasheet
199Kb / 6P
   High Power Linear Amplifier 2.3 - 2.8 GHz
MAAPSS0103TR-1000 MACOM-MAAPSS0103TR-1000 Datasheet
199Kb / 6P
   High Power Linear Amplifier 2.3 - 2.8 GHz
MAAPSS0103TR-3000 MACOM-MAAPSS0103TR-3000 Datasheet
199Kb / 6P
   High Power Linear Amplifier 2.3 - 2.8 GHz
MAAPSS0104 MACOM-MAAPSS0104 Datasheet
137Kb / 5P
   High Power Linear Amplifier 3.3 - 3.8 GHz
More results

Similar Description - MAAPSS0107TR-3000

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA02206GJ MACOM-MA02206GJ_1 Datasheet
288Kb / 6P
   3.6 V, 0.5 W, RF Power Amplifier IC for DECT, 1800 - 2000 MHz
MA02203AD MACOM-MA02203AD Datasheet
89Kb / 5P
   3.6 V, 450 mW DECT RF Power Amplifier IC
MAAM-007219 MACOM-MAAM-007219 Datasheet
199Kb / 4P
   3.6 V, 450 mW DECT RF Power Amplifier IC 1880 - 1900 MHz
logo
Infineon Technologies A...
PTMA180402EL INFINEON-PTMA180402EL Datasheet
443Kb / 11P
   Wideband RF LDMOS Integrated Power Amplifier 40 W, 1800 ??2000 MHz
Rev. 08, 2009-08-31
logo
Ericsson
PBL40309 ERICSSON-PBL40309 Datasheet
84Kb / 6P
   3.6 V Differential Power Amplifier for DECT Telecommunications system
logo
Tyco Electronics
PA1132 MACOM-PA1132 Datasheet
37Kb / 1P
   1800-2000 MHz. Linear Power Amplifier
MA02205AF MACOM-MA02205AF Datasheet
245Kb / 5P
   3.6V 0.5W RF Power Amplifier IC for DECT
MA02206GJ MACOM-MA02206GJ Datasheet
112Kb / 6P
   3.6V 0.5W RF Power Amplifier IC for DECT
MA02204AF MACOM-MA02204AF Datasheet
162Kb / 4P
   3.3V 0.5W RF Power Amplifier IC for DECT
PA1153 MACOM-PA1153 Datasheet
34Kb / 1P
   1800 -2000 MHz. Low Noise Linear Power Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com