Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAAPSS0095TR Datasheet(PDF) 4 Page - Tyco Electronics

Part # MAAPSS0095TR
Description  RF Power Amplifier for RFID 850 - 960 MHz
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAAPSS0095TR Datasheet(HTML) 4 Page - Tyco Electronics

  MAAPSS0095TR Datasheet HTML 1Page - Tyco Electronics MAAPSS0095TR Datasheet HTML 2Page - Tyco Electronics MAAPSS0095TR Datasheet HTML 3Page - Tyco Electronics MAAPSS0095TR Datasheet HTML 4Page - Tyco Electronics MAAPSS0095TR Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
RF Power Amplifier for RFID
850 - 960 MHz
MAAPSS0095
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V1
4
RoHS
Compliant
Typical Performance Curves:
PAE @ 900 MHz
POUT vs. VCTRL @ 900 MHz
ICC vs. POUT @ 900 MHz
POUT @ Pin = 5 dBm
P1dB @ 900 MHz
S11, S21 and S22
10
20
30
40
50
60
18
22
26
30
34
+25°C
-40°C
+85°C
Output Power (dBm)
-40
-30
-20
-10
0
10
20
30
40
1.0
1.5
2.0
2.5
3.0
V
CTRL
(V)
0
200
400
600
800
1000
1200
18
22
26
30
34
+25°C
-40°C
+85°C
Output Power (dBm)
0
10
20
30
40
-20
-15
-10
-5
0
800
850
900
950
1000
S21 25°C
S11 25°C
S22 25°C
Frequency (MHz)
20
25
30
35
40
18
22
26
30
34
+25°C
-40°C
+85°C
Output Power (dBm)
30
31
32
33
34
850
872
894
916
938
960
+25°C
-40°C
+85°C
Frequency (MHz)


Similar Part No. - MAAPSS0095TR

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAPSS0093 MACOM-MAAPSS0093 Datasheet
336Kb / 7P
   RF Power Amplifier IC For 2.5 GHz ISM
MAAPSS0093SMB MACOM-MAAPSS0093SMB Datasheet
336Kb / 7P
   RF Power Amplifier IC For 2.5 GHz ISM
MAAPSS0093TR-3000 MACOM-MAAPSS0093TR-3000 Datasheet
336Kb / 7P
   RF Power Amplifier IC For 2.5 GHz ISM
MAAPSS0096 MACOM-MAAPSS0096 Datasheet
366Kb / 6P
   1 Watt Power Amplifier 4.9 - 6.0 GHz
MAAPSS0096SMB MACOM-MAAPSS0096SMB Datasheet
366Kb / 6P
   1 Watt Power Amplifier 4.9 - 6.0 GHz
More results

Similar Description - MAAPSS0095TR

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAIA-007851-000100 MA-COM-MAIA-007851-000100 Datasheet
163Kb / 9P
   Transmit Module for RFID 850-960 MHz
logo
Tyco Electronics
MAIA-007851-000100 MACOM-MAIA-007851-000100 Datasheet
210Kb / 5P
   Transmit Module for RFID 850 - 960 MHz
logo
Ericsson
PTB20167 ERICSSON-PTB20167 Datasheet
47Kb / 3P
   60 Watts, 850-960 MHz RF Power Transistor
logo
STMicroelectronics
SD1398 STMICROELECTRONICS-SD1398 Datasheet
72Kb / 6P
   RF & MICROWAVE TRANSISTORS 850-960 MHz APPLICATIONS
logo
Motorola, Inc
MHVIC910HR2 MOTOROLA-MHVIC910HR2 Datasheet
222Kb / 12P
   921 MHz - 960 MHz SiFET RF Integrated Power Amplifier
logo
NXP Semiconductors
MHVIC910HNR2 NXP-MHVIC910HNR2 Datasheet
770Kb / 12P
   921 MHz--960 MHz SiFET RF Integrated Power Amplifier
Rev. 9, 5/2006
logo
Freescale Semiconductor...
MHVIC910HNR2 FREESCALE-MHVIC910HNR2 Datasheet
337Kb / 12P
   921 MHz-960 MHz SiFET RF Integrated Power Amplifier
logo
Motorola, Inc
MHW916 MOTOROLA-MHW916 Datasheet
83Kb / 4P
   16 WATT 925-960 MHz RF POWER AMPLIFIER
logo
Tyco Electronics
PH081O-35 MACOM-PH081O-35 Datasheet
206Kb / 3P
   Wireless Bipolar Power Transistor, 35W 850 - 960 MHz
PH0810-15 MACOM-PH0810-15 Datasheet
30Kb / 2P
   Wireless Power Transistor 15 Watts, 850 - 960 MHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com