Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAAPSS0066 Datasheet(PDF) 3 Page - Tyco Electronics

Part # MAAPSS0066
Description  WDCT Power Amplifier 2400 - 2500 MHz
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAAPSS0066 Datasheet(HTML) 3 Page - Tyco Electronics

  MAAPSS0066 Datasheet HTML 1Page - Tyco Electronics MAAPSS0066 Datasheet HTML 2Page - Tyco Electronics MAAPSS0066 Datasheet HTML 3Page - Tyco Electronics MAAPSS0066 Datasheet HTML 4Page - Tyco Electronics MAAPSS0066 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
WDCT Power Amplifier
2400 – 2500 MHz
MAAPSS0066
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V2
3
RoHS
Compliant
Evaluation Board Schematic
MAAPSS0066 External Parts List
Transmission Line Dimensions, 0.20 mm thick FR4
Designator
Value
Footprint
Manufacturer
Part ID
C1, C3
2 pF
0402
Murata
GRM1555C1H2R0CZ01
C2
1 nF
0402
Murata
GRM1555R71H102KA01
C4, C5, C6
47 pF
0402
Murata
GRM1555C1H470JZ01
C7, C8, C9
1 uF
0402
Murata
GRM1555R60J105KE19
C10
4700 pF
0402
Murata
GRM155R71H472KA01D
C11
1 pF
0402
Murata
GRM36C0G010C50
L1
10 nH
0402
Coilcraft
0402CS-10NXJB
R1
250 Ohm
0402
Panasonic
ERJ-2RKF2490X
Designator
Length (mm) *
Width (mm)
T1
5.20
0.37
T2
1.00
0.37
T3
1.27
0.37
T4
3.20
0.37
* From package edge to center of component
Jumper
Jumper
Jumper
Jumper
C5
C7
C6
C8
L1
C3
T1
C1
R1
C2
RF IN
VCC (Typ. = 2.4 V)
RF
OUT
Ven
(Typ. = 2.5 V)
C4
T3
T2
T4
C11
C9
C10


Similar Part No. - MAAPSS0066

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAPSS0066 MA-COM-MAAPSS0066 Datasheet
113Kb / 5P
   WDCT Power Amplifier 2400 - 2500 MHz
MAAPSS0066SMB MA-COM-MAAPSS0066SMB Datasheet
113Kb / 5P
   WDCT Power Amplifier 2400 - 2500 MHz
MAAPSS0066TR-3000 MA-COM-MAAPSS0066TR-3000 Datasheet
113Kb / 5P
   WDCT Power Amplifier 2400 - 2500 MHz
More results

Similar Description - MAAPSS0066

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAPSS0066 MA-COM-MAAPSS0066 Datasheet
113Kb / 5P
   WDCT Power Amplifier 2400 - 2500 MHz
logo
Anaren Microwave
XEC24E3-03G ANAREN-XEC24E3-03G Datasheet
2Mb / 18P
   2400-2500 MHz
logo
List of Unclassifed Man...
PM2107 ETC-PM2107 Datasheet
909Kb / 4P
   RFIC POWER AMPLIFIER 2400 TO 2500 MHZ OPERATION
logo
TE Connectivity Ltd
2195772-1 TEC-2195772-1 Datasheet
2Mb / 2P
   2400-2500 MHz 5DBI ANTENNA
2108964-1 TEC-2108964-1 Datasheet
670Kb / 3P
   2400-2500 MHz Single band or 2400-2500 & 4900-5875 MHz Dual Band Antenna
logo
Johanson Technology Inc...
2450CH15A0100 JOHANSON-2450CH15A0100 Datasheet
260Kb / 3P
   Splitter, 3dB Hybrid; 2400 - 2500 MHz
logo
WALSIN TECHNOLOGY CORPO...
SF11092450A04T WALSIN-SF11092450A04T Datasheet
732Kb / 8P
   2400~2500 MHz Band Working Frequency
SF14112450A03T WALSIN-SF14112450A03T Datasheet
625Kb / 8P
   2400~2500 MHz Band Working Frequency
logo
Pasternack Enterprises,...
PE51076 PASTERNACK-PE51076 Datasheet
266Kb / 1P
   Rubber Duck Antenna 2400-2500 MHz, 3dBi
PE51077 PASTERNACK-PE51077 Datasheet
58Kb / 1P
   Rubber Duck Antenna 2400-2500 MHz, 2dBi
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com