Part Name
         Description
MAAPGM0040

 11.0-15.0 GHz 0.5 W Power Amplifier ( 6 Page)


MACOM
100% 
Zoom Out Zoom In
   
 1 page
background image
11.0-15.0 GHz 0.5 W Power Amplifier
MAAPGM0040
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
RO-P-DS-3076 A
Preliminary Information
1
Features
♦ 0.5 Watt Saturated Output Power Level
♦ Variable Drain Voltage (4-10V) Operation
♦ MSAG™ MESFET Process
Primary Applications
Point-to-Point Radio
Weather Radar
Airborne Radar
Description
The MAAPGM0040 is a packaged, 3-stage, 0.5W power amplifier
with on-chip bias networks in a bolt down ceramic package,
allowing easy assembly. This product is fully matched to 50
ohms on both the input and output. It can be used as a power
amplifier stage or as a driver stage in high power applications.
Fabricated using M/A-COM’s repeatable, high performance and
highly reliable GaAs Multifunction Self-Aligned Gate MESFET
Process, each device is 100% RF tested on wafer to ensure
performance compliance.
M/A-COM’s MSAG™ process features robust silicon-like
manufacturing processes, planar processing of ion implanted
transistors, multiple implant capability enabling power, low-noise,
switch and digital FETs on a single chip, and polyimide scratch
protection for ease of use with automated manufacturing
processes. The use of refractory metals and the absence of
platinum in the gate metal formulation prevents hydrogen
poisoning when employed in hermetic packaging.
Parameter
Symbol
Absolute Maximum
Units
Input Power
PIN
15.0
dBm
Drain Supply Voltage
VDD
+12.0
V
Gate Supply Voltage
VGG
-3.0
V
Quiescent Drain Current (No RF, 40% IDSS)
IDQ
330
mA
Junction Temperature
TJ
180
°C
Storage Temperature
TSTG
-55 to +150
°C
Quiescent DC Power Dissipated (No RF)
PDISS
2.6
W
Processing Temperature
230
°C
Maximum Operating Conditions 1
1. Operation outside of these ranges may reduce product reliability.
APGM0040
YWWLLLL
Pin Number
RF Designator
1
No Connection
2
No Connection
3
RF IN
4
No Connection
5
VGG
9
No Connection
6
No Connection
10
VDD
8
RF OUT
7
No Connection



Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
AM52-00240.5 W 2.4 GHz Power Amplifier 1 2 3 4 5 MoreTyco Electronics
HMC486LP5SURFACE MOUNT PHEMT 2 WATT POWER AMPLIFIER 7 - 9 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
AM42-00464 Watt Extended C-Band VSAT Power Amplifier 5.9 - 7.1 GHz 1 2 3 Tyco Electronics
MAAP-000077-PKG001Amplifier Power 13W 0.7-2.5 GHz 1 2 3 4 5 Tyco Electronics
XP101730.0-36.0 GHz GaAs MMIC Power Amplifier 1 2 3 4 5 MoreMimix Broadband
HMC283LM1SMT MEDIUM POWER GaAs MMIC AMPLIFIER 17 - 40 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC441LM1GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER 7.0 - 15.5 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC464LP5GaAs PHEMT MMIC POWER AMPLIFIER 2.0 - 20.0 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
AWL61532.4 GHz Wireless LAN Power Amplifier Module 1 2 3 4 5 MoreANADIGICS, Inc
CMM13211.85 to 1.91 GHz 5V 28.5 dBm PCS Power Amplifier 1 2 3 4 5 List of Unclassifed Manufacturers

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl