Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74ALS109AN Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 74ALS109AN
Description  Dual J-K positive edge-triggered flip-flop with set and reset
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALS109AN Datasheet(HTML) 4 Page - NXP Semiconductors

  74ALS109AN Datasheet HTML 1Page - NXP Semiconductors 74ALS109AN Datasheet HTML 2Page - NXP Semiconductors 74ALS109AN Datasheet HTML 3Page - NXP Semiconductors 74ALS109AN Datasheet HTML 4Page - NXP Semiconductors 74ALS109AN Datasheet HTML 5Page - NXP Semiconductors 74ALS109AN Datasheet HTML 6Page - NXP Semiconductors 74ALS109AN Datasheet HTML 7Page - NXP Semiconductors 74ALS109AN Datasheet HTML 8Page - NXP Semiconductors 74ALS109AN Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Philips Semiconductors
Product specification
74ALS109A
Dual J-K positive edge triggered flip-flop
with set and reset
1991 Feb 08
4
DC ELECTRICAL CHARACTERISTICS
(Over recommended operating free-air temperature range unless otherwise noted.)
SYMBOL
PARAMETER
TEST CONDITIONS1
LIMITS
UNIT
SYMBOL
PARAMETER
TEST CONDITIONS1
MIN
TYP2
MAX
UNIT
VOH
High-level output voltage
VCC = ±10%,
VIL = MAX, VIH = MIN
IOH = –0.4mA
VCC – 2
V
VO
Low level output voltage
VCC = MIN, VIL = MAX,
IOL = 4mA
0.25
0.40
V
VOL
Low-level output voltage
CC
,
IL
,
VIH = MIN
IOL = 8mA
0.35
0.50
V
VIK
Input clamp voltage
VCC = MIN, II = IIK
–0.73
–1.5
V
I
Input current at maximum input
Jn, Kn, CPn
VCC = MAX V =7 0V
0.1
mA
II
voltage
SDn, RDn
VCC = MAX, VI = 7.0V
0.2
mA
I
High level input current
Jn, Kn, CPn
VCC = MAX V =2 7V
20
µA
IIH
High–level input current
SDn, RDn
VCC = MAX, VI = 2.7V
40
µA
I
Low level input current
Jn, Kn, CPn
VCC = MAX V =0 4V
–0.2
mA
IIL
Low–level input current
SDn, RDn
VCC = MAX, VI = 0.4V
–0.4
mA
IO
Output current3
VCC = MAX, VO = 2.25V
–30
–112
mA
ICC
Supply current (total)4
VCC = MAX
3.0
4.0
mA
NOTES:
1. For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions for the applicable type.
2. All typical values are at VCC = 5V, Tamb = 25°C.
3. The output conditions have been chosen to produce a current that closely approximates one half of the true short–circuit output current, IOS.
4. Measure ICC with the clock input grounded and all outputs open, then with Q and Q outputs High in turn.
AC ELECTRICAL CHARACTERISTICS
LIMITS
SYMBOL
PARAMETER
TEST CONDITION
Tamb = 0°C to +70°C
VCC = +5.0V ± 10%
CL = 50pF, RL = 500Ω
UNIT
MIN
MAX
fMAX
Maximum clock frequency
Waveform 1
80
MHz
tPLH
tPHL
Propagation delay
CPn to Qn or Qn
Waveform 1
3.0
3.0
14.0
14.0
ns
tPLH
tPHL
Propagation delay
SDn or RD to Qn or Qn
Waveform 2, 3
1.0
3.0
8.0
10.0
ns
AC SETUP REQUIREMENTS
LIMITS
SYMBOL
PARAMETER
TEST CONDITION
Tamb = 0°C to +70°C
VCC = +5.0V ± 10%
CL = 50pF, RL = 500Ω
UNIT
MIN
MAX
tsu (H)
tsu (L)
Setup time, High or Low
Jn, Kn to CPn
Waveform 1
6.0
6.0
ns
th (H)
th (L)
Hold time, High or Low
Jn, Kn to CPn
Waveform 1
0.0
0.0
ns
tw (H)
tw (L)
CPn Pulse width
High or Low
Waveform 1
6.0
6.0
ns
tw (L)
SDn or RDn Pulse width
Low
Waveform 2, 3
6.0
ns
trec
Recovery time, SDn or RDn to CPn
Waveform 2, 3
6.0
ns


Similar Part No. - 74ALS109AN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
74ALS1005 ETC1-74ALS1005 Datasheet
182Kb / 2P
   Hex Inverting Drivers with Open Collector Outputs
logo
NXP Semiconductors
74ALS10A PHILIPS-74ALS10A Datasheet
86Kb / 7P
   Triple 3-Input NAND gate
1991 Feb 08
74ALS10AD PHILIPS-74ALS10AD Datasheet
86Kb / 7P
   Triple 3-Input NAND gate
1991 Feb 08
74ALS10AN PHILIPS-74ALS10AN Datasheet
86Kb / 7P
   Triple 3-Input NAND gate
1991 Feb 08
More results

Similar Description - 74ALS109AN

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M74LS76AP MITSUBISHI-M74LS76AP Datasheet
231Kb / 4P
   DUAL J-K NEGATIVE EDGE-TRIGGERED FLIP FLOP WITH SET AND RESET
logo
Texas Instruments
CD54HC109 TI-CD54HC109 Datasheet
279Kb / 12P
[Old version datasheet]   Dual J-K Flip-Flop with Set and Reset Positive-Edge Trigger
CD54HC109 TI-CD54HC109_07 Datasheet
347Kb / 16P
[Old version datasheet]   Dual J-K Flip-Flop with Set and Reset Positive-Edge Trigger
CD74HC109 TI-CD74HC109 Datasheet
58Kb / 8P
[Old version datasheet]   Dual J-K Flip-Flop with Set and Reset Positive-Edge Trigger
CD54HC109 TI-CD54HC109_08 Datasheet
454Kb / 15P
[Old version datasheet]   Dual J-K Flip-Flop with Set and Reset Positive-Edge Trigger
logo
Integral Corp.
IN74ACT112 INTEGRAL-IN74ACT112 Datasheet
202Kb / 5P
   DUAL J-K FLIP-FLOP WITH SET AND RESET
logo
Intersil Corporation
CD54AC109 INTERSIL-CD54AC109 Datasheet
10Kb / 1P
   Dual J-K Flip-Flop with Set and Reset
CD54AC112 INTERSIL-CD54AC112 Datasheet
10Kb / 1P
   Dual “J-K” Flip-Flop with Set and Reset
June 1997
logo
Integral Corp.
IN74HCT109 INTEGRAL-IN74HCT109 Datasheet
144Kb / 5P
   DUAL J-K FLIP-FLOP WITH SET AND RESET
logo
Texas Instruments
CD54AC109 TI-CD54AC109 Datasheet
228Kb / 8P
[Old version datasheet]   Dual j-k Flip-Flop with Set and Reset
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com