Electronic Components Datasheet Search |
|
MAAP-000071-PKG003 Datasheet(PDF) 1 Page - Tyco Electronics |
|
MAAP-000071-PKG003 Datasheet(HTML) 1 Page - Tyco Electronics |
1 / 4 page Amplifier, Power, 1.6W 12.75-15.35 GHz M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. M/A-COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use or application of any product(s) or information. • North America Tel: 800.366.2266 / Fax: 978.366.2266 • Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 • Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit www.macom.com for additional data sheets and product information. Rev — Advance Information 1 MAAP-000071-PKG003 RoHS Compliant Features ♦ 1.6 Watt Saturated Output Power Level ♦ Variable Drain Voltage (6-10V) Operation ♦ MSAG™ Process Description The MAAP-000071-PKG0003 is a 4-stage 1.6 W power amplifier with on-chip bias networks in a 20 lead MLP package, allowing easy assembly. This product is fully matched to 50 ohms on both the input and output. It can be used as a power amplifier stage or as a driver stage in high power applications. Each device is 100% RF tested to ensure performance compliance. The part is fabricated using M/A-COM’s GaAs Multifunction Self- Aligned Gate (MSAG) Process. M/A-COM’s MSAG™ process features robust silicon-like manufac- turing processes, planar processing of ion implanted transistors and multiple implant capability enabling power, low-noise, switch and digital FETs on a single chip. The use of refractory metals and the absence of platinum in the gate metal formulation prevents hy- drogen poisoning when employed in hermetic packaging. Primary Applications ♦ Point-to-Point Radios ♦ 13 and 15 GHz Bands 1. TB = MMIC Base Temperature 2. Adjust VGG between –2.6 and –1.2V to achieve specified Idq. Parameter Symbol Typical Units Bandwidth f 12.75-15.35 GHz Output Power POUT 32 dBm 1-dB Compression Point P1dB 31 dBm Small Signal Gain G 24 dB Input VSWR VSWR 1.4:1 Gate Current IGG 10 mA Drain Current IDD 1400 mA Output VSWR VSWR 2.7:1 Power Added Efficiency PAE 19 % Output Third Order Intercept TOI 40 dBm Third Order Intermod, Pout = 26 dBm (DCL) IM3 33 dBc Electrical Characteristics: TB = 30°C 1, Z 0 = 50 Ω, VDD = 8V, IDQ = 900mA 2, P in = 10 dBm, RG = 100 Ω YYWW AP071G XXXX MACOM (PIN 1) N/C N/C RF IN N/C N/C N/C N/C RF OUT N/C N/C Also Available in: Description Die Part Number MAAPGM0071-DIE Die Sample Board MAAP-000071-SMB004 Die Mechanical Sample MAAP-000071-MCH000 Packaged Sample Board MAAP-000071-SMB003 (Lead Free) Ceramic Package MAAPGM0071 |
Similar Part No. - MAAP-000071-PKG003 |
|
Similar Description - MAAP-000071-PKG003 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |