Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAAPGM0021 Datasheet(PDF) 5 Page - Tyco Electronics

Part # MAAPGM0021
Description  Amplifier, Power, 2W 5.0-8.5 GHz
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAAPGM0021 Datasheet(HTML) 5 Page - Tyco Electronics

  MAAPGM0021 Datasheet HTML 1Page - Tyco Electronics MAAPGM0021 Datasheet HTML 2Page - Tyco Electronics MAAPGM0021 Datasheet HTML 3Page - Tyco Electronics MAAPGM0021 Datasheet HTML 4Page - Tyco Electronics MAAPGM0021 Datasheet HTML 5Page - Tyco Electronics MAAPGM0021 Datasheet HTML 6Page - Tyco Electronics MAAPGM0021 Datasheet HTML 7Page - Tyco Electronics MAAPGM0021 Datasheet HTML 8Page - Tyco Electronics MAAPGM0021 Datasheet HTML 9Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Amplifier, Power, 2W
5.0-8.5 GHz
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
Rev A
Preliminary Datasheet
5
MAAP-000021-PKG003
RoHS
Compliant
Figure 13. Power Added Efficiency vs. Input Power and Frequency
at VD = 6V and IDQ = 600mA
0
5
10
15
20
25
30
35
40
45
50
-6
-4
-2
0
2
4
6
8
1012
141618
Input Power (dBm)
5 GHz
7 GHz
8.5 GHz
Figure 14. Drain Current vs. Input Power and Frequency
at VD = 6V and IDQ = 600mA
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
-6
-4
-2
0
2
4
6
8
10
12
14
16
18
Input Power (dBm)
5 GHz
7 GHz
8.5 GHz
Figure 15. Power Added Efficiency vs. Input Power and Frequency
at VD = 8V and IDQ = 600mA
0
5
10
15
20
25
30
35
40
45
50
-6
-4
-2
0
2
4
6
8
1012
14161820
Input Power (dBm)
5 GHz
7 GHz
8.5 GHz
Figure 16. Drain Current vs. Input Power and Frequency
at VD = 8V and IDQ = 600mA
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
-6
-4
-2
0
2
4
6
8
10
12
14
16
18
20
Input Power (dBm)
5 GHz
7 GHz
8.5 GHz
Figure 17. Power Added Efficiency vs. Input Power and Frequency
at VD = 10V and IDQ = 600mA
0
5
10
15
20
25
30
35
40
45
50
-6
-4
-2
0
2
4
6
8
1012141618
2022
Input Power (dBm)
5 GHZ
7 GHZ
8.5 GHZ
Figure 18. Drain Current vs. Input Power and Frequency
at VD = 10V and IDQ = 600mA
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
-6
-4
-2
0
2
4
6
8
10
12
14
16
18
20
22
Input Power (dBm)
5 GHz
7 GHz
8.5 GHz


Similar Part No. - MAAPGM0021

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAPGM0021 MACOM-MAAPGM0021 Datasheet
234Kb / 5P
   5.0-8.5GHz 2W Power Amplifier
MAAPGM0021-DIE MACOM-MAAPGM0021-DIE Datasheet
404Kb / 6P
   2W C/X-Band Power Amplifier 4.5-9.0 GHz
More results

Similar Description - MAAPGM0021

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAPGM0021 MACOM-MAAPGM0021 Datasheet
234Kb / 5P
   5.0-8.5GHz 2W Power Amplifier
logo
Qorvo, Inc
TGA2752-SM QORVO-TGA2752-SM Datasheet
902Kb / 15P
   7.1 ??8.5 GHz Power Amplifier
logo
Tyco Electronics
MAAPGM0063-DIE MACOM-MAAPGM0063-DIE Datasheet
368Kb / 5P
   8.5-11.0 GHZ, 5W Power Amplifier
MA08509D MACOM-MA08509D_1 Datasheet
208Kb / 5P
   Amplifier, Power, 10W 8.5-10.5 GHz
MAAP-000068-PKG003 MACOM-MAAP-000068-PKG003 Datasheet
213Kb / 4P
   Amplifier, Power, 1.2W 5.7-8.5 GHz
MAAPGM0073-DIE MACOM-MAAPGM0073-DIE Datasheet
356Kb / 9P
   Amplifier, Power, 1.2W 4.0-8.5 GHz
logo
TriQuint Semiconductor
TGA2752-SM TRIQUINT-TGA2752-SM_15 Datasheet
1Mb / 17P
   7.1 to 8.5 GHz Power Amplifier
logo
Tyco Electronics
MAAPGM0068-DIE MACOM-MAAPGM0068-DIE Datasheet
473Kb / 8P
   Amplifier, Power, 1.2W 5.7-8.5 GHz
MAAP-000069-PKG003 MACOM-MAAP-000069-PKG003 Datasheet
207Kb / 4P
   Amplifier, Power, 2W 7.1-11.7 GHz
logo
TriQuint Semiconductor
TGA1141 TRIQUINT-TGA1141 Datasheet
518Kb / 6P
   33-36 GHz 2W Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com