Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

YF20132CF03NE Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # YF20132CF03NE
Description  4 Tumbler Miniature Switchlocks
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

YF20132CF03NE Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  YF20132CF03NE Datasheet HTML 1Page - List of Unclassifed Manufacturers YF20132CF03NE Datasheet HTML 2Page - List of Unclassifed Manufacturers YF20132CF03NE Datasheet HTML 3Page - List of Unclassifed Manufacturers YF20132CF03NE Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
03 (STD.) SOLDER LUG WITH HOLE
= Common
= Detent Positions (45
_ or 90_)
= Key pull possible in these positions.
= Stop Positions
LEGEND
C
All models
with all options when ordered with ‘G’ or ‘Q’ contact material.
Terminal numbers marked
on bottom of insulator.
TERMINAL NUMBERS
SWITCH AND LOCK FUNCTION
KEYING
NOTE: All orders keyed alike with code number on key. For more than one key code,
replacement keys, or other special features, consult Customer Service Center.
2 (STD.) TWO NICKEL PLATED BRASS KEYS
0029
.772
(19,6)
.174
(4,19)
1.435
(36,44)
.548
(13,91)
LOCK TYPE
C (STD.) 4 TUMBLER, SINGLE BITTED LOCK WITH DETENT
2 (STD.) STAINLESS STEEL FACING
8 GLOSS BLACK FACING
F POLISHED NICKEL PLATED FACING
LOCK FINISH
01 SOLDER LUG WITH NOTCH
02 PC THRU-HOLE
WC WIRE LEAD
Black wire standard, other colors and
lengths available, consult Customer
Service Center. UL style 1015.
YF0X & YF2X Models
TERMINATIONS
Key part number: 119091029
YF Series
4 Tumbler Miniature Switchlocks
H
H-13
C&K Components, Inc. Web Site: www.ckcorp.com Americas Sales Tel: 800-635-5936 Fax: 617-926-6846
Europe Sales Tel: +44-1536-521147 Fax: +44-1536-411602
S Asia Sales Tel: +852-2798-6393 Fax: +852-2751-9926
SINGLE POLE SWITCHES WITH COMMON
CONNECTED TERMINALS
NO.
POLES
MODEL
NO.
POS. 1
POS. 2
POS. 3
KEY PULL
POSITIONS
LOCK
CONFIGURATION
INDEXING
YF4513
Position 1
2
3
POS. 1
SP WITH
COMMON
YF451C
C-1
C-3
C-2
Position 3
POS. 1
2
3
45
°
YF451U
Positions 1 & 3
POS. 1
2
3
Rev. A 8/99


Similar Part No. - YF20132CF03NE

ManufacturerPart #DatasheetDescription
logo
Hubbell Incorporated.
YF2010ID HUBBELL-YF2010ID Datasheet
271Kb / 2P
   Elect Cu Single Insul Wire Ferrules, Smooth Funnel Entry, 20 AWG, 0.63" L, Tin Plated, Gray, For use on Cu Cond.
YF2010IT HUBBELL-YF2010IT Datasheet
271Kb / 2P
   Elect Cu Single Insul Wire Ferrules, Smooth Funnel Entry, 20 AWG, 0.63" L, Tin Plated, Blue, For use on Cu Cond.
YF2010IW HUBBELL-YF2010IW Datasheet
254Kb / 2P
   Elect Cu Single Insul Wire Ferrules, Smooth Funnel Entry, 20 AWG, 0.63" L, Tin Plated, White, For use on Cu Cond.
YF2010UI HUBBELL-YF2010UI Datasheet
259Kb / 2P
   Cu Alloy Bare Ferrule, Smooth Funnel Entry, 20 AWG, 0.39" L, Seamless bbl, Tin Plated, For Use On Cu Cond.
YF2012ID HUBBELL-YF2012ID Datasheet
271Kb / 2P
   Elect Cu Single Insul Wire Ferrules, Smooth Funnel Entry, 20 AWG, 0.71" L, Tin Plated, Gray, For use on Cu Cond.
More results

Similar Description - YF20132CF03NE

ManufacturerPart #DatasheetDescription
logo
ITT Industries
YF01132C2803NQ ITT-YF01132C2803NQ Datasheet
356Kb / 4P
   4 Tumbler Miniature Switchlocks
logo
C&K Components
YF01132C203NQ CK-COMPONENTS-YF01132C203NQ Datasheet
211Kb / 4P
   4 Tumbler Miniature Switchlocks
YM06132C205NQ CK-COMPONENTS-YM06132C205NQ Datasheet
182Kb / 3P
   4 Tumbler Miniature Switchlocks
logo
ITT Industries
YM06132C205NQ ITT-YM06132C205NQ Datasheet
319Kb / 3P
   4 Tumbler Miniature Switchlocks
logo
C&K Components
YM CK-COMPONENTS-YM Datasheet
470Kb / 3P
   4 Tumbler Miniature Switchlocks
2018
YF CK-COMPONENTS-YF Datasheet
534Kb / 4P
   4 Tumbler Miniature Switchlocks
PM CK-COMPONENTS-PM Datasheet
385Kb / 3P
   5 Tumbler Miniature Snap-in Switchlocks
27 Jun 22
logo
ITT Industries
W201132C205AQ ITT-W201132C205AQ Datasheet
464Kb / 5P
   4 & 6 Tumbler Switchlocks
Y100132A203NQ ITT-Y100132A203NQ Datasheet
582Kb / 8P
   4, 5 & 6 Tumbler Switchlocks
P101132CM03Q22 ITT-P101132CM03Q22 Datasheet
370Kb / 4P
   4 Tumbler Snap-in Switchlocks
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com