Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSMF-C166 Datasheet(PDF) 8 Page - Agilent(Hewlett-Packard)

Part # HSMF-C166
Description  Miniature Bi-Color Surface Mount Chip LEDs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSMF-C166 Datasheet(HTML) 8 Page - Agilent(Hewlett-Packard)

  HSMF-C166 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HSMF-C166 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HSMF-C166 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HSMF-C166 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HSMF-C166 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HSMF-C166 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HSMF-C166 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HSMF-C166 Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Reflow Soldering
For more information on
reflow soldering, refer to
Application Note 1060, Surface
Mounting SMT LED Indicator
Components
.
Storage Condition:
5 to 30
°C @ 60% RH max.
Baking is required under the
condition:
a) the blue silica gel indicator
becoming white/transparent
color
b) the pack has been open for
more than 1 week
Baking recommended condition:
60
± 5°C for 20 hours.
www.agilent.com/semiconductors
For product information and a complete list of
distributors, please go to our web site.
For technical assistance call:
Americas/Canada: +1 (800) 235-0312 or
(408) 654-8675
Europe: +49 (0) 6441 92460
China: 10800 650 0017
Hong Kong: (+65) 6271 2451
India, Australia, New Zealand: (+65) 6271 2394
Japan: (+81 3) 3335-8152(Domestic/Interna-
tional), or 0120-61-1280(Domestic Only)
Korea: (+65) 6271 2194
Malaysia, Singapore: (+65) 6271 2054
Taiwan: (+65) 6271 2654
Data subject to change.
Copyright © 2002 Agilent Technologies, Inc.
Obsoletes 5988-4258EN
April 6, 2002
5988-6146EN


Similar Part No. - HSMF-C166

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSMF-C166 AVAGO-HSMF-C166 Datasheet
154Kb / 9P
   Miniature Bi-Color Surface Mount ChipLEDs
More results

Similar Description - HSMF-C166

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
MSL-155XX UOT-MSL-155XX Datasheet
48Kb / 3P
   Surface Mount Bi-Color Chip LEDs
logo
AVAGO TECHNOLOGIES LIMI...
HSMF-C15X AVAGO-HSMF-C15X Datasheet
212Kb / 8P
   Bi-color Surface Mount Chip LEDs
logo
Broadcom Corporation.
HSMF-C153 BOARDCOM-HSMF-C153 Datasheet
153Kb / 8P
   Bi-color Surface Mount Chip LEDs
logo
AVAGO TECHNOLOGIES LIMI...
HSMF-C16X AVAGO-HSMF-C16X Datasheet
154Kb / 9P
   Miniature Bi-Color Surface Mount ChipLEDs
logo
Everlight Electronics C...
19-22SURSYGC EVERLIGHT-19-22SURSYGC Datasheet
177Kb / 12P
   Chip LEDs with Bi-Color(Multi-Color)
logo
HK TO-GRACE TECHNOLOGY ...
19-226-R6GHC-A03-2T TO-GRACE-19-226-R6GHC-A03-2T Datasheet
981Kb / 12P
   Chip LEDs with Bi-Color(Multi-Color)
logo
Everlight Electronics C...
19-226-R6GHC-A03-2T EVERLIGHT-19-226-R6GHC-A03-2T Datasheet
186Kb / 12P
   Chip LEDs with Bi-Color(Multi-Color)
logo
Unity Opto Technology
MSL-157RGB UOT-MSL-157RGB Datasheet
41Kb / 3P
   Surface Mount Full Color Chip LEDs
logo
AVAGO TECHNOLOGIES LIMI...
HSMF-C150 AVAGO-HSMF-C150 Datasheet
403Kb / 7P
   Bi Color Surface Mount ChipLED
logo
Dialight Corporation
597-77X1-2XX DIALIGHT-597-77X1-2XX Datasheet
37Kb / 2P
   Surface Mount LED Bi-Color
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com