Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S80204101DB Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # S80204101DB
Description  Slide Switches
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

S80204101DB Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  S80204101DB Datasheet HTML 1Page - List of Unclassifed Manufacturers S80204101DB Datasheet HTML 2Page - List of Unclassifed Manufacturers S80204101DB Datasheet HTML 3Page - List of Unclassifed Manufacturers S80204101DB Datasheet HTML 4Page - List of Unclassifed Manufacturers S80204101DB Datasheet HTML 5Page - List of Unclassifed Manufacturers S80204101DB Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
03
04 .500 HIGH
09 .250 HIGH
C1-CT
NOTE: Standard actuator color is black, other colors available, consult Customer Service Center. Alternate heights
are available with ‘03, 04, 09 and 10’ actuators, consult Customer Service Center. Models with ‘S1, S2, S3 and ST’
mounting style, subtract .090 (2, 29). Actuators ‘12’ and ‘13’ are available with DPST and DPDT models only.
(STD.) .335
 HIGH
NOTE: Actuator finish: matte.
If no color is specified, black will be
supplied. Colored actuator caps may
also be ordered separately and user
installed, see page L-9.
White 115-230 markings (std.).
Without markings.
Standard with all maintained models: S101, S102, S103, S202, S203, S501, S502, S601, S602, S701, S702, S801 and S802.
(STD.) WITH DETENT
1
Standard with all momentary models: S111, S112, S511, S512, S711 and S712.
(STD.) WITHOUT DETENT
2
Available with ‘S1, S2, S3
and ST’ mounting style only.
ACTUATOR
DETENT
SNAP-ON CAP
12 SCREWDRIVER SLOT
(WITH MARKING)
13 SCREWDRIVER SLOT
(WITHOUT MARKING)
SWITCH FUNCTION
NOTE:
and MOM. in table indicates momentary action.
All models
with all options when ordered with ‘G’ or ‘Q’ contact material.
Contacts make on side actuator thrown.
S Series
Slide Switches
E
E-32
C&K Components, Inc. Web Site: www.ckcorp.com Americas Sales Tel: 800-635-5936 Fax: 617-926-6846
Europe Sales Tel: +44-1536-521147 Fax: +44-1536-411602
S Asia Sales Tel: +852-2798-6393 Fax: +852-2751-9926
NO.
POLES
MODEL
NO.
AMP
RATING
SWITCH
FUNCTION
SCHEMATIC
AVAILABLE
MOUNTING
STYLES
S101 (STD.)
6
SPST
12
MM,SS
S102
6
SPDT
12
3
MS
S111
6
SPST – MOM.
12
MS
S112
6
SPDT – MOM.
12
3
MS,SS
S501
12
SPST
12
MS,SS
SP
S502
12
SPDT
12
3
MS,SS
SP
S511
12
SPST – MOM.
12
MS,SS
S512
12
SPDT – MOM.
12
3
MS,SS
S701
15
SPST
12
S1, S2, S3, ST
S702
15
SPDT
12
3
S1, S2, S3, ST
S711
15
SPST – MOM.
12
S1, S2, S3, ST
S712
15
SPDT – MOM.
12
3
S1, S2, S3, ST
OPTION
CODE2
C1-CT CAP
COLOR
C2
(STD.) BLACK
C1
WHITE
C3
RED
CT
BEIGE
NO.
POLES
MODEL
NO.
AMP
RATING
SWITCH
FUNCTION
SCHEMATIC
AVAILABLE
MOUNTING
STYLES
S201
6
DPST
12
45
MS,SS
S202 (STD.)
6
DPDT
12
45
3
6
MS,SS
S601
12
DPST
12
45
MS,SS
DP
S602
12
DPDT
12
45
3
6
MS,SS
S801
15
DPST
12
45
S1, S2, S3, ST
S802 (STD.)
15
DPDT
12
45
3
6
S1, S2, S3, ST
Rev. A 8/99


Similar Part No. - S80204101DB

ManufacturerPart #DatasheetDescription
logo
C&K Components
S802031SS03Q CK-COMPONENTS-S802031SS03Q Datasheet
339Kb / 5P
   S Series Slide Switches
logo
Teccor Electronics
S8020L TECCOR-S8020L Datasheet
222Kb / 12P
   SCRs
logo
Littelfuse
S8020L LITTELFUSE-S8020L Datasheet
212Kb / 12P
   SCRs (1 A to 70 A)
S8020L LITTELFUSE-S8020L Datasheet
218Kb / 12P
   RoHS Compliant, Electrically-isolated package
logo
New Jersey Semi-Conduct...
S8020L NJSEMI-S8020L Datasheet
1Mb / 2P
   Electrical Specifications
More results

Similar Description - S80204101DB

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
EG1201 E-SWITCH-EG1201 Datasheet
412Kb / 5P
   SLIDE SWITCHES
logo
Grayhill, Inc
48ASSP1S2M6RBT GRAYHILL-48ASSP1S2M6RBT Datasheet
159Kb / 3P
   Slide Switches
logo
Copal Electronics
CES COPAL-CES Datasheet
880Kb / 4P
   SLIDE SWITCHES
CRFS COPAL-CRFS Datasheet
961Kb / 3P
   SLIDE SWITCHES
logo
List of Unclassifed Man...
CAS-120TB1 ETC1-CAS-120TB1 Datasheet
221Kb / 6P
   SLIDE SWITCHES
logo
ITT Industries
S101031SS03Q ITT-S101031SS03Q Datasheet
398Kb / 5P
   Slide Switches
logo
C&K Components
S102031MS02Q CK-COMPONENTS-S102031MS02Q Datasheet
340Kb / 5P
   Slide Switches
logo
Copal Electronics
CL-SB COPAL-CL-SB Datasheet
883Kb / 9P
   SLIDE SWITCHES
logo
E-SWITCH
500 E-SWITCH-500 Datasheet
315Kb / 4P
   SLIDE SWITCHES
EG1300 E-SWITCH-EG1300 Datasheet
104Kb / 1P
   SLIDE SWITCHES
logo
C&K Components
S101031SS03DQE CK-COMPONENTS-S101031SS03DQE Datasheet
309Kb / 5P
   Slide Switches
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com