Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HLMA-PL00 Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # HLMA-PL00
Description  Subminiature High Performance AlInGaP LED Lamps
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMA-PL00 Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  HLMA-PL00 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMA-PL00 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMA-PL00 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMA-PL00 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMA-PL00 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMA-PL00 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HLMA-PL00 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HLMA-PL00 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HLMA-PL00 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
Device Selection Guide
Package
Viewing
Package
Part Number
λ
d (nm)
Typ. Iv (mcd)
Description
Angle 2
θ1/
2
Outline
HLMA-QL00
590
500
Domed,
15
°
B
HLMT-QL00
590
1000
Nondiffused,
HLMA-QJ00
605
500
Untinted
HLMA-QH00
615
500
HLMT-QH00
615
800
HLMA-QG00
626
500
HLMT-QG00
626
1000
HLMA-QF00
635
500
HLMA-PL00
590
75
Flat Top,
125
°
A
HLMT-PL00
590
150
Nondiffused,
HLMA-PJ00
605
75
Untinted
HLMA-PH00
615
75
HLMT-PH00
615
120
HLMA-PG00
626
75
HLMT-PG00
626
150
HLMA-PF00
635
75


Similar Part No. - HLMA-PL00

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HLMA-PL00 HP-HLMA-PL00 Datasheet
125Kb / 7P
   Subminiature High Performance AlInGaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMA-PL00 AVAGO-HLMA-PL00 Datasheet
77Kb / 9P
   Subminiature High Performance AlInGaP LED Lamps
logo
Broadcom Corporation.
HLMA-PL00 BOARDCOM-HLMA-PL00 Datasheet
580Kb / 10P
   Subminiature High Performance AlInGaP LED Lamps
HLMA-PL00-N00XX BOARDCOM-HLMA-PL00-N00XX Datasheet
580Kb / 10P
   Subminiature High Performance AlInGaP LED Lamps
HLMA-PL00-PRRXX BOARDCOM-HLMA-PL00-PRRXX Datasheet
580Kb / 10P
   Subminiature High Performance AlInGaP LED Lamps
More results

Similar Description - HLMA-PL00

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMT-QL00 AVAGO-HLMT-QL00 Datasheet
77Kb / 9P
   Subminiature High Performance AlInGaP LED Lamps
logo
Broadcom Corporation.
HLMA-QX00 BOARDCOM-HLMA-QX00 Datasheet
580Kb / 10P
   Subminiature High Performance AlInGaP LED Lamps
logo
Agilent(Hewlett-Packard...
HLMA-PH00 HP-HLMA-PH00 Datasheet
125Kb / 7P
   Subminiature High Performance AlInGaP LED Lamps
logo
Unity Opto Technology
MVL-514TUYL UOT-MVL-514TUYL Datasheet
39Kb / 2P
   High Performance AlInGaP LED Lamps
MVL-5A4TUYL UOT-MVL-5A4TUYL Datasheet
41Kb / 2P
   High Performance AlInGaP LED Lamps
MVL-514SO UOT-MVL-514SO Datasheet
37Kb / 2P
   Performance AlInGaP LED Lamps
logo
Broadcom Corporation.
HLMP-P106 BOARDCOM-HLMP-P106 Datasheet
668Kb / 11P
   Subminiature High-Performance Red LED Lamps
HLMP-ELXX BOARDCOM-HLMP-ELXX Datasheet
280Kb / 13P
   Precision Optical Performance AlInGaP II LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMA-KL00 AVAGO-HLMA-KL00 Datasheet
259Kb / 7P
   T-1 (3 mm), High Performance AlInGaP LED Lamps
HLMP-ED16-WZ0DD AVAGO-HLMP-ED16-WZ0DD Datasheet
342Kb / 13P
   Precision Optical Performance AlInGaP II LED Lamps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com