Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


HSDL-3201 Datasheet(PDF) 4 Page - Agilent(Hewlett-Packard)

Part No. HSDL-3201
Description  IrDA Data 1.2 Low Power Compliant 115.2 kb/s Infrared Transceiver
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HP [Agilent(Hewlett-Packard)]
Homepage  http://www.home.agilent.com
Logo 

 
 4 page
background image
4
Recommended Operating Conditions
Parameter
Symbol
Min.
Max.
Units
Conditions
Notes
Operating Temperature
TA
-25
85
°C
Supply Voltage
VCC
2.7
3.6
V
LED Supply Voltage
VLED
2.7
6.0
V
TXD, SD Input
Logic High
VIH
2/3 VCC
VCC
V
Voltage
Logic Low
VIL
0
1/3 VCC
V
Receiver Input
Logic High
EIH
0.0081
500
mW/cm2
For in-band signals.
7
Irradiance
Logic Low
EIL
0.3
µW/cm2
For in-band signals.
7
Receiver Data Rate
2.4
115.2
kb/s
RXD Output Waveform
LED Optical Waveform
TXD “Stuck ON” Protection
Receiver Wakeup Time Definition
Transmitter Wakeup Time Definition
tf
VOH
90%
50%
10%
VOL
tpw
tr
tf
LED OFF
90%
50%
10%
LED ON
tpw
tr
tpw (MAX.)
TXD
LED
RX
LIGHT
tRW
RXD
SD
TX
LIGHT
tTW
TXD
SD




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HSDL-3003IrDA Data Compliant Low Power 115.2 kbit/s with Remote Control Infrared Transceiver 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
HSDL-3203Small Profile Package IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
HSDL-3209IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
HSDL3208Ultra Small Profile Package IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
HSDL-3200IrDA Data 1.4 Compliant 115.2 Kb/s Infrared Transceiver 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
HSDL-3210IrDA Compliant Low Power 1.15 Mbit/s Infrared Transceiver 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
RPM870-H7IrDA wireless communication transceiver IC supports Ver. 1.2 Low Power 1 2 3 4 5 MoreRohm
RPM870-H14IrDA wireless communication transceiver IC supports Ver. 1.2 Low Power 1 2 3 4 5 MoreRohm

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl