Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HLMA-QF00 Datasheet(PDF) 5 Page - Agilent(Hewlett-Packard)

Part # HLMA-QF00
Description  Subminiature High Performance AlInGaP LED Lamps
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMA-QF00 Datasheet(HTML) 5 Page - Agilent(Hewlett-Packard)

  HLMA-QF00 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMA-QF00 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMA-QF00 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMA-QF00 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMA-QF00 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMA-QF00 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HLMA-QF00 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HLMA-QF00 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HLMA-QF00 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
Proper Right Angle Mounting to a PC Board to Prevent Protruding Cathode Tab
from Shorting to Anode Connection.
NO. ANODE DOWN.
YES. CATHODE DOWN.
CATHODE
TAB
Absolute Maximum Ratings at TA = 25°C
Parameter
HLMA-xxxx
HLMT-xxxx
Unit
Peak Forward Current[2]
100
100
mA
Average Forward Current (IPEAK = 100 mA)[1,2]
30
37
mA
DC Forward Current[3,5,6]
50
50
mA
Power Dissipation
105
120
mW
Reverse Voltage (IR = 100 µA)
5
V
Transient Forward Current (10
µs Pulse)[5]
500
mA
Operating Temperature Range
–40 to +100
°C
Storage Temperature Range
–55 to +100
°C
LED Junction Temperature
110
°C
Lead Soldering Temperature
[1.6 mm (0.063 in.) from body]
260
°C for 5 seconds
SMT Reflow Soldering Temperatures
Convective Reflow
235
°C Peak, above 183°C for 90 seconds
Vapor Phase Reflow
215
°C for 3 minutes
Notes:
1. Maximum IAVG at f = 1 kHz.
2. Refer to Figure 5 to establish pulsed operating conditions.
3. Derate linearly as shown in Figure 4.
4. The transient peak current is the maximum non-recurring peak current these devices can withstand without damaging the LED die
and wire bonds. Operation at currents above Absolute Maximum Peak Forward Current is not recommended.
5. Drive currents between 10 mA and 30 mA are recommended for best long term performance.
6. Operation at currents below 5 mA is not recommended, please contact your Agilent sales representative.


Similar Part No. - HLMA-QF00

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMA-QF00 AVAGO-HLMA-QF00 Datasheet
77Kb / 9P
   Subminiature High Performance AlInGaP LED Lamps
logo
Broadcom Corporation.
HLMA-QF00 BOARDCOM-HLMA-QF00 Datasheet
580Kb / 10P
   Subminiature High Performance AlInGaP LED Lamps
HLMA-QF00-S00XX BOARDCOM-HLMA-QF00-S00XX Datasheet
580Kb / 10P
   Subminiature High Performance AlInGaP LED Lamps
More results

Similar Description - HLMA-QF00

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMT-QL00 AVAGO-HLMT-QL00 Datasheet
77Kb / 9P
   Subminiature High Performance AlInGaP LED Lamps
logo
Broadcom Corporation.
HLMA-QX00 BOARDCOM-HLMA-QX00 Datasheet
580Kb / 10P
   Subminiature High Performance AlInGaP LED Lamps
logo
Agilent(Hewlett-Packard...
HLMA-PH00 HP-HLMA-PH00 Datasheet
125Kb / 7P
   Subminiature High Performance AlInGaP LED Lamps
logo
Unity Opto Technology
MVL-514TUYL UOT-MVL-514TUYL Datasheet
39Kb / 2P
   High Performance AlInGaP LED Lamps
MVL-5A4TUYL UOT-MVL-5A4TUYL Datasheet
41Kb / 2P
   High Performance AlInGaP LED Lamps
MVL-514SO UOT-MVL-514SO Datasheet
37Kb / 2P
   Performance AlInGaP LED Lamps
logo
Broadcom Corporation.
HLMP-P106 BOARDCOM-HLMP-P106 Datasheet
668Kb / 11P
   Subminiature High-Performance Red LED Lamps
HLMP-ELXX BOARDCOM-HLMP-ELXX Datasheet
280Kb / 13P
   Precision Optical Performance AlInGaP II LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMA-KL00 AVAGO-HLMA-KL00 Datasheet
259Kb / 7P
   T-1 (3 mm), High Performance AlInGaP LED Lamps
HLMP-ED16-WZ0DD AVAGO-HLMP-ED16-WZ0DD Datasheet
342Kb / 13P
   Precision Optical Performance AlInGaP II LED Lamps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com