Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HLMT-QH00 Datasheet(PDF) 8 Page - Agilent(Hewlett-Packard)

Part # HLMT-QH00
Description  Subminiature High Performance AlInGaP LED Lamps
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMT-QH00 Datasheet(HTML) 8 Page - Agilent(Hewlett-Packard)

Back Button HLMT-QH00 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMT-QH00 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMT-QH00 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMT-QH00 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HLMT-QH00 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HLMT-QH00 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HLMT-QH00 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HLMT-QH00 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HLMT-QH00 Datasheet HTML 11Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
Figure 2a. Forward Current vs.
Forward Voltage. HLMA-xxxx.
Figure 2b. Forward Current vs.
Forward Voltage. HLMT-xxxx.
Figure 3b. Relative Luminous
Intensity vs. DC Forward Current.
HLMT-xxxx.
Figure 3a. Relative Luminous
Intensity vs. DC Forward Current.
HLMA-xxxx.
Figure 4. Maximum Forward Current
vs. Ambient Temperature.
0
0
TA – AMBIENT TEMPERATURE – °C
40
80
50
40
30
20
10
20
60
100
R
θJ-A = 380° C/W
R
θJ-A = 476° C/W
Figure 5a. Maximum Average Current
vs. Peak Forward Current for
HLMA-xxxx.
Figure 5b. Maximum Average Current
vs. Peak Forward Current for
HLMT-xxxx.
50
0
IPEAK – PEAK FORWARD CURRENT – mA
83
50
40
30
20
10
67
100
f > 1 KHz
f > 300 Hz
f > 100 Hz
58
75
92
1.5
0
VF – FORWARD VOLTAGE – V
3.0
100
60
40
2.0
2.5
80
3.5
20
10
30
50
70
90
0
0
IF – DC FORWARD CURRENT – mA
20
40
2.5
1.5
1.0
10
30
2.0
50
0.5
0
0
IF – DC FORWARD CURRENT – mA
20
40
4.0
2.0
1.0
10
30
60
3.0
50
1.0
0
VF – FORWARD VOLTAGE – V
2.5
100
60
1.5
2.0
3.0
20
40
80
50
0
IPEAK – PEAK FORWARD CURRENT – mA
50
40
30
20
10
75
100
f > 1 KHz


Similar Part No. - HLMT-QH00

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HLMT-QH00 HP-HLMT-QH00 Datasheet
125Kb / 7P
   Subminiature High Performance AlInGaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMT-QH00 AVAGO-HLMT-QH00 Datasheet
77Kb / 9P
   Subminiature High Performance AlInGaP LED Lamps
logo
Broadcom Corporation.
HLMT-QH00 BOARDCOM-HLMT-QH00 Datasheet
580Kb / 10P
   Subminiature High Performance AlInGaP LED Lamps
HLMT-QH00-T00XX BOARDCOM-HLMT-QH00-T00XX Datasheet
580Kb / 10P
   Subminiature High Performance AlInGaP LED Lamps
HLMT-QH00-WX0XX BOARDCOM-HLMT-QH00-WX0XX Datasheet
580Kb / 10P
   Subminiature High Performance AlInGaP LED Lamps
More results

Similar Description - HLMT-QH00

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMT-QL00 AVAGO-HLMT-QL00 Datasheet
77Kb / 9P
   Subminiature High Performance AlInGaP LED Lamps
logo
Broadcom Corporation.
HLMA-QX00 BOARDCOM-HLMA-QX00 Datasheet
580Kb / 10P
   Subminiature High Performance AlInGaP LED Lamps
logo
Agilent(Hewlett-Packard...
HLMA-PH00 HP-HLMA-PH00 Datasheet
125Kb / 7P
   Subminiature High Performance AlInGaP LED Lamps
logo
Unity Opto Technology
MVL-514TUYL UOT-MVL-514TUYL Datasheet
39Kb / 2P
   High Performance AlInGaP LED Lamps
MVL-5A4TUYL UOT-MVL-5A4TUYL Datasheet
41Kb / 2P
   High Performance AlInGaP LED Lamps
MVL-514SO UOT-MVL-514SO Datasheet
37Kb / 2P
   Performance AlInGaP LED Lamps
logo
Broadcom Corporation.
HLMP-P106 BOARDCOM-HLMP-P106 Datasheet
668Kb / 11P
   Subminiature High-Performance Red LED Lamps
HLMP-ELXX BOARDCOM-HLMP-ELXX Datasheet
280Kb / 13P
   Precision Optical Performance AlInGaP II LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMA-KL00 AVAGO-HLMA-KL00 Datasheet
259Kb / 7P
   T-1 (3 mm), High Performance AlInGaP LED Lamps
HLMP-ED16-WZ0DD AVAGO-HLMP-ED16-WZ0DD Datasheet
342Kb / 13P
   Precision Optical Performance AlInGaP II LED Lamps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com