Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HLMP-4015 Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # HLMP-4015
Description  T-1 3/4, 2 mm x 5 mm Rectangular Bicolor LED Lamps
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-4015 Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  HLMP-4015 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-4015 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-4015 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-4015 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-4015 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-4015 Datasheet HTML 6Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Agilent HLMP-40xx, HLMP-08xx
T-1 3/4, 2 mm x 5 mm Rectangular
Bicolor LED Lamps
Data Sheet
Description
The T-1 3/4 HLMP-40xx and 2 mm
by 5 mm rectangular HLMP-08xx
are three leaded bicolor light
sources designed for a variety of
applications where dual state
illumination is required in the same
package. There are two LED chips,
mounted on a central common
cathode lead for maximum on-axis
viewability. Colors between the two
chips can be generated by
independently pulse width
modulating the LED chips.
Features
• Two color operation
• Three leads with one common
cathode
• Option of straight or spread leads
configuration
• Diffused, wide visibility range
Selection Guide
Min. Luminous Intensity Iv (mcd)
Package
Part Number
Color
Green
Red
Yellow
IF (mA)
T-1 3/4
HLMP-4000
Green/HER
4.2
2.1
10
HLMP-4000#xxx
4.2
2.1
10
HLMP-4015
Green/Yellow
20.0
20
20
Rectangular
HLMP-0800
Green/HER
2.6
2.1
20
HLMP-0805
Green/Yellow
2.6
1.4
20


Similar Part No. - HLMP-4015

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-4015 AVAGO-HLMP-4015 Datasheet
192Kb / 6P
   T-1 3/4, 2 mm x 5 mm Rectangular Bicolor LED Lamps
logo
Broadcom Corporation.
HLMP-4015 BOARDCOM-HLMP-4015 Datasheet
192Kb / 6P
   T-1 3/4, 2 mm x 5 mm Rectangular Bicolor LED Lamps
More results

Similar Description - HLMP-4015

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-4000 AVAGO-HLMP-4000 Datasheet
192Kb / 6P
   T-1 3/4, 2 mm x 5 mm Rectangular Bicolor LED Lamps
logo
Broadcom Corporation.
HLMP-40XX BOARDCOM-HLMP-40XX Datasheet
192Kb / 6P
   T-1 3/4, 2 mm x 5 mm Rectangular Bicolor LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-S100 HP-HLMP-S100_1 Datasheet
132Kb / 9P
   2 mm x 5 mm Rectangular LED Lamps
HLMP-S100 HP-HLMP-S100 Datasheet
151Kb / 4P
   2 mm x 5 mm Rectangular LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-S501-C0000 AVAGO-HLMP-S501-C0000 Datasheet
424Kb / 8P
   2 mm x 5 mm Rectangular LED Lamps
logo
Broadcom Corporation.
HLMP-S100 BOARDCOM-HLMP-S100 Datasheet
255Kb / 8P
   2 mm x 5 mm Rectangular LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-4000 HP-HLMP-4000 Datasheet
154Kb / 4P
   T-13/4, 2 mm X 5 mm Rectangular Bicolor LED Lamps High Efficiency Red/ High Performance Green
HLMP-DB25-B00XX HP-HLMP-DB25-B00XX Datasheet
217Kb / 6P
   T-1 3/4 (5 mm), T-1 (3 mm) Blue LED Lamps
logo
Fairchild Semiconductor
MV5439A FAIRCHILD-MV5439A Datasheet
160Kb / 4P
   3 LEAD BICOLOR T-1 3/4 (5 mm) SOLID STATE LAMPS
MV5433 FAIRCHILD-MV5433 Datasheet
150Kb / 4P
   3 LEAD BICOLOR T-1 3/4 (5 mm) SOLID STATE LAMPS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com