Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HLMA-QJ00 Datasheet(PDF) 6 Page - Agilent(Hewlett-Packard)

Part # HLMA-QJ00
Description  Subminiature High Performance AlInGaP LED Lamps
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMA-QJ00 Datasheet(HTML) 6 Page - Agilent(Hewlett-Packard)

Back Button HLMA-QJ00 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMA-QJ00 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMA-QJ00 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMA-QJ00 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMA-QJ00 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HLMA-QJ00 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HLMA-QJ00 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HLMA-QJ00 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HLMA-QJ00 Datasheet HTML 10Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
Optical Characteristics at TA = 25°C
Luminous
Color,
Viewing
Luminous
Intensity
Total Flux
Peak
Dominant
Angle
Efficacy
IV (mcd)
φ
V (mlm)
Wavelength Wavelength
2
θ
1/2
η
v
[5]
@ 20 mA[1]
@ 20 mA[2]
λ
peak (nm)
λ
d
[3] (nm)
Degrees[4]
(lm/w)
Part Number
Min.
Typ.
Max.
Typ.
Typ.
Typ.
Typ.
Typ.
HLMA-QL00-S00xx
160
500
250
592
590
15
480
HLMA-QL00-TU0xx
250
800
250
592
590
15
480
HLMA-QL00-TUKxx
250
800
250
592
590
15
480
HLMA-QL00-TVBxx
250
1250
250
592
590
15
480
HLMA-QL00-TVKxx
250
1250
250
592
590
15
480
HLMA-QL00-UV0xx
400
1250
250
592
590
15
480
HLMA-QL00-UVRxx
400
1250
250
592
590
15
480
HLMA-QL00-UWBxx 400
2000
250
592
590
15
480
HLMT-QL00-T00xx
250
1000
800
592
590
15
480
HLMA-QJ00-S00xx
160
500
250
609
605
15
370
HLMA-QH00-S00xx
160
500
250
621
615
15
263
HLMA-QH00-T00xx
250
500
250
621
615
15
263
HLMA-QH00-UW0xx 400
2000
250
621
615
15
263
HLMT-QH00-T00xx
250
500
800
621
615
15
263
HLMT-QH00-WX0xx 1000
3200
800
621
615
15
263
HLMA-QG00-S00xx
160
500
250
635
626
15
150
HLMA-QG00-TV0xx
125
1250
250
635
626
15
150
HLMT-QG00-T00xx
250
1000
800
635
626
15
150
HLMA-QF00-S00xx
160
500
250
650
635
15
110
HLMA-PL00-N00xx
25
75
250
592
590
125
480
HLMA-PL00-PRRxx
40
200
250
592
590
125
480
HLMA-PL00-PRXxx
40
200
250
592
590
125
480
HLMA-PL00-QRXxx
63
200
250
592
590
125
480
HLMT-PL00-P0Wxx
40
150
800
592
590
125
480
HLMA-PJ00-N00xx
25
75
250
609
605
125
370
HLMA-PH00-N00xx
25
75
250
621
615
125
263
HLMT-PH00-P00xx
40
120
800
621
615
125
263
HLMA-PG00-N00xx
25
75
250
635
626
125
150
HLMT-PG00-P00xx
40
150
800
635
626
125
150
HLMA-PF00-N00xx
25
75
250
640
635
125
110
Notes:
1. The luminous intensity, Iv, is measured at the mechanical axis of the lamp package. The actual peak of the spatial radiation pattern may
not be aligned with this axis.
2.
φ
v is the total luminous flux output as measured with an integrating sphere.
3. The dominant wavelength,
λ
d, is derived from the CIE Chromaticity Diagram and represents the color of the device.
4.
θ
1/2 is the off-axis angle where the liminous intensity is 1/2 the peak intensity.
5. Radiant intensity, Ie, in watts/steradian, may be calculated from the equation Ie = Ivv, where Iv is the luminous intensity in candelas and
η
v is the luminous efficacy in lumens/watt.


Similar Part No. - HLMA-QJ00

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMA-QJ00 AVAGO-HLMA-QJ00 Datasheet
77Kb / 9P
   Subminiature High Performance AlInGaP LED Lamps
logo
Broadcom Corporation.
HLMA-QJ00 BOARDCOM-HLMA-QJ00 Datasheet
580Kb / 10P
   Subminiature High Performance AlInGaP LED Lamps
HLMA-QJ00-S00XX BOARDCOM-HLMA-QJ00-S00XX Datasheet
580Kb / 10P
   Subminiature High Performance AlInGaP LED Lamps
More results

Similar Description - HLMA-QJ00

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMT-QL00 AVAGO-HLMT-QL00 Datasheet
77Kb / 9P
   Subminiature High Performance AlInGaP LED Lamps
logo
Broadcom Corporation.
HLMA-QX00 BOARDCOM-HLMA-QX00 Datasheet
580Kb / 10P
   Subminiature High Performance AlInGaP LED Lamps
logo
Agilent(Hewlett-Packard...
HLMA-PH00 HP-HLMA-PH00 Datasheet
125Kb / 7P
   Subminiature High Performance AlInGaP LED Lamps
logo
Unity Opto Technology
MVL-514TUYL UOT-MVL-514TUYL Datasheet
39Kb / 2P
   High Performance AlInGaP LED Lamps
MVL-5A4TUYL UOT-MVL-5A4TUYL Datasheet
41Kb / 2P
   High Performance AlInGaP LED Lamps
MVL-514SO UOT-MVL-514SO Datasheet
37Kb / 2P
   Performance AlInGaP LED Lamps
logo
Broadcom Corporation.
HLMP-P106 BOARDCOM-HLMP-P106 Datasheet
668Kb / 11P
   Subminiature High-Performance Red LED Lamps
HLMP-ELXX BOARDCOM-HLMP-ELXX Datasheet
280Kb / 13P
   Precision Optical Performance AlInGaP II LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMA-KL00 AVAGO-HLMA-KL00 Datasheet
259Kb / 7P
   T-1 (3 mm), High Performance AlInGaP LED Lamps
HLMP-ED16-WZ0DD AVAGO-HLMP-ED16-WZ0DD Datasheet
342Kb / 13P
   Precision Optical Performance AlInGaP II LED Lamps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com